Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

DS64BR111 Datasheet(PDF) 3 Page - Texas Instruments

No. de pieza DS64BR111
Descripción Electrónicos  DS64BR111 Ultra Low Power 6.4 Gbps 2-Channel Repeaters with Input Equalization and Output De-Emphasis
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

DS64BR111 Datasheet(HTML) 3 Page - Texas Instruments

  DS64BR111_13 Datasheet HTML 1Page - Texas Instruments DS64BR111_13 Datasheet HTML 2Page - Texas Instruments DS64BR111_13 Datasheet HTML 3Page - Texas Instruments DS64BR111_13 Datasheet HTML 4Page - Texas Instruments DS64BR111_13 Datasheet HTML 5Page - Texas Instruments DS64BR111_13 Datasheet HTML 6Page - Texas Instruments DS64BR111_13 Datasheet HTML 7Page - Texas Instruments DS64BR111_13 Datasheet HTML 8Page - Texas Instruments DS64BR111_13 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 39 page
background image
INA+
INA-
OUTB+
INB+
INB-
OUTA+
OUTA-
OUTB-
SMBUS AND
CONTROL
VDD
24
23
22
21
20
19
11
12
8
10
9
7
VDD
AD1/EQA1
AD0/EQA0
DS64BR111
www.ti.com
SNLS343C – SEPTEMBER 2011 – REVISED APRIL 2013
Pin Diagram
(1)
The center DAP on the package bottom is the device GND connection. This pad must be connected to GND through
multiple (minimum of 4) vias to ensure optimal electrical and thermal performance.
DS64BR111 Pin Diagram 24 lead
PIN DESCRIPTIONS
Pin Name
Pin
I/O, Type(1)
Pin Description
Number
Differential High Speed I/O's
INA+, INA- ,
24, 23
I, CML
Inverting and non-inverting CML differential inputs to the equalizer. An on-chip
INB+, INB-,
11, 12
50
Ω termination resistor connects INx+ to VDD and INx- to VDD when
enabled.
OUTA+, OUTA-,
7, 8
O,CML
Inverting and non-inverting 50
Ω driver outputs with de-emphasis. Compatible
OUTB+, OUTB-,
20, 19
with AC coupled CML inputs.
Control Pins
ENSMB
3
I, LVCMOS Float
System Management Bus (SMBus) enable pin
Tie HIGH = Register Access, SMBus Slave mode
FLOAT = SMBus Master read from External EEPROM
Tie LOW = External Pin Control Mode
ENSMB = 1 (SMBUS MODE)
SCL
5
I, LVCMOS
ENSMB Master or Slave mode
O, Open Drain
SMBUS clock input pin is enabled. A clock input in Slave mode. Can also be a
clock output in Master mode.
SDA
4
I, LVCMOS,
ENSMB Master or Slave mode
O, OPEN Drain
The SMBus bidirectional SDA pin is enabled. Data input or open drain (pull-
down only) output.
(1)
LVCMOS inputs without the “Float” conditions must be driven to a logic low or high at all times or operation is not specified. Unless the
"Float" level is desired; 4-Level input pins require a minimum 1K resistor to GND, VDD (in 2.5V mode), or VIN (in 3.3V mode). For
additional information, Table 1 Table 5
Input edge rate for LVCMOS/FLOAT inputs must be faster than 50 ns from 10–90%
Copyright © 2011–2013, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: DS64BR111


Número de pieza similar - DS64BR111_13

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
DS64BR111SQ TI1-DS64BR111SQ Datasheet
678Kb / 39P
[Old version datasheet]   Ultra Low Power 6.4 Gbps 2-Channel Repeaters with Input Equalization and Output De-Emphasis
DS64BR111SQE TI1-DS64BR111SQE Datasheet
678Kb / 39P
[Old version datasheet]   Ultra Low Power 6.4 Gbps 2-Channel Repeaters with Input Equalization and Output De-Emphasis
More results

Descripción similar - DS64BR111_13

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
DS64BR111 TI1-DS64BR111 Datasheet
678Kb / 39P
[Old version datasheet]   Ultra Low Power 6.4 Gbps 2-Channel Repeaters with Input Equalization and Output De-Emphasis
DS100BR111A TI1-DS100BR111A Datasheet
3Mb / 35P
[Old version datasheet]   Ultra Low Power 10.3 Gbps 2-Channel Repeaters with Input Equalization and Output De-Emphasis
DS100BR111A TI1-DS100BR111A_14 Datasheet
6Mb / 39P
[Old version datasheet]   Ultra Low Power 10.3 Gbps 2-Channel Repeaters with Input Equalization and Output De-Emphasis
DS100BR111A TI1-DS100BR111A_15 Datasheet
1Mb / 51P
[Old version datasheet]   Ultra Low Power 10.3 Gbps 1-Lane Repeaters with Input Equalization and Output De-Emphasis
DS100BR210 TI1-DS100BR210_15 Datasheet
1Mb / 53P
[Old version datasheet]   Ultra Low Power 10.3 Gbps 2-Channel Repeater with Input Equalization and Output De-Emphasis
DS100BR210 TI1-DS100BR210 Datasheet
1Mb / 39P
[Old version datasheet]   Ultra Low Power 10.3 Gbps 2-Channel Repeater with Input Equalization and Output De-Emphasis
DS100BR210 TI1-DS100BR210_14 Datasheet
1Mb / 44P
[Old version datasheet]   Ultra Low Power 10.3 Gbps 2-Channel Repeater with Input Equalization and Output De-Emphasis
DS100BR111 TI1-DS100BR111 Datasheet
1Mb / 39P
[Old version datasheet]   Ultra Low Power 10.3 Gbps 2-Channel Repeater with Input Equalization and Output De-Emphasis
DS100BR111 TI1-DS100BR111_13 Datasheet
1Mb / 43P
[Old version datasheet]   Ultra Low Power 10.3 Gbps 2-Channel Repeater with Input Equalization and Output De-Emphasis
DS125BR800 TI1-DS125BR800 Datasheet
1Mb / 59P
[Old version datasheet]   Low-Power 12.5-Gbps 8-Channel Repeater With Input Equalization and Output De-Emphasis
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com