Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

CSD95373BQ5M Datasheet(PDF) 3 Page - Texas Instruments

No. de pieza CSD95373BQ5M
Descripción Electrónicos  CSD95373BQ5M Synchronous Buck NexFET??Smart Power Stage
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

CSD95373BQ5M Datasheet(HTML) 3 Page - Texas Instruments

  CSD95373BQ5M_16 Datasheet HTML 1Page - Texas Instruments CSD95373BQ5M_16 Datasheet HTML 2Page - Texas Instruments CSD95373BQ5M_16 Datasheet HTML 3Page - Texas Instruments CSD95373BQ5M_16 Datasheet HTML 4Page - Texas Instruments CSD95373BQ5M_16 Datasheet HTML 5Page - Texas Instruments CSD95373BQ5M_16 Datasheet HTML 6Page - Texas Instruments CSD95373BQ5M_16 Datasheet HTML 7Page - Texas Instruments CSD95373BQ5M_16 Datasheet HTML 8Page - Texas Instruments CSD95373BQ5M_16 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
IOUT
REFIN
VDD
ENABLE
PGND
VSW
PWM
TAO/FAULT
FCCM
BOOT
BOOT_R
VIN
1
2
3
4
5
6
7
8
9
10
11
12
PGND
13
CSD95373BQ5M
www.ti.com
SLPS462 – JUNE 2014
5 Pin Configuration and Functions
Top View
Pin Functions
PIN
DESCRIPTION
NAME
NUMBER
Bootstrap capacitor connection. Connect a minimum of 0.1 µF 16 V X7R ceramic capacitor from BOOT to
BOOT
9
BOOT_R pins. The bootstrap capacitor provides the charge to turn on the control FET. The bootstrap diode is
integrated.
BOOT_R
8
Return path for HS gate driver, connected to VSW internally.
Enables device operation. If ENABLE = logic HIGH, turns on device. If ENABLE = logic LOW, the device is
ENABLE
3
turned off and both MOSFET gates are actively pulled low. An internal 100 k
Ω pulldown resistor will pull the
ENABLE pin LOW if left floating.
This pin enables the Diode Emulation function. When this pin is held LOW, Diode Emulation Mode is enabled for
FCCM
10
Sync FET. When FCCM is HIGH, the device is operated in Forced Continuous Conduction Mode. An internal 5-
µA current source will pull the FCCM pin to 3.3 V if left floating.
IOUT
1
Output of current sensing amplifier. V(IOUT) – V(REFIN) is proportional to the phase current.
PGND
4
Power ground, connected directly to pin 13.
PGND
13
Power ground.
Pulse width modulated 3-state input from external controller. Logic LOW sets control FET gate low and sync FET
PWM
12
gate high. Logic HIGH sets control FET gate high and sync FET gate low. Open or High Z sets both MOSFET
gates low if greater than the 3-state shutdown hold-off time (t3HT).
REFIN
2
External reference voltage input for current sensing amplifier.
Temperature analog output. Reports a voltage proportional to the die temperature. An ORing diode is integrated
TAO/
in the IC. When used in multiphase application, a single wire can be used to connect the TAO pins of all the ICs.
11
FAULT
Only the highest temperature will be reported. TAO will be pulled up to 3.3 V if thermal shutdown occurs. TAO
should be bypassed to PGND with a 1 nF 16 V X7R ceramic capacitor.
VDD
5
Supply voltage to gate driver and internal circuitry.
VIN
7
Input voltage pin. Connect input capacitors close to this pin.
VSW
6
Phase node connecting the HS MOSFET source and LS MOSFET drain - pin connection to the output inductor.
Copyright © 2014, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: CSD95373BQ5M


Número de pieza similar - CSD95373BQ5M_16

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
CSD95373BQ5M TI-CSD95373BQ5M_15 Datasheet
803Kb / 13P
[Old version datasheet]   CSD95373BQ5M Synchronous Buck NexFET??Smart Power Stage
More results

Descripción similar - CSD95373BQ5M_16

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
CSD95373BQ5M TI-CSD95373BQ5M_15 Datasheet
803Kb / 13P
[Old version datasheet]   CSD95373BQ5M Synchronous Buck NexFET??Smart Power Stage
CSD95481RWJ TI1-CSD95481RWJ Datasheet
809Kb / 15P
[Old version datasheet]   Synchronous Buck NexFET Smart Power Stage
CSD96497Q5MC TI1-CSD96497Q5MC Datasheet
249Kb / 11P
[Old version datasheet]   Synchronous buck NexFET smart power stage
CSD95492QVM TI1-CSD95492QVM Datasheet
774Kb / 14P
[Old version datasheet]   Synchronous Buck NexFET Smart Power Stage
CSD95495QVM TI1-CSD95495QVM Datasheet
774Kb / 14P
[Old version datasheet]   Synchronous Buck NexFET Smart Power Stage
CSD95491Q5MC TI1-CSD95491Q5MC Datasheet
765Kb / 14P
[Old version datasheet]   Synchronous Buck NexFET Smart Power Stage
CSD95482RWJ TI1-CSD95482RWJ Datasheet
270Kb / 12P
[Old version datasheet]   Synchronous Buck NexFET Smart Power Stage
CSD95378BQ5MC TI-CSD95378BQ5MC_15 Datasheet
802Kb / 14P
[Old version datasheet]   Synchronous Buck NexFET Smart Power Stage
CSD95472Q5MC TI1-CSD95472Q5MC_16 Datasheet
259Kb / 11P
[Old version datasheet]   Synchronous Buck NexFET Smart Power Stage
CSD95372BQ5M TI1-CSD95372BQ5M_16 Datasheet
796Kb / 13P
[Old version datasheet]   Synchronous Buck NexFET Smart Power Stage
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com