Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼
Nombre de pieza
         Descripción


DMP3028LK3 Datasheet(Hoja de datos) 3 Page - Diodes Incorporated

No. de Pieza. DMP3028LK3
Descripción  30V P-CHANNEL ENHANCEMENT MODE MOSFET
Descarga  7 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  DIODES [Diodes Incorporated]
Página de inicio  http://www.diodes.com
Logo 

   
 3 page
background image
DMP3028LK3
Document Number DS37257 Rev. 2 - 2
3 of 7
www.diodes.com
December 2014
© Diodes Incorporated
DMP3028LK3
-V
, DRAIN -SOURCE VOLTAGE (V)
Figure 1 Typical Output Characteristics
DS
0
5
10
15
20
0
1
2
3
4
5
V
= -2.5V
GS
V
= -3.0V
GS
V
= -4.5V
GS
V
= -4.0V
GS
V
= -3.5V
GS
V
= -10V
GS
V
= -5.0V
GS
-V
, GATE-SOURCE VOLTAGE (V)
GS
Figure 2 Typical Transfer Characteristics
0
5
10
15
20
0
1
2
3
4
5
T = 150 C
A
T = 125 C
A
T = 85 C
A
T = 25 C
A
T = -55 C
A
V
= -5.0V
DS
-I , DRAIN SOURCE CURRENT (A)
Figure 3 Typical On-Resistance vs.
Drain Current and Gate Voltage
D
0
0.01
0.02
0.03
0.04
0.05
0
5
10
15
20
25
30
V
= -4.5V
GS
V
= -10V
GS
-I , DRAIN SOURCE CURRENT (A)
Figure 4 Typical On-Resistance vs.
Drain Current and Temperature
D
0
0.01
0.02
0.03
0.04
0.05
0
2
4
6
8
10
12
14
16
18
20
T = -55°C
A
T = 25°C
A
T = 85°C
A
T = 125 C
A
T = 150 C
A
V
= -4.5V
GS
T , JUNCTION TEMPERATURE ( C)
J
Figure 5 On-Resistance Variation with Temperature
0.6
0.8
1
1.2
1.4
1.6
1.8
-50
-25
0
25
50
75
100
125
150
V
= -5V
I = -5A
GS
D
V
= -10V
I = -10A
GS
D
T , JUNCTION TEMPERATURE ( C)
J
Figure 6 On-Resistance Variation with Temperature
0
0.01
0.02
0.03
0.04
0.05
-50
-25
0
25
50
75
100
125
150
V
= -10V
I =
A
GS
D
-10
V
=
V
I =
A
GS
D
-5.0
-5.0




Html Pages

1  2  3  4  5  6  7 


Datasheet Download




Enlace URL

¿ALLDATASHEET es útil para Ud.?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl