Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

DMP3035SFG-13 Datasheet(PDF) 3 Page - Diodes Incorporated

No. de pieza DMP3035SFG-13
Descripción Electrónicos  30V P-CHANNEL ENHANCEMENT MODE MOSFET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  DIODES [Diodes Incorporated]
Página de inicio  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMP3035SFG-13 Datasheet(HTML) 3 Page - Diodes Incorporated

  DMP3035SFG-13 Datasheet HTML 1Page - Diodes Incorporated DMP3035SFG-13 Datasheet HTML 2Page - Diodes Incorporated DMP3035SFG-13 Datasheet HTML 3Page - Diodes Incorporated DMP3035SFG-13 Datasheet HTML 4Page - Diodes Incorporated DMP3035SFG-13 Datasheet HTML 5Page - Diodes Incorporated DMP3035SFG-13 Datasheet HTML 6Page - Diodes Incorporated DMP3035SFG-13 Datasheet HTML 7Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
POWERDI is a registered trademark of Diodes Incorporated
DMP3035SFG
Document number: DS35440 Rev. 3 - 2
3 of 7
www.diodes.com
May 2012
© Diodes Incorporated
DMP3035SFG
0.00001
0.0001
0.001
0.01
0.1
1
10
100
1,000
t1, PULSE DURATION TIMES (sec)
Fig. 3 Transient Thermal Resistance
0.001
0.01
0.1
1
R
(t) = r(t) * R
θθ
JA
JA
R
= 54°C/W
Duty Cycle, D = t1/ t2
θJA
D = 0.7
D = 0.9
D = 0.5
D = 0.3
D = 0.1
D = 0.05
D = 0.02
D = 0.01
D = 0.005
Single Pulse
Electrical Characteristics TA = 25°C unless otherwise specified
Characteristic
Symbol
Min
Typ
Max
Unit
Test Condition
OFF CHARACTERISTICS (Note 7)
Drain-Source Breakdown Voltage
BVDSS
-30
-
-
V
VGS = 0V, ID = -250μA
Zero Gate Voltage Drain Current
IDSS
-
-
-1.0
μA
VDS = -30V, VGS = 0V
Gate-Source Leakage
IGSS
-
-
±100
nA
VGS = ±25V, VDS = 0V
ON CHARACTERISTICS (Note 7)
Gate Threshold Voltage
VGS(th)
-1.0
-1.7
-2.5
V
VDS = VGS, ID = -250μA
Static Drain-Source On-Resistance
RDS (ON)
-
15
20
m
VGS = -10V, ID = -8A
-
21
29
VGS = -5V, ID = -5A
Forward Transfer Admittance
|Yfs|
-
22
-
S
VDS = -5V, ID = -10.0A
Diode Forward Voltage
VSD
-
-0.74
-1.0
V
VGS = 0V, IS = -1A
DYNAMIC CHARACTERISTICS (Note 8)
Input Capacitance
Ciss
-
1633
-
pF
VDS = -15V, VGS = 0V,
f = 1.0MHz
Output Capacitance
Coss
-
459
-
pF
Reverse Transfer Capacitance
Crss
-
214
-
pF
Gate Resistance
Rg
-
6.5
13
VDS = 0V, VGS = 0V, f = 1MHz
Total Gate Charge VGS = -4.5V
Qg
-
17
-
nC
VDS = -15V, VGS = -10V, ID = 8A
Total Gate Charge VGS = -10V
Qg
-
35.5
-
nC
Gate-Source Charge
Qgs
-
4.6
-
nC
Gate-Drain Charge
Qgd
-
5.7
-
nC
Turn-On Delay Time
tD(on)
-
8.5
-
ns
VGEN = -10V, VDD = -15V,
RGEN = 3Ω, ID = -15A
Turn-On Rise Time
tr
-
14
-
ns
Turn-Off Delay Time
tD(off)
-
50
-
ns
Turn-Off Fall Time
tf
-
25.8
-
ns
Notes:
5. Device mounted on FR-4 substrate PC board, 2oz copper, with minimum recommended pad layout.
6. Device mounted on FR-4 substrate PC board, 2oz copper, with 1inch square copper plate.
7. Short duration pulse test used to minimize self-heating effect.
8. Guaranteed by design. Not subject to product testing.


Número de pieza similar - DMP3035SFG-13

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Diodes Incorporated
DMP3035SFG-13 DIODES-DMP3035SFG-13 Datasheet
200Kb / 7P
   30V P-CHANNEL ENHANCEMENT MODE MOSFET POWERDI짰
More results

Descripción similar - DMP3035SFG-13

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
TECH PUBLIC Electronics...
IRF7316 TECHPUBLIC-IRF7316 Datasheet
2Mb / 5P
   -30V PP-Channel Enhancement Mode MOSFET
logo
Zetex Semiconductors
ZXM64P03X ZETEX-ZXM64P03X_05 Datasheet
331Kb / 7P
   30V P-CHANNEL ENHANCEMENT MODE MOSFET
logo
Taiwan Semiconductor Co...
TSM4835 TSC-TSM4835 Datasheet
172Kb / 5P
   30V P-Channel Enhancement Mode MOSFET
logo
Cystech Electonics Corp...
MTP452M3 CYSTEKEC-MTP452M3 Datasheet
285Kb / 8P
   30V P-CHANNEL Enhancement Mode MOSFET
logo
Diodes Incorporated
DMP32D4S DIODES-DMP32D4S_15 Datasheet
335Kb / 6P
   30V P-CHANNEL ENHANCEMENT MODE MOSFET
logo
TY Semiconductor Co., L...
DMG3401LSN TYSEMI-DMG3401LSN Datasheet
100Kb / 2P
   30V P-CHANNEL ENHANCEMENT MODE MOSFET
logo
Formosa MS
FMS2303 FORMOSA-FMS2303 Datasheet
1Mb / 8P
   30V P-Channel Enhancement Mode MOSFET
logo
Diodes Incorporated
ZXMP3A16N8 DIODES-ZXMP3A16N8 Datasheet
159Kb / 8P
   30V P-CHANNEL ENHANCEMENT MODE MOSFET
logo
Zetex Semiconductors
ZXM64P03X ZETEX-ZXM64P03X Datasheet
205Kb / 7P
   30V P-CHANNEL ENHANCEMENT MODE MOSFET
logo
Pan Jit International I...
PJA87P03 PANJIT-PJA87P03 Datasheet
2Mb / 6P
   30V P-Channel ENHANCEMENT MODE MOSFET
logo
Diodes Incorporated
DMP3008SFGQ DIODES-DMP3008SFGQ Datasheet
543Kb / 8P
   30V P-CHANNEL ENHANCEMENT MODE MOSFET
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com