Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼
Nombre de pieza
         Descripción


DMP3036SSD-13 Datasheet(Hoja de datos) 4 Page - Diodes Incorporated

No. de Pieza. DMP3036SSD-13
Descripción  P-CHANNEL ENHANCEMENT MODE MOSFET
Descarga  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  DIODES [Diodes Incorporated]
Página de inicio  http://www.diodes.com
Logo 

   
 4 page
background image
DMP3036SSD
Document number: DS37349 Rev.1 - 2
4 of 6
www.diodes.com
November 2014
© Diodes Incorporated
DMP3036SSD
T , JUNCTION TEMPERATURE ( C)
J
Figure 7 On-Resistance Variation with Temperature
0
0.005
0.01
0.015
0.02
0.025
0.03
-50
-25
0
25
50
75
100
125
150
V
= -20.0V
GS
I = -10.0A
D
V
= -5.0V
GS
I = -3.0A
D
V
= -10.0V
GS
I = -5.0A
D
T , JUNCTION TEMPERATURE (°C)
J
Figure 8 Gate Threshold Variation vs. Ambient Temperature
0.5
0.7
0.9
1.1
1.3
1.5
1.7
1.9
2.1
2.3
2.5
-50
-25
0
25
50
75
100
125
150
I = -1mA
D
I = -250µA
D
V
, SOURCE-DRAIN VOLTAGE (V)
SD
Figure 9 Diode Forward Voltage vs. Current
0
5
10
15
20
25
30
0
0.3
0.6
0.9
1.2
1.5
T = -55°C
A
T = 25°C
A
T = 85°C
A
T = 125°C
A
T = 150°C
A
V
, DRAIN-SOURCE VOLTAGE (V)
DS
Figure 10 Typical Drain-Source Leakage Current
vs. Voltage
0.1
1
10
100
1000
10000
0
5
10
15
20
25
30
T = 85°C
A
T = 125°C
A
T = 150°C
A
T = 25°C
A
V
, DRAIN-SOURCE VOLTAGE (V)
DS
Figure 11 Typical Junction Capacitance
10
100
1000
10000
0
5
10
15
20
25
30
f = 1MHz
Ciss
C oss
C rss
Q , TOTAL GATE CHARGE (nC)
g
Figure 12 Gate Charge
0
2
4
6
8
10
0
2
4
6
8
10
12
14
16
18
20
V
= -15V
DS
I = -10A
D




Html Pages

1  2  3  4  5  6 


Datasheet Download




Enlace URL

¿ALLDATASHEET es útil para Ud.?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl