Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

DMP3036SSS-13 Datasheet(PDF) 2 Page - Diodes Incorporated

No. de pieza DMP3036SSS-13
Descripción Electrónicos  P-CHANNEL ENHANCEMENT MODE MOSFET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  DIODES [Diodes Incorporated]
Página de inicio  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMP3036SSS-13 Datasheet(HTML) 2 Page - Diodes Incorporated

  DMP3036SSS-13 Datasheet HTML 1Page - Diodes Incorporated DMP3036SSS-13 Datasheet HTML 2Page - Diodes Incorporated DMP3036SSS-13 Datasheet HTML 3Page - Diodes Incorporated DMP3036SSS-13 Datasheet HTML 4Page - Diodes Incorporated DMP3036SSS-13 Datasheet HTML 5Page - Diodes Incorporated DMP3036SSS-13 Datasheet HTML 6Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
DMP3036SSS
Document number: DS36460 Rev. 3 - 2
2 of 6
www.diodes.com
April 2015
© Diodes Incorporated
DMP3036SSS
Maximum Ratings (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Value
Unit
Drain-Source Voltage
VDSS
-30
V
Gate-Source Voltage
VGSS
±25
V
Continuous Drain Current (Note 5) VGS = -10V
TC = +25°C
TC = +70°C
ID
-19.5
-15.6
A
TA = +25°C
TA = +70°C
ID
-11.4
-9.2
A
Pulsed Drain Current (10
μs pulse, duty cycle = 1%)
IDM
-80
A
Maximum Continuous Body Diode Forward Current (Note 6)
IS
-3.6
A
Avalanche Current (Note 7) L = 0.3mH
IAS
-17.5
A
Avalanche Energy (Note 7) L = 0.3mH
EAS
64
mJ
Thermal Characteristics (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Value
Units
Total Power Dissipation (Note 5)
TA = +25°C
PD
1.4
W
TA = +70°C
0.9
Thermal Resistance, Junction to Ambient (Note 5)
Steady State
RJA
88
°C/W
t<10s
37
Total Power Dissipation (Note 6)
TA = +25°C
PD
1.9
W
TA = +70°C
1.2
Thermal Resistance, Junction to Ambient (Note 6)
Steady State
RθJA
65
°C/W
t<10s
32
Thermal Resistance, Junction to Case (Note 6)
RθJC
11
Operating and Storage Temperature Range
TJ, TSTG
-55 to +150
°C
Electrical Characteristics (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Min
Typ
Max
Unit
Test Condition
OFF CHARACTERISTICS (Note 8)
Drain-Source Breakdown Voltage
BVDSS
-30
-
-
V
VGS = 0V, ID = -1mA
Zero Gate Voltage Drain Current TJ = +25°C
IDSS
-
-
-1.0
μA
VDS = -30V, VGS = 0V
Gate-Source Leakage
IGSS
-
-
±100
nA
VGS = ±25V, VDS = 0V
ON CHARACTERISTICS (Note 8)
Gate Threshold Voltage
VGS(th)
-1.0
-1.7
-3.0
V
VDS = VGS, ID = -250μA
Static Drain-Source On-Resistance
RDS (ON)
-
-
16
20
m
VGS = -10V, ID = -9A
22
29
VGS = -5V, ID = -7A
Diode Forward Voltage
VSD
-
-0.7
-1.0
V
VGS = 0V, IS = -1A
DYNAMIC CHARACTERISTICS (Note 9)
Input Capacitance
Ciss
-
1931
-
pF
VDS = -15V, VGS = 0V,
f = 1.0MHz
Output Capacitance
Coss
-
226
-
pF
Reverse Transfer Capacitance
Crss
-
168
-
pF
Gate Resistance
Rg
-
10.9
-
Ω
VDS = 0V, VGS = 0V, f = 1MHz
Total Gate Charge at (VGS = -5V)
Qg
-
8.8
-
nC
VDS = -15V, ID = -10A
Total Gate Charge at (VGS = -10V)
Qg
-
16.5
-
nC
VDS = -15V, ID = -10A
Gate-Source Charge
Qgs
-
2.6
-
nC
Gate-Drain Charge
Qgd
-
3.6
-
nC
Turn-On Delay Time
tD(on)
-
8.2
-
ns
VGEN = -10V, VDD = -15V,
RGEN = 3Ω, ID = -10A
Turn-On Rise Time
tr
-
14
-
ns
Turn-Off Delay Time
tD(off)
-
65
-
ns
Turn-Off Fall Time
tf
-
31.6
-
ns
Notes:
5. Device mounted on FR-4 substrate PC board, 2oz copper, with minimum recommended pad layout.
6. Device mounted on FR-4 substrate PC board, 2oz copper, with 1-inch square copper plate.
7. IAS and EAS rating are based on low frequency and duty cycles to keep TJ = +25°C.
8. Short duration pulse test used to minimize self-heating effect.
9. Guaranteed by design. Not subject to product testing.


Número de pieza similar - DMP3036SSS-13

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Diodes Incorporated
DMP3036SSS DIODES-DMP3036SSS_15 Datasheet
403Kb / 6P
   P-CHANNEL ENHANCEMENT MODE MOSFET
More results

Descripción similar - DMP3036SSS-13

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
AUK corp
STJ828SF AUK-STJ828SF Datasheet
300Kb / 4P
   P-Channel Enhancement-Mode MOSFET
logo
List of Unclassifed Man...
SI9405DY ETC1-SI9405DY Datasheet
156Kb / 4P
   P-Channel Enhancement-Mode MOSFET
logo
SYNC POWER Crop.
SPP2095 SYNC-POWER-SPP2095 Datasheet
200Kb / 8P
   P-Channel Enhancement Mode MOSFET
SPP1433 SYNC-POWER-SPP1433 Datasheet
203Kb / 8P
   P-Channel Enhancement Mode MOSFET
logo
Anpec Electronics Corop...
APM2095P ANPEC-APM2095P Datasheet
201Kb / 9P
   P-Channel Enhancement Mode MOSFET
APM3095P ANPEC-APM3095P Datasheet
140Kb / 9P
   P-Channel Enhancement Mode MOSFET
APM4461 ANPEC-APM4461 Datasheet
568Kb / 9P
   P-Channel Enhancement Mode MOSFET
APM3095PU ANPEC-APM3095PU Datasheet
185Kb / 10P
   P-Channel Enhancement Mode MOSFET
APM3195PU ANPEC-APM3195PU Datasheet
185Kb / 10P
   P-Channel Enhancement Mode MOSFET
APM4425K ANPEC-APM4425K Datasheet
119Kb / 10P
   P-Channel Enhancement Mode MOSFET
APM4435K ANPEC-APM4435K Datasheet
191Kb / 10P
   P-Channel Enhancement Mode MOSFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com