Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼
Nombre de pieza
         Descripción


DMP3050LVT-7 Datasheet(Hoja de datos) 4 Page - Diodes Incorporated

No. de Pieza. DMP3050LVT-7
Descripción  P-CHANNEL ENHANCEMENT MODE MOSFET
Descarga  7 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  DIODES [Diodes Incorporated]
Página de inicio  http://www.diodes.com
Logo 

   
 4 page
background image
DMP3050LVT
Document number: DS35748 Rev. 4 - 2
4 of 7
www.diodes.com
April 2016
© Diodes Incorporated
DMP3050LVT
0
0.02
0.04
0.06
0.08
0.10
-50
-25
0
25
50
75
100
125
150
T , JUNCTION TEMPERATURE ( C)
J
Fig. 7 On-Resistance Variation with Temperature
V
= -10V
I =
A
GS
D
-10
V
=
5V
I =
A
GS
D
-4.
-5
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
-50
-25
0
25
50
75
100
125 150
T , AMBIENT TEMPERATURE (癈 )
Fig. 8 Gate Threshold Variation vs. Ambient Temperature
A
0
4
8
12
16
20
0.4
0.6
0.8
1.0
1.2
1.4
-V
, SOURCE-DRAIN VOLTAGE (V)
Fig. 9 Diode Forward Voltage vs. Current
SD
10
1,000
10,000
100
0
5
10
15
20
25
30
-V
, DRAIN-SOURCE VOLTAGE (V)
Fig. 10 Typical Junction Capacitance
DS
Coss
Crss
f = 1MHz
Ciss
0
2
4
6
8
10
12
Q , TOTAL GATE CHARGE (nC)
Fig. 11 Gate-Charge Characteristics
g
0
2
4
6
8
10
0.01
0.1
1
10
100
0.1
1
10
100
VDS, DRAIN-SOURCE VOLTAGE (V)
Figure 12. SOA, Safe Operation Area
P
W =10s
P
W =100µs
DC
R
DS(ON) Limited
P
W =1ms
P
W =100ms
T
J(Max) = 150℃ TC = 25℃
Single Pulse
DUT on 1*MRP Board
V
GS= -10V
P
W =1s
P
W =10ms
(°C)




Html Pages

1  2  3  4  5  6  7 


Datasheet Download




Enlace URL

¿ALLDATASHEET es útil para Ud.?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl