Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼
Nombre de pieza
         Descripción


DMP3056L Datasheet(Hoja de datos) 1 Page - Diodes Incorporated

No. de Pieza. DMP3056L
Descripción  30V P-CHANNEL ENHANCEMENT MODE MOSFET
Descarga  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  DIODES [Diodes Incorporated]
Página de inicio  http://www.diodes.com
Logo 

   
 1 page
background image
DMP3056L
Document number: DS37386 Rev. 3 - 2
1 of 6
www.diodes.com
February 2016
© Diodes Incorporated
DMP3056L
30V P-CHANNEL ENHANCEMENT MODE MOSFET
SOT23
Ordering Information (Note 4)
Part Number
Case
Packaging
DMP3056L-7
SOT23
3000/Tape & Reel
DMP3056L-13
SOT23
10000/Tape & Reel
Notes:
1. No purposely added lead. Fully EU Directive 2002/95/EC (RoHS) & 2011/65/EU (RoHS 2) compliant.
2. See http://www.diodes.com/quality/lead_free.html
for more information about Diodes Incorporated’s definitions of Halogen- and Antimony-free, "Green"
and Lead-free.
3. Halogen- and Antimony-
free "Green” products are defined as those which contain <900ppm bromine, <900ppm chlorine (<1500ppm total Br + Cl) and
<1000ppm antimony compounds.
4. For packaging details, go to our website at http://www.diodes.com/products/packages.html.
Marking Information
Date Code Key
Year
2012
~
2016
2017
2018
2019
2020
2021
Code
Z
~
D
E
F
G
H
I
Month
Jan
Feb
Mar
Apr
May
Jun
Jul
Aug
Sep
Oct
Nov
Dec
Code
1
2
3
4
5
6
7
8
9
O
N
D
Product Summary
BVDSS
RDS(ON) MAX
ID MAX
TA = +25°C
-30V
50m
Ω @ VGS =-10V
-4.3A
70m
Ω @ VGS =-4.5V
-3.7A
Description and Applications
This new generation MOSFET has been designed to minimize the
on-state resistance (RDS(ON)) and yet maintain superior switching
performance, making it ideal for high efficiency power management
applications.
Features
Low On-Resistance
Low Gate Threshold Voltage
Low Input Capacitance
Fast Switching Speed
Low Input/Output Leakage
Totally Lead-Free & Fully RoHS Compliant (Notes 1 & 2)
Halogen and Antimony Free. “Green” Device (Note 3)
Mechanical Data
Case: SOT23
Case Material: Molded Plastic. UL Flammability Classification
Rating 94V-0
Moisture Sensitivity: Level 1 per J-STD-020
Terminals: Solderable per MIL-STD-202, Method 208
Lead Free Plating (Matte Tin Finish Annealed over Alloy 42
Leadframe)
Terminal Connections: See Diagram
Weight: 0.009 grams (Approximate)
Top View
D
G
S
Top View
Pin Configuration
6L = Product Type Marking Code
YM = Date Code Marking
Y or Y = Year (ex: D = 2016)
M = Month (ex: 9 = September)
D
S
G
Equivalent Circuit
6L
6L
e3




Html Pages

1  2  3  4  5  6 


Datasheet Download




Enlace URL

¿ALLDATASHEET es útil para Ud.?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl