Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼
Nombre de pieza
         Descripción


DMP3056L Datasheet(Hoja de datos) 3 Page - Diodes Incorporated

No. de Pieza. DMP3056L
Descripción  30V P-CHANNEL ENHANCEMENT MODE MOSFET
Descarga  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  DIODES [Diodes Incorporated]
Página de inicio  http://www.diodes.com
Logo 

   
 3 page
background image
DMP3056L
Document number: DS37386 Rev. 3 - 2
3 of 6
www.diodes.com
February 2016
© Diodes Incorporated
DMP3056L
0.0
2.0
4.0
6.0
8.0
10.0
12.0
0
1
2
3
4
5
-V
DS, DRAIN-SOURCE VOLTAGE (V)
Figure 1. Typical Output Characteristic
VGS=-2.5V
VGS=-3.0V
VGS=-4.0V
VGS=-4.5V
VGS=-10.0V
0
1
2
3
4
5
6
7
8
9
10
0
1
2
3
4
5
-V
GS, GATE-SOURCE VOLTAGE (V)
Figure 2. Typical Transfer Characteristic
V
DS=-5.0V
TA=-55℃
TA=25℃
TA=85℃
TA=125℃
TA=150℃
0.01
0.1
0
1
2
3
4
5
6
7
8
9
10
-I
D, DRAIN-SOURCE CURRENT (A)
Figure 3. Typical On-Resistance vs. Drain Current
and Gate Voltage
VGS=-4.5V
VGS=-10.0V
0
0.05
0.1
0.15
0.2
0
2
4
6
8
10
12
14
16
18
20
-V
GS, GATE-SOURCE VOLTAGE (V)
Figure 4. Typical Transfer Characteristic
ID=-5.0A
ID=-4.2A
0.02
0.03
0.04
0.05
0.06
0.07
0.08
0.09
0.1
1
2
3
4
5
6
7
8
9
10
-I
D, DRAIN CURRENT (A)
Figure 5. Typical On-Resistance vs. Drain Current
and Temperature
V
GS=-4.5V
TA=-55℃
TA=25℃
TA=85℃
TA=150℃
TA=125℃
0.6
0.8
1
1.2
1.4
1.6
-50
-25
0
25
50
75
100
125
150
T
J, JUNCTION TEMPERATURE (℃)
Figure 6. On-Resistance Variation with Temperature
VGS=-4.5V, ID=-3.7A
VGS=-10V, ID=-4.3A




Html Pages

1  2  3  4  5  6 


Datasheet Download




Enlace URL

¿ALLDATASHEET es útil para Ud.?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl