Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼
Nombre de pieza
         Descripción


DMP3065LVT-13 Datasheet(Hoja de datos) 4 Page - Diodes Incorporated

No. de Pieza. DMP3065LVT-13
Descripción  P-CHANNEL ENHANCEMENT MODE MOSFET
Descarga  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  DIODES [Diodes Incorporated]
Página de inicio  http://www.diodes.com
Logo 

   
 4 page
background image
DMP3065LVT
Document number: DS36697 Rev. 4 - 2
4 of 6
www.diodes.com
December 2014
© Diodes Incorporated
DMP3065LVT
0.02
0.04
0.06
0.08
0.1
-50
-25
0
25
50
75
100
125
150
T , JUNCTION TEMPERATURE ( C)
J
Figure 7 On-Resistance Variation with Temperature
V
= -10V
I =
A
GS
D
-4.9
V
=
5V
I =
A
GS
D
-4.
-3.7
0.6
0.8
1
1.2
1.4
1.6
1.8
2
2.2
-50
-25
0
25
50
75
100
125
150
T , AMBIENT TEMPERATURE (°C)
Figure 8 Gate Threshold Variation vs. Ambient Temperature
A
-I = 1mA
D
-I = 250µA
D
0
2
4
6
8
10
12
14
16
18
20
0
0.3
0.6
0.9
1.2
1.5
-V
, SOURCE-DRAIN VOLTAGE (V)
Figure 9 Diode Forward Voltage vs. Current
SD
T = 150°C
A
T = 125°C
A
T = 85°C
A
T = 25°C
A
T = -55°C
A
10
100
1000
10000
0
5
10
15
20
25
30
-V
, DRAIN-SOURCE VOLTAGE (V)
Figure 10 Typical Junction Capacitance
DS
C
oss
Crss
f = 1MHz
Ciss
0
2
4
6
8
10
0
2
4
6
8
10
12
14
Q , TOTAL GATE CHARGE (nC)
Figure 11 Gate-Charge Characteristics
g
V
= 15V
I = 4.9A
DS
D
V
, DRAIN-SOURCE VOLTAGE (V)
DS
Figure 12 SOA, Safe Operation Area
0.01
0.1
1
10
100
0.1
1
10
100
R DS(on)
Limited
DC
P
= 10s
W
P
= 1s
W
P
= 100ms
W
P
= 10ms
W
P
= 1ms
W
P
= 100µs
W
T
= 150°C
J (m ax )
T = 25°C
A
V
= 10V
GS
Single Pulse
DUT on 1 * MRP Board




Html Pages

1  2  3  4  5  6 


Datasheet Download




Enlace URL

¿ALLDATASHEET es útil para Ud.?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl