Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

CSD23201W10 Datasheet(PDF) 3 Page - Texas Instruments

No. de pieza CSD23201W10
Descripción Electrónicos  P-Channel NexFET Power MOSFET
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

CSD23201W10 Datasheet(HTML) 3 Page - Texas Instruments

  CSD23201W10_16 Datasheet HTML 1Page - Texas Instruments CSD23201W10_16 Datasheet HTML 2Page - Texas Instruments CSD23201W10_16 Datasheet HTML 3Page - Texas Instruments CSD23201W10_16 Datasheet HTML 4Page - Texas Instruments CSD23201W10_16 Datasheet HTML 5Page - Texas Instruments CSD23201W10_16 Datasheet HTML 6Page - Texas Instruments CSD23201W10_16 Datasheet HTML 7Page - Texas Instruments CSD23201W10_16 Datasheet HTML 8Page - Texas Instruments CSD23201W10_16 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
M0149-01
P-Chan 1.
0x1.
0 CSP TTA MAX Rev1
M0150-01
P-Chan 1.
0x1.
0 CSP TTA MIN Rev1
t
p – PulseDuration–s
G012
0.0001
0.01
0.1
10
1
0.001
0.00001
0.01
0.1
1
10
100
1k
0.001
0.0001
0.1
0.05
0.01
0.02
0.5
0.3
SinglePulse
DutyCycle=t /t
1 2
R
q
q
q
JA
J
JA
JA
=195 C/W(minCu)
T =P xZ
xR
°
t
1
t
2
P
CSD23201W10
www.ti.com
SLPS209A – AUGUST 2009 – REVISED MAY 2010
Max RqJA = 245°C/W
Max RqJA = 125°C/W
when mounted on
when mounted on
minimum pad area of 2
1inch2 of 2 oz. Cu.
oz. Cu.
TYPICAL MOSFET CHARACTERISTICS
(TA = 25°C unless otherwise stated)
Figure 1. Transient Thermal Impedance
Copyright © 2009–2010, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Link(s): CSD23201W10


Número de pieza similar - CSD23201W10_16

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
CSD23201W10 TI1-CSD23201W10 Datasheet
147Kb / 8P
[Old version datasheet]   P-Channel NexFET??Power MOSFET
More results

Descripción similar - CSD23201W10_16

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
CSD25213W10 TI-CSD25213W10 Datasheet
1Mb / 12P
[Old version datasheet]   P-Channel NexFET Power MOSFET
CSD25302Q2 TI-CSD25302Q2 Datasheet
138Kb / 9P
[Old version datasheet]   P-Channel NexFET??Power MOSFET
CSD25211W1015 TI-CSD25211W1015 Datasheet
789Kb / 10P
[Old version datasheet]   P-Channel NexFET??Power MOSFET
CSD25301W1015 TI1-CSD25301W1015 Datasheet
484Kb / 11P
[Old version datasheet]   P-Channel NexFET??Power MOSFET
CSD25303W1015 TI1-CSD25303W1015 Datasheet
223Kb / 10P
[Old version datasheet]   P-Channel NexFET??Power MOSFET
CSD22202W15 TI-CSD22202W15 Datasheet
999Kb / 12P
[Old version datasheet]   P-Channel NexFET Power MOSFET
CSD75301W1015 TI-CSD75301W1015 Datasheet
148Kb / 9P
[Old version datasheet]   P-Channel NexFET??Power MOSFET
CSD23201W10 TI1-CSD23201W10 Datasheet
147Kb / 8P
[Old version datasheet]   P-Channel NexFET??Power MOSFET
CSD75205W1015 TI-CSD75205W1015 Datasheet
298Kb / 11P
[Old version datasheet]   P-Channel NexFET Power MOSFET
CSD25201W15 TI1-CSD25201W15 Datasheet
323Kb / 9P
[Old version datasheet]   P-Channel NexFET??Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com