Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPS51225CRUKR Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
No. de pieza TPS51225CRUKR
Descripción Electrónicos  Dual Synchronous, Step-Down Controller
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

TPS51225CRUKR Datasheet(HTML) 5 Page - Texas Instruments

  TPS51225CRUKR Datasheet HTML 1Page - Texas Instruments TPS51225CRUKR Datasheet HTML 2Page - Texas Instruments TPS51225CRUKR Datasheet HTML 3Page - Texas Instruments TPS51225CRUKR Datasheet HTML 4Page - Texas Instruments TPS51225CRUKR Datasheet HTML 5Page - Texas Instruments TPS51225CRUKR Datasheet HTML 6Page - Texas Instruments TPS51225CRUKR Datasheet HTML 7Page - Texas Instruments TPS51225CRUKR Datasheet HTML 8Page - Texas Instruments TPS51225CRUKR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 31 page
background image
TPS51225, TPS51225B, TPS51225C
www.ti.com
SLUSAV0B – JANUARY 2012 – REVISED SEPTEMBER 2012
ELECTRICAL CHARACTERISTICS
over operating free-air temperature range, VVIN= 12 V, VVO1= 5 V, VVFB1= VVFB2= 2 V, VEN1= VEN2= 3.3 V (unless otherwise
noted)
PARAMETER
TEST CONDITION
MIN
TYP
MAX
UNIT
SUPPLY CURRENT
IVIN1
VIN supply current-1
TA = 25°C, No load, VVO1=0 V
860
μA
IVIN2
VIN supply current-2
TA = 25°C, No load
30
μA
IVO1
VO1 supply current
TA = 25°C, No load, VVFB1= VVFB2=2.05 V
900
μA
TA = 25°C, No load, VVO1= 0 V,
TPS51225
IVIN(STBY)
VIN stand-by current
95
μA
TPS51225B
VEN1= VEN2= 0 V
TA = 25°C, No load, VVO1=0 V, VEN1=VEN2=0V
IVIN(STBY)
VIN stand-by current
180
μA
(TPS51225C)
INTERNAL REFERENCE
TA = 25°C
1.99
2.00
2.01
V
VFBx
VFB regulation voltage
1.98
2.00
2.02
V
VREG5 OUTPUT
No load, VVO1= 0 V, TA = 25°C
4.9
5.0
5.1
VVREG5
VREG5 output voltage
VVIN> 7 V , VVO1= 0 V, IVREG5< 100 mA
4.85
5.00
5.10
V
VVIN > 5.5 V , VVO1= 0 V, IVREG5< 35 mA
4.85
5.00
5.10
IVREG5
VREG5 current limit
VVIN= 7 V, VVO1= 0 V, VVREG5= 4.5 V
100
150
mA
RV5SW
5-V switch resistance
VVO1= 5 V, IVREG5= 50 mA, TA = 25°C
1.8
Ω
VREG3 OUTPUT
No load, VVO1= 0 V, TA = 25°C
3.267
3.300
3.333
VVIN > 7 V , VVO1= 0 V, IVREG3< 100 mA
3.217
3.300
3.383
VVREG3
VREG3 output voltage
5.5 V < VVIN , VVO1= 0 V, IVREG3< 35 mA
3.234
3.300
3.366
V
VVIN > 5.5 V, VVO1 = 0 V, IVREG3< 35 mA, 0°C ≤ TA ≤ 85°C
3.267
3.300
3.333
VVIN > 5.5 V, VVO1 = 5 V, IVREG3< 35 mA, 0°C ≤ TA ≤ 85°C
3.267
3.300
3.333
IVREG3
VREG3 current limit
VVO1= 0 V, VVREG3= 3.0 V, VVIN= 7 V
100
150
mA
DUTY CYCLE and FREQUENCY CONTROL
fSW1
CH1 frequency(1)
TA = 25°C, VVIN= 20 V
240
300
360
kHz
fSW2
CH2 frequency(1)
TA = 25°C, VVIN= 20 V
280
355
430
kHz
tOFF(MIN)
Minimum off-time
TA = 25°C
200
300
500
ns
MOSFET DRIVERS
Source, (VVBST – VDRVH) = 0.25 V, (VVBST – VSW) = 5 V
3.0
RDRVH
DRVH resistance
Ω
Sink, (VDRVH – VSW) = 0.25 V, (VVBST – VSW) = 5 V
1.9
Source, (VVREG5 – VDRVL) = 0.25 V, VVREG5 = 5 V
3.0
RDRVL
DRVL resistance
Ω
Sink, VDRVL = 0.25 V, VVREG5= 5 V
0.9
DRVH-off to DRVL-on
12
tD
Dead time
ns
DRVL-off to DRVH-on
20
INTERNAL BOOT STRAP SWITCH
RVBST (ON)
Boost switch on-resistance
TA = 25°C, IVBST = 10 mA
13
Ω
IVBSTLK
VBST leakage current
TA = 25°C
1
µA
CLOCK OUTPUT
RVCLK (PU)
VCLK on-resistance (pull-up)
TA = 25°C
10
Ω
RVCLK (PD)
VCLK on-resistance (pull-down)
TA = 25°C
10
fCLK
Clock frequency
TA = 25°C
260
kHz
(1)
Ensured by design. Not production tested.
Copyright © 2012, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links :TPS51225 TPS51225B TPS51225C


Número de pieza similar - TPS51225CRUKR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS51225CRUKR TI1-TPS51225CRUKR Datasheet
1Mb / 31P
[Old version datasheet]   Dual Synchronous, Step-Down Controller with 5-V and 3.3-V LDOs
TPS51225CRUKR TI1-TPS51225CRUKR Datasheet
1Mb / 31P
[Old version datasheet]   Dual Synchronous, Step-Down Controller with 5-V and 3.3-V LDOs
More results

Descripción similar - TPS51225CRUKR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Vishay Siliconix
SIP12202 VISHAY-SIP12202 Datasheet
768Kb / 10P
   Synchronous Step Down Controller
Rev. A, 10-Oct-05
SIP12201 VISHAY-SIP12201 Datasheet
865Kb / 11P
   Synchronous Step Down Controller
Rev. A, 10-Oct-05
logo
Maxim Integrated Produc...
MAX17548 MAXIM-MAX17548 Datasheet
1Mb / 28P
   42V, Dual-Output, Synchronous Step-Down Controller
Rev 0; 2/17
logo
Texas Instruments
TPS5124 TI-TPS5124 Datasheet
265Kb / 16P
[Old version datasheet]   DUAL CHANNEL SYNCHRONOUS STEP DOWN PWM CONTROLLER
logo
Maxim Integrated Produc...
MAX17559 MAXIM-MAX17559 Datasheet
951Kb / 28P
   60V, Dual-Output, Synchronous Step-Down Controller
Rev 0; 6/15
logo
Texas Instruments
TPS5124 TI-TPS5124_15 Datasheet
271Kb / 18P
[Old version datasheet]   DUAL CHANNEL, SYNCHRONOUS STEP-DOWN PWM CONTROLLER
logo
ON Semiconductor
NCP5212A ONSEMI-NCP5212A Datasheet
336Kb / 19P
   Single Synchronous Step-Down Controller
May, 2009 ??Rev. 0
logo
Intersil Corporation
ISL8117 INTERSIL-ISL8117 Datasheet
918Kb / 23P
   Synchronous Step-down PWM Controller
June 4, 2015
logo
Linear Technology
LTC3850 LINER-LTC3850_15 Datasheet
595Kb / 38P
   Dual, 2-Phase Synchronous Step-Down Switching Controller
logo
STMicroelectronics
PM6681A STMICROELECTRONICS-PM6681A_08 Datasheet
2Mb / 47P
   Dual synchronous step-down controller with adjustable LDO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com