Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ADN2847ACP-48-RL Datasheet(PDF) 2 Page - Analog Devices

No. de pieza ADN2847ACP-48-RL
Descripción Electrónicos  3 V Dual-Loop 50 Mbps to 3.3 Gbps Laser Diode Driver
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

ADN2847ACP-48-RL Datasheet(HTML) 2 Page - Analog Devices

  ADN2847ACP-48-RL Datasheet HTML 1Page - Analog Devices ADN2847ACP-48-RL Datasheet HTML 2Page - Analog Devices ADN2847ACP-48-RL Datasheet HTML 3Page - Analog Devices ADN2847ACP-48-RL Datasheet HTML 4Page - Analog Devices ADN2847ACP-48-RL Datasheet HTML 5Page - Analog Devices ADN2847ACP-48-RL Datasheet HTML 6Page - Analog Devices ADN2847ACP-48-RL Datasheet HTML 7Page - Analog Devices ADN2847ACP-48-RL Datasheet HTML 8Page - Analog Devices ADN2847ACP-48-RL Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
REV. 0
–2–
ADN2847–SPECIFICATIONS
Parameter
Min
Typ
Max
Unit
Conditions/Comments
LASER BIAS (BIAS)
Output Current IBIAS
2
100
mA
Compliance Voltage
1.2
VCC
V
IBIAS during ALS
0.1
mA
ALS Response Time
5
µsI
BIAS < 10% of nominal
CCBIAS Compliance Voltage
1.2
VCC
V
MODULATION CURRENT (IMODP, IMODN)
2
Output Current IMOD
580
mA
Compliance Voltage
1.5
VCC
V
IMOD during ALS
0.1
mA
Rise Time (See Figure 4 for Typical Distribution)
3
80
120
ps
Fall Time (See Figure 5 for Typical Distribution)
3
80
120
ps
Random Jitter
3
1
1.5
ps
RMS
Pulsewidth Distortion
3
15
ps
IMOD = 40 mA
MONITOR PD (MPD, MPD2)
Current
50
1200
µAAverage Current
Compliance Voltage
1.65
V
POWER SET INPUT (PSET)
Capacitance
80
pF
Monitor Photodiode Current into RPSET Resistor
50
1200
µAAverage Current
Voltage
1.1
1.2
1.3
V
EXTINCTION RATIO SET INPUT (ERSET)
Allowable Resistance Range
1.2
25
k
Voltage
1.1
1.2
1.3
V
ALARM SET (ASET)
Allowable Resistance Range
1.2
25
k
Voltage
1.1
1.2
1.3
V
Hysteresis
5
%
CONTROL LOOP
Low Loop Bandwidth Selection
Time Constant
0.22
s
LBWSET = GND
2.25
s
LBWSET = VCC
DATA INPUTS (DATAP, DATAN, CLKP, CLKN)
4
V p-p (Single-Ended, Peak-to-Peak)
100
500
mV
Data and Clock Inputs Are
Input Impedance (Single-Ended)
50
AC-Coupled
tSETUP
5 (See Figure 1)
50
ps
tHOLD
5 (See Figure 1)
100
ps
LOGIC INPUTS (ALS, LBWSET, CLKSEL)
VIH
2.4
V
VIL
0.8
V
ALARM OUTPUTS (Internal 30 k
Ω Pull-Up)
VOH
2.4
V
VOL
0.8
V
IDTONE
Compliance Voltage
VCC –1.5
V
I
I
Ratio
OUT
IN


2
fIN
6
0.01
1
MHz
IBMON, IMMON, IMPDMON, IMPDMON2
IBMON, IMMON Division Ratio
100
A/A
IMPDMON, IMPDMON2
1
A/A
IMPDMON to IMPDMON2 Matching
2
%
IMPD = 1200
µA
Compliance Voltage
0
VCC –1.2
V
(V
CC = 3.0 V to 3.6 V. All specifications TMIN to TMAX, unless
otherwise noted.
1 Typical values as specified at 25 C.)
User to Supply Current Sink
in the Range of 50
µA to 4 mA


Número de pieza similar - ADN2847ACP-48-RL

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
ADN2847 AD-ADN2847_15 Datasheet
502Kb / 16P
   3.3 V Dual-Loop 50 Mbps to 3.3 Gbps Laser Diode Driver
REV. B
More results

Descripción similar - ADN2847ACP-48-RL

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
ADN2870 AD-ADN2870 Datasheet
764Kb / 20P
   3.3 V Dual-Loop, 50 Mbps to 3.3 Gbps Laser Diode Driver
REV. 0
ADN2847 AD-ADN2847_15 Datasheet
502Kb / 16P
   3.3 V Dual-Loop 50 Mbps to 3.3 Gbps Laser Diode Driver
REV. B
ADN2872 AD-ADN2872 Datasheet
588Kb / 20P
   3.3 V Dual-Loop, 50 Mbps to 3.3 Gbps Laser Diode Driver
REV. 0
ADN2870 AD-ADN2870_15 Datasheet
705Kb / 20P
   3.3 V Dual-Loop, 50 Mbps to 3.3 Gbps Laser Diode Driver
REV. A
ADN2848 AD-ADN2848_15 Datasheet
347Kb / 12P
   3.3 V Dual-Loop 50 Mbps to 1.25 Gbps Laser Diode Driver
REV. B
ADN2848 AD-ADN2848 Datasheet
254Kb / 12P
   3 V Dual-Loop 50 Mbps to 1.25 Gbps Laser Diode Driver
REV. 0
ADN2871 AD-ADN2871_15 Datasheet
768Kb / 20P
   3.3 V, 50 Mbps to 4.25 Gbps, Single-Loop, Laser Diode Driver
REV. A
ADN2873 AD-ADN2873 Datasheet
625Kb / 20P
   3.3 V, 50 Mbps to 4.25 Gbps, Single-Loop, Laser Diode Driver
REV. 0
ADN2871 AD-ADN2871 Datasheet
797Kb / 20P
   3.3 V, 50 Mbps to 4.25 Gbps Single-Loop Laser Diode Driver
REV. 0
ADN2841 AD-ADN2841_15 Datasheet
346Kb / 16P
   Dual-Loop, 50 Mbps to 2.7 Gbps Laser Diode Driver
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com