Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ADS1204IRHBR Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
No. de pieza ADS1204IRHBR
Descripción Electrónicos  FOUR 1-BIT, 10MHZ, 2ND-ORDER, DELTA-SIGMA MODULATORS
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

ADS1204IRHBR Datasheet(HTML) 9 Page - Texas Instruments

Back Button ADS1204IRHBR Datasheet HTML 5Page - Texas Instruments ADS1204IRHBR Datasheet HTML 6Page - Texas Instruments ADS1204IRHBR Datasheet HTML 7Page - Texas Instruments ADS1204IRHBR Datasheet HTML 8Page - Texas Instruments ADS1204IRHBR Datasheet HTML 9Page - Texas Instruments ADS1204IRHBR Datasheet HTML 10Page - Texas Instruments ADS1204IRHBR Datasheet HTML 11Page - Texas Instruments ADS1204IRHBR Datasheet HTML 12Page - Texas Instruments ADS1204IRHBR Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 21 page
background image
ADS1204
SBAS301A − OCTOBER 2003 − REVISED JUNE 2004
www.ti.com
9
TYPICAL CHARACTERISTICS (continued)
AVDD = 5V, BVDD = 3V, CH x+ = +0.5V to +4.5V, CH x− = +2.5V, REFIN = external, CLKSEL = 0, and 16-bit Sinc3 filter, with OSR = 256, unless
otherwise noted.
OFFSET vs POWER SUPPLY
4.5
4.6
4.7
4.8
4.9
5.0
5.1
5.2
5.3
5.4
5.5
Power Supply (V)
−1.2
−1.3
−1.4
−1.5
−1.6
−1.7
CLKIN = 20MHz
CLKIN = 32MHz
REFERENCE VOLTAGE vs TEMPERATURE
60
−40
−20
20
40
080
100
Temperature (
_C)
2.530
2.528
2.526
2.524
2.522
2.520
2.518
2.516
2.514
2.512
2.510
GAIN vs TEMPERATURE
60
−40
−20
20
40
080
100
Temperature (
_C)
0.5
0.4
0.3
0.2
0.1
0
CLKIN = 32MHz
CLKIN = 20MHz
GAIN MATCH vs TEMPERATURE
60
−40
−20
20
40
0
80
100
Temperature (
_C)
0.20
0.19
0.18
0.17
0.16
0.15
CLKIN = 32MHz
CLKIN = 20MHz
SIGNAL−TO−NOISE RATIO
vs TEMPERATURE
60
−40
−20
20
40
080
100
Temperature (
_C)
89.5
89.4
89.3
89.2
89.1
89.0
88.9
88.8
88.7
88.6
88.5
CLKIN = 32MHz
CLKIN = 20MHz
SIGNAL−TO−NOISE + DISTORTION
vs TEMPERATURE
60
−40
−20
20
40
0
80
100
Temperature (
_C)
89.2
89.0
88.8
88.6
88.4
88.2
88.0
87.8
87.6
CLKIN = 32MHz
CLKIN = 20MHz


Número de pieza similar - ADS1204IRHBR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
ADS1204IRHBR TI1-ADS1204IRHBR Datasheet
812Kb / 27P
[Old version datasheet]   Four 1-Bit, 10MHz, 2nd-Order Delta-Sigma Modulators
ADS1204IRHBR TI1-ADS1204IRHBR Datasheet
1Mb / 29P
[Old version datasheet]   Four 1-Bit, 10MHz, 2nd-Order Delta-Sigma Modulators
ADS1204IRHBRG4 TI1-ADS1204IRHBRG4 Datasheet
1Mb / 29P
[Old version datasheet]   Four 1-Bit, 10MHz, 2nd-Order Delta-Sigma Modulators
ADS1204IRHBRG4 TI1-ADS1204IRHBRG4 Datasheet
812Kb / 27P
[Old version datasheet]   Four 1-Bit, 10MHz, 2nd-Order Delta-Sigma Modulators
More results

Descripción similar - ADS1204IRHBR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
ADS1204 TI-ADS1204_15 Datasheet
968Kb / 28P
[Old version datasheet]   Four 1-Bit, 10MHz, 2nd-Order Delta-Sigma Modulators
ADS1204 TI1-ADS1204 Datasheet
812Kb / 27P
[Old version datasheet]   Four 1-Bit, 10MHz, 2nd-Order Delta-Sigma Modulators
ADS1204 TI1-ADS1204_14 Datasheet
1Mb / 29P
[Old version datasheet]   Four 1-Bit, 10MHz, 2nd-Order Delta-Sigma Modulators
ADS1209 TI-ADS1209_15 Datasheet
966Kb / 23P
[Old version datasheet]   Two 1-Bit, 10MHz, 2nd-Order Delta-Sigma Modulators
ADS1205 TI-ADS1205 Datasheet
300Kb / 22P
[Old version datasheet]   TWO 1-BIT, 10MHz, 2nd-ORDER DELTA-SIGMA MODULATORS
ADS1205 TI1-ADS1205 Datasheet
850Kb / 29P
[Old version datasheet]   Two 1-bit, 10Mhz, 2nd Order Delta-sigma Modulators
ADS1209 TI-ADS1209 Datasheet
432Kb / 20P
[Old version datasheet]   Two 1-Bit, 10MHz, 2nd-Order Delta-Sigma Modulators
ADS1205 TI-ADS1205_15 Datasheet
850Kb / 29P
[Old version datasheet]   Two 1-Bit, 10MHz,2nd-Order Delta-sigma Modulators
ADS1209 TI-ADS1209_1 Datasheet
415Kb / 20P
[Old version datasheet]   Two 1-Bit, 10MHz, 2nd-Order Delta-Sigma Modulators
ADS1209 TI1-ADS1209_14 Datasheet
1,020Kb / 24P
[Old version datasheet]   Two 1-Bit, 10MHz, 2nd-Order Delta-Sigma Modulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com