Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
ADUC702X Datasheet(PDF) 11 Page - Analog Devices |
|
ADUC702X Datasheet(HTML) 11 Page - Analog Devices |
11 / 80 page Preliminary Technical Data ADuC702x Series Rev. PrB | Page 11 of 80 Pin# ADuC702X 7020 7021 7022 Mnemonic Type* Function internal clock generator circuits 24 24 23 XCLKO O Output from the crystal oscillator inverter 25 25 24 XCLKI I Input to the crystal oscillator inverter and input to the internal clock generator circuits 26 26 25 P1.7/SPM7/PLAO[ 0] I/O Serial Port Multiplexed: General Purpose Input-Output Port 1.7 / UART / SPI / Programmable Logic Array Output Element 0 27 27 26 P1.6/SPM6/PLAI[6] I/O Serial Port Multiplexed: General Purpose Input-Output Port 1.6 / UART / SPI / Programmable Logic Array Input Element 6 28 28 27 P1.5/SPM5/PLAI[5] /IRQ3 I/O Serial Port Multiplexed: General Purpose Input-Output Port 1.5 / UART / SPI / Programmable Logic Array Input Element 5/ External Interrupt Request 3, active high 29 29 28 P1.4/SPM4/PLAI[4] /IRQ2 I/O Serial Port Multiplexed: General Purpose Input-Output Port 1.4 / UART / SPI / Programmable Logic Array Input Element 4/ External Interrupt Request 2, active high 30 30 29 P1.3/SPM3/PLAI[3] I/O Serial Port Multiplexed: General Purpose Input-Output Port 1.3/ UART / I2C1 /Programmable Logic Array Input Element 3 31 31 30 P1.2/SPM2/PLAI[2] I/O Serial Port Multiplexed: General Purpose Input-Output Port 1.2 / UART / I2C1 /Programmable Logic Array Input Element 2 32 32 31 P1.1/SPM1/PLAI[1] I/O Serial Port Multiplexed: General Purpose Input-Output Port 1.1 / UART / I2C0 / Programmable Logic Array Input Element 1 33 33 32 P1.0/T1/SPM0/PLA I[0] I/O Serial Port Multiplexed: General Purpose Input-Output Port 1.0/ Timer 1 Input / UART / I2C0 / Programmable Logic Array Input Element 0 34 - - P4.2/PLAO[10] I/O General Purpose Input-Output Port 4.2 / Programmable Logic Array Output Element 10 35 34 33 VREF I/O 2.5V internal Voltage Reference. Must be connected to a 0.47uF capacitor when using the internal reference. 36 35 34 AGND S Analog Ground. Ground reference point for the analog circuitry 37 36 35 AVDD S 3.3V Analog Power * I = Input, O = Output, S = Supply. - No pin assigned. |
Número de pieza similar - ADUC702X |
|
Descripción similar - ADUC702X |
|
|
Enlace URL |
Política de Privacidad |
ALLDATASHEET.ES |
¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |