Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SMSA283R3 Datasheet(PDF) 2 Page - Interpoint Corporation Company

No. de pieza SMSA283R3
Descripción Electrónicos  SMSA Single and Dual DC-DC Converters
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  INTERPOINT [Interpoint Corporation Company]
Página de inicio  http://www.interpoint.com
Logo INTERPOINT - Interpoint Corporation Company

SMSA283R3 Datasheet(HTML) 2 Page - Interpoint Corporation Company

  SMSA283R3_16 Datasheet HTML 1Page - Interpoint Corporation Company SMSA283R3_16 Datasheet HTML 2Page - Interpoint Corporation Company SMSA283R3_16 Datasheet HTML 3Page - Interpoint Corporation Company SMSA283R3_16 Datasheet HTML 4Page - Interpoint Corporation Company SMSA283R3_16 Datasheet HTML 5Page - Interpoint Corporation Company SMSA283R3_16 Datasheet HTML 6Page - Interpoint Corporation Company SMSA283R3_16 Datasheet HTML 7Page - Interpoint Corporation Company SMSA283R3_16 Datasheet HTML 8Page - Interpoint Corporation Company SMSA283R3_16 Datasheet HTML 9Page - Interpoint Corporation Company Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
Positive
Input
Inhibit
PWM
Control
Negative
Output
Output
Common
Positive
Output
Input
Common
Case
Ground
6
5
7
8
1
2
3
Feedback
Output Filter
Input Filter
Output Filter
Error
Amp
SMSA SINGLE AND DUAL
= DUAL OUTPUT
VRef
Figure 1: SmSa block Diagram
6
5
7
200 pF
3.9 K
10 K
Inhibit
SMSA
Input
Common
Positive
Input
10 K
Vcc
Typically 1.5 V
when inhibited
12 K
5 K
400 Ω
50 K
2N3904
Figure 2: inhibit interFace
Crane Aerospace & Electronics Power Solutions
SMSA Single and Dual DC-DC Converters
Page 2 of 15
28 Volt input – 5 Watt
www.craneae.com/interpoint
SMSA Rev AE - 2016.02.01


Número de pieza similar - SMSA283R3_16

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Interpoint Corporation ...
SMSA283R3S/KR INTERPOINT-SMSA283R3S/KR Datasheet
271Kb / 12P
   DC/DC CONVERTERS 28 VOLT INPUT
logo
Crane Aerospace & Elect...
SMSA283R3SKR CRANE-SMSA283R3SKR Datasheet
646Kb / 14P
   SMSA Single and Dual DC/DC Converters
More results

Descripción similar - SMSA283R3_16

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Crane Aerospace & Elect...
SMSA283R3SKR CRANE-SMSA283R3SKR Datasheet
646Kb / 14P
   SMSA Single and Dual DC/DC Converters
logo
Interpion semiconductor
SMFL INTERPION-SMFL Datasheet
483Kb / 13P
   Single and Dual DC/DC Converters
logo
Crane Aerospace & Elect...
SMFLH283R3SHO CRANE-SMFLH283R3SHO Datasheet
227Kb / 13P
   SMFLHP Single and Dual DC/DC Converters
logo
Interpoint Corporation ...
SLH28 INTERPOINT-SLH28 Datasheet
418Kb / 12P
   SLH Single and Dual DC-DC Converters
MHP270 INTERPOINT-MHP270_11 Datasheet
720Kb / 10P
   MHP270 Single and Dual DC/DC Converters
logo
Crane Aerospace & Elect...
MFLHP2805S CRANE-MFLHP2805S Datasheet
169Kb / 11P
   MFLHP Single and Dual DC/DC Converters
SLH2805S CRANE-SLH2805S Datasheet
548Kb / 10P
   SLH Single and Dual DC/DC Converters
SMFL283R3S CRANE-SMFL283R3S Datasheet
483Kb / 13P
   SMFL Single and Dual DC/DC Converters
logo
Interpoint Corporation ...
SMFLHP283R3S INTERPOINT-SMFLHP283R3S_16 Datasheet
313Kb / 15P
   SMFLHP Single and Dual DC-DC Converters
SMTR INTERPOINT-SMTR_16 Datasheet
347Kb / 14P
   SMTR Single and Dual DC-DC Converters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com