Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
SMFLHP2812D Datasheet(PDF) 4 Page - Interpoint Corporation Company |
|
SMFLHP2812D Datasheet(HTML) 4 Page - Interpoint Corporation Company |
4 / 15 page Angled corner indicates pin one. 1 2 3 4 5 6 12 11 10 9 8 7 TOP VIEW SMFLHP Standard Case (Pin side, marked side) pin out pin single output dual output 1 Positive Input Positive Input 2 Input Common Input Common 3 Triple (TRI) Triple (TRI) 4 Inhibit 1 (INH1) Inhibit 1 (INH1) 5 Sync Out Sync Out 6 Sync In Sync In 7 Positive Output Positive Output 8 Output Common Output Common 9 Sense Return Negative Output 10 Positive Sense No connection 11 Slave Slave 12 Master/Inhibit 2 (MSTR/INH2) Master/Inhibit 2 (MSTR/INH2) pins not in use Triple (TRI) Leave unconnected Inhibit 1 (INH1) Leave unconnected Sync Out Leave unconnected Sync In Connect to Input Common Sense Return Connect to appropriate outputs Positive Sense Connect to appropriate outputs Slave Leave unconnected Master/Inhibit 2 (MSTR/INH2) Leave unconnected See Figure 18 on page 12 and Figure 19 on page 13 for dimensions. Case V has the same pin out. Figure 3: pin Out table 1: pin Out table 2: pinS nOt in uSe Crane Aerospace & Electronics Power Solutions www.craneae.com/interpoint Page 4 of 15 sMFLHp single and dual dc-dc converters 28 VoLt input – 100 Watt Rev AC - 2016.02.17 |
Número de pieza similar - SMFLHP2812D |
|
Descripción similar - SMFLHP2812D |