Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SMTR Datasheet(PDF) 10 Page - Interpoint Corporation Company

No. de pieza SMTR
Descripción Electrónicos  SMTR Single and Dual DC-DC Converters
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  INTERPOINT [Interpoint Corporation Company]
Página de inicio  http://www.interpoint.com
Logo INTERPOINT - Interpoint Corporation Company

SMTR Datasheet(HTML) 10 Page - Interpoint Corporation Company

Back Button SMTR_16 Datasheet HTML 6Page - Interpoint Corporation Company SMTR_16 Datasheet HTML 7Page - Interpoint Corporation Company SMTR_16 Datasheet HTML 8Page - Interpoint Corporation Company SMTR_16 Datasheet HTML 9Page - Interpoint Corporation Company SMTR_16 Datasheet HTML 10Page - Interpoint Corporation Company SMTR_16 Datasheet HTML 11Page - Interpoint Corporation Company SMTR_16 Datasheet HTML 12Page - Interpoint Corporation Company SMTR_16 Datasheet HTML 13Page - Interpoint Corporation Company SMTR_16 Datasheet HTML 14Page - Interpoint Corporation Company  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
Typical performance ploTs:
28 Vin, 25°c Tc, 100% load, free run, unless oTherwise specified.
These are examples for reference only and are not guaranteed specifications.
Figure 15
OUTPUT LOAD (%)
COND. B: 50% LOAD +V, 50% to 10% –V
COND. A: 50% LOAD –V, 50% to 10% +V
CROSS REGULATION
–8
0
8
10
20
30
40
50
–7
–6
–5
–4
–3
–2
–1
1
2
3
4
5
6
7
COND A
COND B
2812D
2812D
2815D
2805D
2805D
50 μs/div
10%
50%
SMTR2815D +VOUT STEP LOAD RESPONSE
3W to 15W
15W to 3W
–POUT=15W (50%)
Figure 16
200 µs/div
SMTR2815D TURN-ON INTO NO LOAD
VIN
+VOUT
–VOUT
Figure 17
OUTPUT POWER (WATTS)
1% DROP
LOW LINE DROPOUT
13.0
13.5
14.0
14.5
15.0
15.5
16.0
9
12
15 18 21 24 27 30
Figure 18
Figure 19
3
27
6
24
9
21
12
18
15
15
18
12
21
9
24
6
27
3
30
0
+POUT
–POUT
0
30
OUTPUT LOAD (Watts)
10% to 90% LOAD +V
90% to 10% LOAD –V
CROSS REGULATION
10
9
8
7
6
5
4
3
2
1
0
-1
-2
-3
-4
-5
-6
-7
-8
-9
-10
2812D
2815D
2815D
2812D
2805D
2805D
Figure 20
Figure 21
500 µs/div
SMTR2805S TURN-ON INTO NO LOAD
VIN
VOUT
50 μs/div
25%
50%
SMTR2815D +VOUT STEP LOAD RESPONSE
–POUT=15W (50%)
7.5W to 15W
15W to 7.5W
50 μs/div
16 V TO 40 V
SMTR2815D STEP LINE RESPONSE
VIN
+VOUT
–VOUT
Figure 22
Notes 1. Percent (%) of power refers to the percent of the total output power of the converter.
1
1
1
1
Crane Aerospace & Electronics Power Solutions
SMTR Single and Dual DC-DC Converters
Page 10 of 14
28 Volt input – 30 Watt
SMTR Rev AC - 2015.10.14
www.craneae.com/interpoint


Número de pieza similar - SMTR_16

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Stealth Microwave, Inc.
SMTR1720-11G30 STEALTH_MICROWAVE-SMTR1720-11G30 Datasheet
136Kb / 5P
   1.7-2.0 GHz 1 W Bi-Directional Power Amplifier
SMTR2224-11G40-RSS STEALTH_MICROWAVE-SMTR2224-11G40-RSS Datasheet
315Kb / 6P
   2.2-2.4 GHz 10W Bi-Directional Power Amplifier
SMTR2327-44 STEALTH_MICROWAVE-SMTR2327-44 Datasheet
226Kb / 5P
   2.3-2.7 GHz Bi-Directional WiMAX Power Amplifier
SMTR2425-11B40 STEALTH_MICROWAVE-SMTR2425-11B40 Datasheet
170Kb / 4P
   2.4-2.5 GHz 10W Bi-Directional Power Amplifier
SMTR2425-11B40-2 STEALTH_MICROWAVE-SMTR2425-11B40-2 Datasheet
167Kb / 3P
   2.4-2.5 GHz Bi-Directional Power Amplifier
More results

Descripción similar - SMTR_16

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Crane Aerospace & Elect...
SMTR281R5SKR CRANE-SMTR281R5SKR Datasheet
1Mb / 21P
   SMTR Single, Dual and Triple DC/DC Converters
logo
Interpion semiconductor
SMFL INTERPION-SMFL Datasheet
483Kb / 13P
   Single and Dual DC/DC Converters
logo
Crane Aerospace & Elect...
SMFLH283R3SHO CRANE-SMFLH283R3SHO Datasheet
227Kb / 13P
   SMFLHP Single and Dual DC/DC Converters
logo
Interpoint Corporation ...
SLH28 INTERPOINT-SLH28 Datasheet
418Kb / 12P
   SLH Single and Dual DC-DC Converters
logo
Crane Aerospace & Elect...
SMSA283R3SKR CRANE-SMSA283R3SKR Datasheet
646Kb / 14P
   SMSA Single and Dual DC/DC Converters
logo
Interpoint Corporation ...
MHP270 INTERPOINT-MHP270_11 Datasheet
720Kb / 10P
   MHP270 Single and Dual DC/DC Converters
logo
Crane Aerospace & Elect...
MFLHP2805S CRANE-MFLHP2805S Datasheet
169Kb / 11P
   MFLHP Single and Dual DC/DC Converters
SLH2805S CRANE-SLH2805S Datasheet
548Kb / 10P
   SLH Single and Dual DC/DC Converters
SMFL283R3S CRANE-SMFL283R3S Datasheet
483Kb / 13P
   SMFL Single and Dual DC/DC Converters
logo
Interpoint Corporation ...
SMFLHP283R3S INTERPOINT-SMFLHP283R3S_16 Datasheet
313Kb / 15P
   SMFLHP Single and Dual DC-DC Converters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com