Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LM101AQML Datasheet(PDF) 4 Page - Texas Instruments

No. de pieza LM101AQML
Descripción Electrónicos  LM101AQML Operational Amplifiers
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

LM101AQML Datasheet(HTML) 4 Page - Texas Instruments

  LM101AQML_16 Datasheet HTML 1Page - Texas Instruments LM101AQML_16 Datasheet HTML 2Page - Texas Instruments LM101AQML_16 Datasheet HTML 3Page - Texas Instruments LM101AQML_16 Datasheet HTML 4Page - Texas Instruments LM101AQML_16 Datasheet HTML 5Page - Texas Instruments LM101AQML_16 Datasheet HTML 6Page - Texas Instruments LM101AQML_16 Datasheet HTML 7Page - Texas Instruments LM101AQML_16 Datasheet HTML 8Page - Texas Instruments LM101AQML_16 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 28 page
background image
LM101AQML
SNOSAI0A – JANUARY 2006 – REVISED MARCH 2013
www.ti.com
Absolute Maximum Ratings
(1)
Supply Voltage
±22V
Differential Input Voltage
±30V
Input Voltage(2)
±15V
Output Short Circuit Duration
Continuous
Operating Ambient Temp. Range
−55°C ≤ TA
+125°C
TJ Max
150°C
Power Dissipation at TA = 25°C
(3)
LMC-Package
(Still Air)
750 mW
(500 LF / Min Air Flow)
1200 mW
NAB-Package
(Still Air)
1000 mW
(500 LF / Min Air Flow)
1500 mW
NAD-Package
(Still Air)
500mW
(500 LF / Min Air Flow)
800mW
Thermal Resistance
θJA
LMC-Package
(Still Air)
165°C/W
(500 LF / Min Air Flow)
89°C/W
NAB-Package
(Still Air)
128°C/W
(500 LF / Min Air Flow)
75°C/W
NAD-Package
(Still Air)
233°C/W
(500 LF / Min Air Flow)
155°C/W
θJC (Typical)
LMC-Package
39°C/W
NAB-Package
26°C/W
NAD-Package
26°C/W
Storage Temperature Range
−65°C ≤ TA
+150°C
Lead Temperature (Soldering, 10 sec.)
300°C
ESD Tolerance(4)
3000V
(1)
Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Operating ratings indicate conditions for
which the device is intended to be functional, but do no ensure specific performance limits. For ensured specifications and test
conditions, see the Electrical Characteristics. The specifications apply only for the test conditions listed. Some performance
characteristics may degrade when the device is not operated under the listed test conditions.
(2)
For supply voltages less than ±15V, the absolute maximum input voltage is equal to the supply voltage.
(3)
The maximum power dissipation must be derated at elevated temperatures and is dictated by TJmax (maximum junction temperature),
θJA (package junction to ambient thermal resistance), and TA (ambient temperature). The maximum allowable power dissipation at any
temperature is PDmax = (TJmax − TA) / θJA or the number given in the Absolute Maximum Ratings, whichever is lower.
(4)
Human body model, 100 pF discharged through 1.5 k
Ω.
Quality Conformance Inspection
Mil-Std-883, Method 5005 - Group A
Subgroup
Description
Temp (°C)
1
Static tests at
25
2
Static tests at
125
3
Static tests at
-55
4
Dynamic tests at
25
5
Dynamic tests at
125
6
Dynamic tests at
-55
7
Functional tests at
25
8A
Functional tests at
125
8B
Functional tests at
-55
9
Switching tests at
25
10
Switching tests at
125
11
Switching tests at
-55
4
Submit Documentation Feedback
Copyright © 2006–2013, Texas Instruments Incorporated
Product Folder Links: LM101AQML


Número de pieza similar - LM101AQML_16

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
LM101AQML TI1-LM101AQML Datasheet
992Kb / 25P
[Old version datasheet]   LM101AQML Operational Amplifiers
More results

Descripción similar - LM101AQML_16

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
LM101AQML TI1-LM101AQML Datasheet
992Kb / 25P
[Old version datasheet]   LM101AQML Operational Amplifiers
logo
Linear Technology
LM308A LINER-LM308A_15 Datasheet
459Kb / 8P
   OPERATIONAL AMPLIFIERS
logo
Analog Devices
AD8529 AD-AD8529_15 Datasheet
400Kb / 16P
   Operational Amplifiers
REV. D
logo
Texas Instruments
LM112 TI1-LM112_11 Datasheet
450Kb / 8P
[Old version datasheet]   Operational Amplifiers
LM107 TI1-LM107_11 Datasheet
444Kb / 12P
[Old version datasheet]   Operational Amplifiers
logo
National Semiconductor ...
LM101A NSC-LM101A_00 Datasheet
608Kb / 20P
   Operational Amplifiers
logo
Maxwell Technologies
OP284 MAXWELL-OP284 Datasheet
861Kb / 16P
   Operational Amplifiers
logo
National Semiconductor ...
LM108 NSC-LM108 Datasheet
289Kb / 10P
   Operational Amplifiers
logo
Motorola, Inc
LM301A MOTOROLA-LM301A Datasheet
130Kb / 6P
   Operational Amplifiers
logo
National Semiconductor ...
LM107 NSC-LM107 Datasheet
194Kb / 10P
   Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com