Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LM10502 Datasheet(PDF) 12 Page - Texas Instruments

Click here to check the latest version.
No. de pieza LM10502
Descripción Electrónicos  Dual Buck LDO Power Management Unit
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

LM10502 Datasheet(HTML) 12 Page - Texas Instruments

Back Button LM10502 Datasheet HTML 8Page - Texas Instruments LM10502 Datasheet HTML 9Page - Texas Instruments LM10502 Datasheet HTML 10Page - Texas Instruments LM10502 Datasheet HTML 11Page - Texas Instruments LM10502 Datasheet HTML 12Page - Texas Instruments LM10502 Datasheet HTML 13Page - Texas Instruments LM10502 Datasheet HTML 14Page - Texas Instruments LM10502 Datasheet HTML 15Page - Texas Instruments LM10502 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 35 page
background image
COMPARATOR
SPI
REGISTERS
LDO
SW1
BUCK1
EN
FB_B1
GND_B1
SW_B1
VIN_B1
TSD
VCOMP
IRQ
RESET
STANDBY
CONTROL
LOGIC
UVLO
OVLO
EN
SW2
BUCK2
GND_B2
FB_B2
SW_B2
VIN_B2
LM10502
SNVS884B – AUGUST 2012 – REVISED MAY 2013
www.ti.com
GENERAL DESCRIPTION
LM10502 is a highly efficient and integrated Power Management Unit for Systems-on-a-Chip (SoCs), ASICs, and
processors. It operates cooperatively and communicates with processors over an SPI interface with output
Voltage programmability.
The device incorporates two high-efficiency synchronous buck regulators and one LDO that deliver four output
voltages from a single power source. The device also includes a SPI-programmable Comparator Block that
provides an interrupt output signal.
Figure 18. Internal Block Diagram of the LM10502 PMIC
12
Submit Documentation Feedback
Copyright © 2012–2013, Texas Instruments Incorporated
Product Folder Links: LM10502


Número de pieza similar - LM10502

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
LM10500 TI1-LM10500 Datasheet
1Mb / 32P
[Old version datasheet]   LM10500 5A Step-Down Energy Management Unit (EMU) With PowerWise짰 Adaptive Voltage Scaling (AVS)
LM10500 TI-LM10500 Datasheet
1Mb / 40P
[Old version datasheet]   5A Step-Down Energy Management Unit (EMU) With PowerWise Adaptive Voltage Scaling (AVS)
LM10500SQ-0.8 TI1-LM10500SQ-0.8 Datasheet
1Mb / 32P
[Old version datasheet]   LM10500 5A Step-Down Energy Management Unit (EMU) With PowerWise짰 Adaptive Voltage Scaling (AVS)
LM10500SQ-0.8/NOPB TI-LM10500SQ-0.8/NOPB Datasheet
1Mb / 40P
[Old version datasheet]   5A Step-Down Energy Management Unit (EMU) With PowerWise Adaptive Voltage Scaling (AVS)
LM10500SQ-1.0 TI1-LM10500SQ-1.0 Datasheet
1Mb / 32P
[Old version datasheet]   LM10500 5A Step-Down Energy Management Unit (EMU) With PowerWise짰 Adaptive Voltage Scaling (AVS)
More results

Descripción similar - LM10502

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
LM10506 TI1-LM10506_14 Datasheet
1Mb / 43P
[Old version datasheet]   Triple Buck LDO Power Management Unit
LM10504 TI1-LM10504 Datasheet
778Kb / 35P
[Old version datasheet]   Triple Buck LDO Power Management Unit
LM10506 TI1-LM10506 Datasheet
780Kb / 35P
[Old version datasheet]   Triple Buck LDO Power Management Unit
LM10506 TI1-LM10506_15 Datasheet
1Mb / 43P
[Old version datasheet]   Triple Buck LDO Power Management Unit
LM10507 TI1-LM10507 Datasheet
1Mb / 40P
[Old version datasheet]   LM10507 Triple Buck LDO Power Management Unit
LM10504 TI1-LM10504_15 Datasheet
1Mb / 38P
[Old version datasheet]   LM10504 Triple Buck LDO Power Management Unit
LM10524 TI1-LM10524 Datasheet
1Mb / 41P
[Old version datasheet]   LM10524 Triple Buck Power Management Unit
logo
STMicroelectronics
L7292 STMICROELECTRONICS-L7292 Datasheet
3Mb / 60P
   Five buck regulators power management unit
logo
Texas Instruments
LM10524 TI1-LM10524_15 Datasheet
1Mb / 44P
[Old version datasheet]   LM10524 Triple Buck Power Management Unit
logo
Richtek Technology Corp...
RT9054 RICHTEK-RT9054 Datasheet
306Kb / 11P
   Portable Power Management 300mA Dual LDO Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com