Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

DLW5BTM101TQ2 Datasheet(PDF) 1 Page - Murata Manufacturing Co., Ltd.

No. de pieza DLW5BTM101TQ2
Descripción Electrónicos  Operating Temperature Range
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MURATA [Murata Manufacturing Co., Ltd.]
Página de inicio  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

DLW5BTM101TQ2 Datasheet(HTML) 1 Page - Murata Manufacturing Co., Ltd.

  DLW5BTM101TQ2 Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. DLW5BTM101TQ2 Datasheet HTML 2Page - Murata Manufacturing Co., Ltd. DLW5BTM101TQ2 Datasheet HTML 3Page - Murata Manufacturing Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Product Search Data Sheet
DLW5BTM101TQ2#
“#” indicates a package specification code.
< List of part numbers with package codes >
DLW5BTM101TQ2B DLW5BTM101TQ2K DLW5BTM101TQ2L
Appearance & Shape
Applications
Other Usage
For general
Packaging Information
Packaging
Specifications
Minimum
Order Quantity
B
Bulk(Bag)
100
K
330mm Embossed Tape
2500
L
180mm Embossed Tape
700
Features
Features
1. Low profile (h=2.5mm)
2. Small size (5.0x5.0mm) and high rated current
(2 to 6A)
3. High common mode Impedance
(max. 1400 ohm, at 100MHz)
4 Operating Temperature
Range -
40
to
+105
Applications
Noise suppression for power line
1. Power line equipment
-DC-DC converters
-Battery chargers
2. Portable equipment
-PDAs (Personal Digital Assistants)
-Note PCs
-Printers
1 of 3
Atten ti o n
1.T his datasheet is downloaded from the website of Murata Manufacturing Co., Ltd. T herefore, it’s specifications are subject to change or our products in it may be discontinued
without advance notice. Please check with our sales representatives or product engineers before ordering.
2.T his datasheet has only typical specifications because there is no space for detailed specifications.
T herefore, please review our product specifications or consult the approval sheet for product specifications before ordering.
URL : http://www.murata.com/
Last
updated 2016/08/03


Número de pieza similar - DLW5BTM101TQ2

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Murata Manufacturing Co...
DLW5BTM101TQ2 MURATA1-DLW5BTM101TQ2 Datasheet
426Kb / 4P
   Low profile (h=2.5mm)
Last updated07/26/2022
DLW5BTM101TQ2B MURATA1-DLW5BTM101TQ2B Datasheet
426Kb / 4P
   Low profile (h=2.5mm)
Last updated07/26/2022
DLW5BTM101TQ2K MURATA1-DLW5BTM101TQ2K Datasheet
426Kb / 4P
   Low profile (h=2.5mm)
Last updated07/26/2022
DLW5BTM101TQ2L MURATA1-DLW5BTM101TQ2L Datasheet
426Kb / 4P
   Low profile (h=2.5mm)
Last updated07/26/2022
DLW5BTM101TQ2 MURATA1-DLW5BTM101TQ2_V01 Datasheet
426Kb / 4P
   Low profile (h=2.5mm)
Last updated07/26/2022
More results

Descripción similar - DLW5BTM101TQ2

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Murata Manufacturing Co...
GRM0115C1ER30CE01 MURATA-GRM0115C1ER30CE01 Datasheet
48Kb / 1P
   Operating temperature range
GRM0115C1ER40BE01 MURATA-GRM0115C1ER40BE01 Datasheet
48Kb / 1P
   Operating temperature range
GRM0115C1ER60BE01 MURATA-GRM0115C1ER60BE01 Datasheet
48Kb / 1P
   Operating temperature range
GRM0115C1ER80BE01 MURATA-GRM0115C1ER80BE01 Datasheet
48Kb / 1P
   Operating temperature range
GRM0115C1E9R5CE01 MURATA-GRM0115C1E9R5CE01 Datasheet
48Kb / 1P
   Operating temperature range
GRM0222C1E2R3BDAE MURATA-GRM0222C1E2R3BDAE Datasheet
50Kb / 1P
   Operating temperature range
GRM0222C1E2R6BDAE MURATA-GRM0222C1E2R6BDAE Datasheet
50Kb / 1P
   Operating temperature range
GRM0222C1E2R6WDAE MURATA-GRM0222C1E2R6WDAE Datasheet
50Kb / 1P
   Operating temperature range
GRM0222C1E3R4BDAE MURATA-GRM0222C1E3R4BDAE Datasheet
50Kb / 1P
   Operating temperature range
GRM0222C1E3R7WDAE MURATA-GRM0222C1E3R7WDAE Datasheet
50Kb / 1P
   Operating temperature range
GRM0222C1E330GA02 MURATA-GRM0222C1E330GA02 Datasheet
92Kb / 2P
   Operating temperature range
More results


Html Pages

1 2 3


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com