Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼
Nombre de pieza
         Descripción


DMP3105LVT Datasheet(Hoja de datos) 3 Page - Diodes Incorporated

No. de Pieza. DMP3105LVT
Descripción  30V P-CHANNEL ENHANCEMENT MODE MOSFET
Descarga  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  DIODES [Diodes Incorporated]
Página de inicio  http://www.diodes.com
Logo 

   
 3 page
background image
DMP3105LVT
Document number: DS35504 Rev. 2 - 2
3 of 6
www.diodes.com
November 2011
© Diodes Incorporated
DMP3105LVT
-V
, DRAIN -SOURCE VOLTAGE(V)
Fig. 1 Typical Output Characteristics
DS
0
4
8
12
0
0.5
11.522.53
-V
, GATE SOURCE VOLTAGE(V)
Fig. 2 Typical Transfer Characteristics
GS
0
0.5
1
1.5
2
2.5
3
0
2
4
6
8
10
12
V
= -5.0V
DS
I , DRAIN SOURCE CURRENT
Fig. 3 Typical On-Resistance vs.
Drain Current and Gate Voltage
D
0
0.04
0.08
0.12
0.16
0.2
0
3
6
9
12
15
V= -2.5V
GS
V= -4.5V
GS
V= -10V
GS
I , DRAIN CURRENT (A)
Fig. 4 Typical On-Resistance vs.
Drain Current and Temperature
D
04
8
12
16
V= 4.5V
GS
0
0.04
0.08
0.12
0.16
0.2
T =150°C
A
T =125°C
A
T =85°C
A
T=25°C
A
T =-55°C
A
-50
-25
0
25
50
75
100
125
150
T , JUNCTION TEMPERATURE ( C)
J
°
Fig. 5 On-Resistance Variation with Temperature
0.5
0.7
0.9
1.1
1.3
1.5
1.7
-50
-25
0
25
50
75
100
125
150
T , JUNCTION TEMPERATURE ( C)
J
°
Fig. 6 On-Resistance Variation with Temperature
0
0.04
0.08
0.12
0.16
0.2




Html Pages

1  2  3  4  5  6 


Datasheet Download




Enlace URL

¿ALLDATASHEET es útil para Ud.?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl