Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

DMP4013LFGQ-7 Datasheet(PDF) 2 Page - Diodes Incorporated

No. de pieza DMP4013LFGQ-7
Descripción Electrónicos  40V P-CHANNEL ENHANCEMENT MODE MOSFET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  DIODES [Diodes Incorporated]
Página de inicio  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMP4013LFGQ-7 Datasheet(HTML) 2 Page - Diodes Incorporated

  DMP4013LFGQ-7 Datasheet HTML 1Page - Diodes Incorporated DMP4013LFGQ-7 Datasheet HTML 2Page - Diodes Incorporated DMP4013LFGQ-7 Datasheet HTML 3Page - Diodes Incorporated DMP4013LFGQ-7 Datasheet HTML 4Page - Diodes Incorporated DMP4013LFGQ-7 Datasheet HTML 5Page - Diodes Incorporated DMP4013LFGQ-7 Datasheet HTML 6Page - Diodes Incorporated DMP4013LFGQ-7 Datasheet HTML 7Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
DMP4013LFGQ
Document number: DS38779 Rev. 1 - 2
2 of 7
www.diodes.com
April 2016
© Diodes Incorporated
DMP4013LFGQ
Maximum Ratings (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Value
Units
Drain-Source Voltage
VDSS
-40
V
Gate-Source Voltage
VGSS
±20
V
Continuous Drain Current (Note 7) VGS = -10V
Steady
State
TA = +25°C
TA = +70°C
ID
-10.3
-8.3
A
t<10s
TA = +25°C
TA = +70°C
ID
-13.7
-11
A
Pulsed Drain Current (10µs Pulse, Duty Cycle = 1%)
IDM
80
A
Maximum Continuous Body Diode Forward Current (Note 7)
IS
2.6
A
Avalanche Current, L = 0.1mH
IAS
34
A
Avalanche Energy, L = 0.1mH
EAS
58
mJ
Thermal Characteristics (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Value
Units
Total Power Dissipation (Note 6)
PD
1
W
Thermal Resistance, Junction to Ambient (Note 6)
Steady State
RθJA
123
°C/W
t<10s
69
Total Power Dissipation (Note 7)
PD
2.1
W
Thermal Resistance, Junction to Ambient (Note 7)
Steady State
RθJA
60
°C/W
t<10s
34
Thermal Resistance, Junction to Case (Note 7)
RθJC
3.3
Operating and Storage Temperature Range
TJ, TSTG
-55 to +150
°C
Electrical Characteristics (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Min
Typ
Max
Unit
Test Condition
OFF CHARACTERISTICS (Note 8)
Drain-Source Breakdown Voltage
BVDSS
-40
V
VGS = 0V, ID = -250μA
Zero Gate Voltage Drain Current TJ = +25°C
IDSS
-1
µA
VDS = -40V, VGS = 0V
Gate-Source Leakage
IGSS
±100
nA
VGS = ±20V, VDS = 0V
ON CHARACTERISTICS (Note 8)
Gate Threshold Voltage
VGS(TH)
-1
-3
V
VDS = VGS, ID = -250μA
Static Drain-Source On-Resistance
RDS(ON)
9.4
13
m
VGS = -10V, ID = -10A
12.3
18
VGS = -4.5V, ID = -8A
Diode Forward Voltage
VSD
-0.7
-1.2
V
VGS = 0V, IS = -1A
DYNAMIC CHARACTERISTICS (Note 9)
Input Capacitance
CISS
3,426
pF
VDS = -20V, VGS = 0V,
f = 1MHz
Output Capacitance
COSS
283
pF
Reverse Transfer Capacitance
CRSS
235
pF
Gate Resistance
RG
4.7
VDS = 0V, VGS = 0V, f = 1MHz
Total Gate Charge (VGS = -4.5V)
QG
32.5
nC
VDS = -20V, ID = -10A
Total Gate Charge (VGS = -10V)
QG
68.6
nC
Gate-Source Charge
QGS
8.2
nC
Gate-Drain Charge
QGD
9.9
nC
Turn-On Delay Time
tD(ON)
5.3
ns
VDD = -20V, VGEN = -10V,
RG = 3Ω, ID = -10A
Turn-On Rise Time
tR
20
ns
Turn-Off Delay Time
tD(OFF)
126
ns
Turn-Off Fall Time
tF
83
ns
Body Diode Reverse Recovery Time
tRR
19.5
ns
IF = -10A, di/dt = 100A/μs
Body Diode Reverse Recovery Charge
QRR
9.8
nC
Notes:
6. Device mounted on FR-4 PC board, with minimum recommended pad layout, single sided.
7. Device mounted on FR-4 substrate PC board, 2oz copper, with thermal bias to bottom layer 1-inch square copper plate.
8. Short duration pulse test used to minimize self-heating effect.
9. Guaranteed by design. Not subject to product testing.


Número de pieza similar - DMP4013LFGQ-7

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Diodes Incorporated
DMP4013LFGQ-7 DIODES-DMP4013LFGQ-7 Datasheet
609Kb / 7P
   40V P-CHANNEL ENHANCEMENT MODE MOSFET
More results

Descripción similar - DMP4013LFGQ-7

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Diodes Incorporated
DMP4051LK3 DIODES-DMP4051LK3_10 Datasheet
673Kb / 8P
   40V P-CHANNEL ENHANCEMENT MODE MOSFET
DS32114 Rev. 2 - 2
ZXMP4A16G DIODES-ZXMP4A16G Datasheet
277Kb / 7P
   40V P-CHANNEL ENHANCEMENT MODE MOSFET
ZXMP4A16K DIODES-ZXMP4A16K Datasheet
582Kb / 8P
   40V P-channel enhancement mode MOSFET
DMP4050SSS DIODES-DMP4050SSS_15 Datasheet
676Kb / 8P
   40V P-CHANNEL ENHANCEMENT MODE MOSFET
logo
Shanghai Leiditech Elec...
LM3L5P04 LEIDITECH-LM3L5P04 Datasheet
1Mb / 5P
   -40V P-Channel Enhancement Mode MOSFET
logo
DONGGUAN YOU FENG WEI E...
YFW40P04DF YFWDIODE-YFW40P04DF Datasheet
1Mb / 5P
   -40V P-CHANNEL ENHANCEMENT MODE MOSFET
Rev:2021Y1
logo
Pan Jit International I...
PJL9421 PANJIT-PJL9421 Datasheet
605Kb / 6P
   40V P-Channel Enhancement Mode MOSFET
May 12,2017-REV.00
logo
Diodes Incorporated
DMP4026LSSQ DIODES-DMP4026LSSQ Datasheet
573Kb / 7P
   40V P-CHANNEL ENHANCEMENT MODE MOSFET
March 2023 Rev: 2 - 2
logo
Pan Jit International I...
PJQ4441P-AU PANJIT-PJQ4441P-AU Datasheet
792Kb / 6P
   40V P-Channel Enhancement Mode MOSFET
January 26,2022 PJQ4441P-AU-REV.01
PJQ4441P PANJIT-PJQ4441P Datasheet
792Kb / 6P
   40V P-Channel Enhancement Mode MOSFET
January 26,2022 PJQ4441P-REV.01
PJQ5453 PANJIT-PJQ5453 Datasheet
595Kb / 6P
   40V P-Channel Enhancement Mode MOSFET
May 9,2019-REV.00
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com