Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

DMP4015SPS Datasheet(PDF) 4 Page - Diodes Incorporated

No. de pieza DMP4015SPS
Descripción Electrónicos  40V P-CHANNEL ENHANCEMENT MODE MOSFET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  DIODES [Diodes Incorporated]
Página de inicio  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMP4015SPS Datasheet(HTML) 4 Page - Diodes Incorporated

  DMP4015SPS Datasheet HTML 1Page - Diodes Incorporated DMP4015SPS Datasheet HTML 2Page - Diodes Incorporated DMP4015SPS Datasheet HTML 3Page - Diodes Incorporated DMP4015SPS Datasheet HTML 4Page - Diodes Incorporated DMP4015SPS Datasheet HTML 5Page - Diodes Incorporated DMP4015SPS Datasheet HTML 6Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
DMP4015SPS
Document number: DS35518 Rev. 9 - 2
4 of 6
www.diodes.com
November 2013
© Diodes Incorporated
DMP4015SPS
POWERDI is a registered trademark of Diodes Incorporated
-50
-25
0
25
50
75
100
125
150
T , AMBIENT TEMPERATURE (°C)
Fig. 7 Gate Threshold Variation vs. Ambient Temperature
A
0
0.4
0.8
1.2
1.6
2
2.4
-V , SOURCE-DRAIN VOLTAGE (V)
Fig. 8 Diode Forward Voltage vs. Current
SD
0
0.2
0.4
0.6
0.8
1
1.2
1.4
0
5
10
15
20
25
30
V , DRAIN-SOURCE VOLTAGE (V)
Fig. 9 Typical Junction Capacitance
DS
CISS
COSS
CRSS
10
100
1000
0
5
10
15
20
25
30
f = 1MHz
-V , DRAIN-SOURCE VOLTAGE(V)
Fig. 10 Typical Drain-Source Leakage Current vs. Voltage
DS
0.1
1
10
100
1000
10000
0
5
10
15
20
25
30
T =150°C
A
T =125°C
A
T =85°C
A
T =25°C
A
0
2
4
6
8
10
Q , TOTAL GATE CHARGE (nC)
Fig. 11 Gate-Charge Characteristics
g
020
40
60
80
100
120
0.2
0.4
0.6
0.8
1.0
INDUCTOR (mH)
Fig. 12 Single-Pulse Avalanche Tested
0
10
20
30
40
50
60
70
80
90
0
100
200
300
400
500
600
EAS
IAS
0.1
0.3
0.5
0.7
0.9
Starting Temperature (T ) = 25°C
J


Número de pieza similar - DMP4015SPS

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Diodes Incorporated
DMP4015SPS-13 DIODES-DMP4015SPS-13 Datasheet
379Kb / 6P
   40V P-CHANNEL ENHANCEMENT MODE MOSFET POWERDI짰
DMP4015SPSQ DIODES-DMP4015SPSQ Datasheet
502Kb / 8P
   40V P-CHANNEL ENHANCEMENT MODE MOSFET
DMP4015SPSQ-13 DIODES-DMP4015SPSQ-13 Datasheet
379Kb / 6P
   40V P-CHANNEL ENHANCEMENT MODE MOSFET POWERDI짰
DMP4015SPSQ-13 DIODES-DMP4015SPSQ-13 Datasheet
502Kb / 8P
   40V P-CHANNEL ENHANCEMENT MODE MOSFET
DMP4015SPSQ DIODES-DMP4015SPSQ_15 Datasheet
373Kb / 6P
   40V P-CHANNEL ENHANCEMENT MODE MOSFET POWERDI짰
More results

Descripción similar - DMP4015SPS

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Diodes Incorporated
DMP4051LK3 DIODES-DMP4051LK3_10 Datasheet
673Kb / 8P
   40V P-CHANNEL ENHANCEMENT MODE MOSFET
DS32114 Rev. 2 - 2
ZXMP4A16G DIODES-ZXMP4A16G Datasheet
277Kb / 7P
   40V P-CHANNEL ENHANCEMENT MODE MOSFET
ZXMP4A16K DIODES-ZXMP4A16K Datasheet
582Kb / 8P
   40V P-channel enhancement mode MOSFET
DMP4050SSS DIODES-DMP4050SSS_15 Datasheet
676Kb / 8P
   40V P-CHANNEL ENHANCEMENT MODE MOSFET
logo
Shanghai Leiditech Elec...
LM3L5P04 LEIDITECH-LM3L5P04 Datasheet
1Mb / 5P
   -40V P-Channel Enhancement Mode MOSFET
logo
DONGGUAN YOU FENG WEI E...
YFW40P04DF YFWDIODE-YFW40P04DF Datasheet
1Mb / 5P
   -40V P-CHANNEL ENHANCEMENT MODE MOSFET
Rev:2021Y1
logo
Pan Jit International I...
PJL9421 PANJIT-PJL9421 Datasheet
605Kb / 6P
   40V P-Channel Enhancement Mode MOSFET
May 12,2017-REV.00
logo
Diodes Incorporated
DMP4026LSSQ DIODES-DMP4026LSSQ Datasheet
573Kb / 7P
   40V P-CHANNEL ENHANCEMENT MODE MOSFET
March 2023 Rev: 2 - 2
logo
Pan Jit International I...
PJQ4441P-AU PANJIT-PJQ4441P-AU Datasheet
792Kb / 6P
   40V P-Channel Enhancement Mode MOSFET
January 26,2022 PJQ4441P-AU-REV.01
PJQ4441P PANJIT-PJQ4441P Datasheet
792Kb / 6P
   40V P-Channel Enhancement Mode MOSFET
January 26,2022 PJQ4441P-REV.01
PJQ5453 PANJIT-PJQ5453 Datasheet
595Kb / 6P
   40V P-Channel Enhancement Mode MOSFET
May 9,2019-REV.00
More results


Html Pages

1 2 3 4 5 6


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com