Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼
Nombre de pieza
         Descripción


DMP4015SPSQ Datasheet(Hoja de datos) 4 Page - Diodes Incorporated

No. de Pieza. DMP4015SPSQ
Descripción  40V P-CHANNEL ENHANCEMENT MODE MOSFET
Descarga  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  DIODES [Diodes Incorporated]
Página de inicio  http://www.diodes.com
Logo 

   
 4 page
background image
DMP4015SPSQ
Document number: DS36681 Rev. 3 - 2
4 of 8
www.diodes.com
November 2015
© Diodes Incorporated
DMP4015SPSQ
-V
, DRAIN -SOURCE VOLTAGE(V)
Fig. 1 Typical Output Characteristics
DS
0
5
10
15
20
25
30
0
0.5
1
1.5
2
-V
=10V
GS
-V
=4.5V
GS
-V
=4.0V
GS
-V
=3.5V
GS
-V
=3.0V
GS
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
0
5
10
15
20
25
30
-V
, GATE-SOURCE VOLTAGE (V)
GS
Fig. 2 Typical Transfer Characteristics
-I , DRAIN SOURCE CURRENT
Fig. 3 Typical On-Resistance vs.
Drain Current and Gate Voltage
D
0
0.005
0.01
0.015
0.02
0
5
10
15
20
25
30
-I , DRAIN SOURCE CURRENT (A)
Fig. 4 Typical On-Resistance vs.
Drain Current and Temperature
D
0
0.005
0.01
0.015
0.02
0
5
10
15
20
25
30
-V
= 4.5V
GS
T = -55 C
A
T = 25 C
A
T = 85 C
A
T = 125 C
A
T = 150 C
A
-50
-25
0
25
50
75
100
125
150
T , JUNCTION TEMPERATURE ( C)
J
Fig. 5 On-Resistance Variation with Temperature
0.6
0.8
1
1.2
1.4
1.6
-50
-25
0
25
50
75
100
125
150
T , JUNCTION TEMPERATURE ( C)
J
Fig. 6 On-Resistance Variation with Temperature
V
= 10V
I = 10A
GS
D
-V
= 4.5V
-I = 5.0A
GS
D
0
0.004
0.008
0.012
0.016
0.02




Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download




Enlace URL

¿ALLDATASHEET es útil para Ud.?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl