Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼
Nombre de pieza
         Descripción


DMP4015SSSQ-13 Datasheet(Hoja de datos) 2 Page - Diodes Incorporated

No. de Pieza. DMP4015SSSQ-13
Descripción  P-CHANNEL ENHANCEMENT MODE MOSFET
Descarga  7 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  DIODES [Diodes Incorporated]
Página de inicio  http://www.diodes.com
Logo 

   
 2 page
background image
DMP4015SSSQ
Document number: DS36682 Rev. 4 - 2
2 of 7
www.diodes.com
November 2015
© Diodes Incorporated
DMP4015SSSQ
Maximum Ratings (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Value
Units
Drain-Source Voltage
VDSS
-40
V
Gate-Source Voltage
VGSS
±25
V
Continuous Drain Current (Note 6) VGS = -10V
Steady
State
TA = +25°C
TA = +70°C
ID
-9.1
-7.2
A
Continuous Drain Current (Note 6) VGS = -4.5V
Steady
State
TA = +25°C
TA = +70°C
ID
-7.8
-6.2
A
Continuous Drain Current (Note 7) VGS = -10V
Steady
State
TA = +25°C
TA = +70°C
ID
-10.1
-8
A
Continuous Drain Current (Note 7) VGS = -4.5V
Steady
State
TA = +25°C
TA = +70°C
ID
-8.8
-7
A
Pulsed Drain Current (10
μs Pulse, Duty Cycle = 1%)
IDM
-100
A
Avalanche Current (Note 8)
IAS
-22
A
Avalanche Energy (Note 8)
EAS
242
mJ
Thermal Characteristics
Characteristic
Symbol
Value
Units
Total Power Dissipation (Note 6)
PD
1.45
W
Thermal Resistance, Junction to Ambient (Note 6)
RθJA
88
°C/W
Total Power Dissipation (Note 7)
PD
1.82
W
Thermal Resistance, Junction to Ambient (Note 7)
RθJA
70
°C/W
Thermal Resistance, Junction to Case (Note 7)
RθJc
7.6
°C/W
Operating and Storage Temperature Range
TJ, TSTG
-55 to +150
°C
Electrical Characteristics (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Min
Typ
Max
Unit
Test Condition
OFF CHARACTERISTICS (Note 9)
Drain-Source Breakdown Voltage
BVDSS
-40
V
VGS = 0V, ID = -250μA
Zero Gate Voltage Drain Current
IDSS


-1
μA
VDS = -40V, VGS = 0V
Gate-Source Leakage
IGSS
100
nA
VGS = 25V, VDS = 0V
ON CHARACTERISTICS (Note 9)
Gate Threshold Voltage
VGS(th)
-1.5
-2
-2.5
V
VDS = VGS, ID = -250μA
Static Drain-Source On-Resistance
RDS(ON)
7
11
m
VGS = -10V, ID = -9.8A
9
15
VGS = -4.5V, ID = -9.8A
Forward Transfer Admittance
|Yfs|
26
S
VDS = -20V, ID = -9.8A
Diode Forward Voltage (Note 6)
VSD
-0.7
-1
V
VGS = 0V, IS = -1A
DYNAMIC CHARACTERISTICS (Note 10)
Input Capacitance
Ciss
4,234
pF
VDS = -20V, VGS = 0V
f = 1MHz
Output Capacitance
Coss
1,036
Reverse Transfer Capacitance
Crss
526
Gate Resistance
RG

7.77

VDS = 0V, VGS = 0V, f = 1MHz
Total Gate Charge
Qg
47.5
nC
VDS = -20V, VGS = -5V
ID = -9.8A
Gate-Source Charge
Qgs
14.2
Gate-Drain Charge
Qgd
13.5
Turn-On Delay Time
tD(on)
13.2
nS
VGS = -10V, VDD = -20V, RG = 6Ω,
ID = -1A, RL = 20Ω
Turn-On Rise Time
tr
10
Turn-Off Delay Time
tD(off)
302.7
Turn-Off Fall Time
tf

137.9

Notes:
6. Device mounted on FR-4 PC board, with minimum recommended pad layout, single sided.
7. Device mounted on FR-4 substrate PC board, 2oz copper, with thermal vias to bottom layer 1inch square copper plate
8 .UIS in production with L = 1mH, TJ = +25°C
9. Short duration pulse test used to minimize self-heating effect.
10. Guaranteed by design. Not subject to production testing.




Html Pages

1  2  3  4  5  6  7 


Datasheet Download




Enlace URL

¿ALLDATASHEET es útil para Ud.?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl