Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LM361 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
No. de pieza LM361
Descripción Electrónicos  High Speed Differential Comparators
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

LM361 Datasheet(HTML) 6 Page - Texas Instruments

Back Button LM361 Datasheet HTML 2Page - Texas Instruments LM361 Datasheet HTML 3Page - Texas Instruments LM361 Datasheet HTML 4Page - Texas Instruments LM361 Datasheet HTML 5Page - Texas Instruments LM361 Datasheet HTML 6Page - Texas Instruments LM361 Datasheet HTML 7Page - Texas Instruments LM361 Datasheet HTML 8Page - Texas Instruments LM361 Datasheet HTML 9Page - Texas Instruments LM361 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
LM161, LM361
SNOSBJ5C – MAY 1999 – REVISED MARCH 2013
www.ti.com
AC TEST CIRCUIT
VIN = ±50 mV
FANOUT = 1
FANOUT = 4
V=
−10V
C=15 pF
C = 30 pF
V+ = +10V
R = 2.4k
R = 680
Ω
VCC = 5.25V
6
Submit Documentation Feedback
Copyright © 1999–2013, Texas Instruments Incorporated
Product Folder Links: LM161 LM361


Número de pieza similar - LM361

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
National Semiconductor ...
LM361 NSC-LM361 Datasheet
271Kb / 10P
   High Speed Differential Comparators
logo
Seoul Semiconductor
LM361 SEOUL-LM361 Datasheet
376Kb / 14P
   INFRARED LAMP LED
LM361 SEOUL-LM361 Datasheet
360Kb / 13P
   CYAN LAMP LED
LM361 SEOUL-LM361 Datasheet
392Kb / 14P
   RED OVAL LAMP LED
LM361 SEOUL-LM361 Datasheet
392Kb / 14P
   RED OVAL LAMP LED
More results

Descripción similar - LM361

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
National Semiconductor ...
LM161 NSC-LM161 Datasheet
271Kb / 10P
   High Speed Differential Comparators
logo
Texas Instruments
LM161 TI1-LM161_14 Datasheet
990Kb / 17P
[Old version datasheet]   LM161/LM361 High Speed Differential Comparators
logo
Analog Devices
AD8145 AD-AD8145_15 Datasheet
464Kb / 24P
   High Speed, Triple Differential Receiver with Comparators
REV. A
AD8143 AD-AD8143_16 Datasheet
639Kb / 24P
   High Speed, Triple Differential Receiver with Comparators
AD8145WYCPZ-R7 AD-AD8145WYCPZ-R7 Datasheet
464Kb / 24P
   High Speed, Triple Differential Receiver with Comparators
REV. A
AD8143 AD-AD8143_15 Datasheet
575Kb / 24P
   High Speed, Triple Differential Receiver with Comparators
REV. 0
AD8143 AD-AD8143 Datasheet
577Kb / 24P
   High Speed, Triple Differential Receiver with Comparators
REV. 0
AD8145 AD-AD8145 Datasheet
584Kb / 24P
   High Speed, Triple Differential Receiver with Comparators
REV. 0
logo
Texas Instruments
LM311-MIL TI1-LM311-MIL Datasheet
903Kb / 25P
[Old version datasheet]   Differential Comparators
TL331I TI-TL331I Datasheet
156Kb / 3P
[Old version datasheet]   DIFFERENTIAL COMPARATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com