Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LM1876 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
No. de pieza LM1876
Descripción Electrónicos  Audio Power Amplifier Series
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

LM1876 Datasheet(HTML) 1 Page - Texas Instruments

  LM1876 Datasheet HTML 1Page - Texas Instruments LM1876 Datasheet HTML 2Page - Texas Instruments LM1876 Datasheet HTML 3Page - Texas Instruments LM1876 Datasheet HTML 4Page - Texas Instruments LM1876 Datasheet HTML 5Page - Texas Instruments LM1876 Datasheet HTML 6Page - Texas Instruments LM1876 Datasheet HTML 7Page - Texas Instruments LM1876 Datasheet HTML 8Page - Texas Instruments LM1876 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 27 page
background image
LM1876
www.ti.com
SNAS097C – MAY 1999 – REVISED APRIL 2013
LM1876 Overture™ Audio Power Amplifier Series
Dual 20W Audio Power Amplifier with Mute and Standby Modes
Check for Samples: LM1876
1
FEATURES
DESCRIPTION
The LM1876 is a stereo audio amplifier capable of
23
SPiKe Protection
delivering typically 20W per channel of continuous
Minimal Amount of External Components
average output power into a 4
Ω or 8Ω load with less
Necessary
than 0.1% THD+N.
Quiet Fade-In/Out Mute Mode
Each amplifier has an independent smooth transition
Standby-Mode
fade-in/out mute and a power conserving standby
mode which can be controlled by external logic.
Isolated 15-Lead TO-220 Package (PFM)
Non-Isolated 15-lead TO-220 Package
The performance of the LM1876, utilizing its Self
Peak Instantaneous Temperature (°Ke) ( SPiKe™)
Wide Supply Range 20V - 64V
protection circuitry, places it in a class above discrete
and hybrid amplifiers by providing an inherently,
APPLICATIONS
dynamically protected Safe Operating Area (SOA).
High-End Stereo TVs
SPiKe
protection
means
that
these
parts
are
safeguarded
at
the
output
against
overvoltage,
Component Stereo
undervoltage, overloads, including thermal runaway
Compact Stereo
and instantaneous temperature peaks.
KEY SPECIFICATIONS
THD+N at 1kHz at 2 x 15W continuous
averageoutput power into 4
Ω or 8Ω: 0.1%
(max)
THD+N at 1kHz at continuous average output
power of 2 x 20W into 8
Ω: 0.009% (typ)
Standby current: 4.2mA (typ)
Connection Diagram
Figure 1. Plastic Package- Top View
Isolated Package (PFM)
See Package Number NDB0015B
Non-Isolated Package
See Package Number NDL0015A
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
Overture, SPiKe are trademarks of dcl_owner.
3
All other trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 1999–2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Número de pieza similar - LM1876

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
National Semiconductor ...
LM1876 NSC-LM1876 Datasheet
593Kb / 16P
   Overture??Audio Power Amplifier Series Dual 20W Audio Power Amplifier with Mute and Standby Modes
LM1876 NSC-LM1876 Datasheet
696Kb / 20P
   Dual 20W Audio Power Amplifier with Mute and Standby Modes
LM1876T NSC-LM1876T Datasheet
593Kb / 16P
   Overture??Audio Power Amplifier Series Dual 20W Audio Power Amplifier with Mute and Standby Modes
LM1876TF NSC-LM1876TF Datasheet
593Kb / 16P
   Overture??Audio Power Amplifier Series Dual 20W Audio Power Amplifier with Mute and Standby Modes
LM1876 NSC-LM1876_03 Datasheet
696Kb / 20P
   Dual 20W Audio Power Amplifier with Mute and Standby Modes
More results

Descripción similar - LM1876

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
LM48311 TI1-LM48311 Datasheet
885Kb / 20P
[Old version datasheet]   Audio Power Amplifier Series
LM48901 TI-LM48901 Datasheet
821Kb / 51P
[Old version datasheet]   Audio Power Amplifier Series
LM4782 TI1-LM4782 Datasheet
1Mb / 33P
[Old version datasheet]   Audio Power Amplifier Series
LM4781 TI1-LM4781 Datasheet
1Mb / 31P
[Old version datasheet]   Audio Power Amplifier Series 3 Channel 35W Audio Power Amplifier
LM2876 TI1-LM2876 Datasheet
870Kb / 28P
[Old version datasheet]   Audio Power Amplifier Series High-Performance 40W Audio Power Amplifier
logo
National Semiconductor ...
LM3875 NSC-LM3875 Datasheet
1,001Kb / 20P
   OverturTM Audio Power Amplifier Series High-Performance 56W Audio Power Amplifier
LM4766 NSC-LM4766_06 Datasheet
983Kb / 19P
   Audio Power Amplifier Series Dual 40W Audio Power Amplifier with Mute
LM4766 NSC-LM4766 Datasheet
477Kb / 14P
   Audio Power Amplifier Series Dual 40W Audio Power Amplifier with Mute
logo
Texas Instruments
LM4954 TI1-LM4954 Datasheet
1Mb / 23P
[Old version datasheet]   Audio Power Amplifier Series High Voltage 3 Watt Audio Power Amplifier
LM4780 TI1-LM4780 Datasheet
1Mb / 31P
[Old version datasheet]   Audio Power Amplifier Series Stereo 60W, Mono 120W Audio Power Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com