Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ADUM1402ARWZ Datasheet(PDF) 8 Page - Analog Devices

No. de pieza ADUM1402ARWZ
Descripción Electrónicos  Quad-Channel Digital Isolators
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

ADUM1402ARWZ Datasheet(HTML) 8 Page - Analog Devices

Back Button ADUM1402ARWZ Datasheet HTML 4Page - Analog Devices ADUM1402ARWZ Datasheet HTML 5Page - Analog Devices ADUM1402ARWZ Datasheet HTML 6Page - Analog Devices ADUM1402ARWZ Datasheet HTML 7Page - Analog Devices ADUM1402ARWZ Datasheet HTML 8Page - Analog Devices ADUM1402ARWZ Datasheet HTML 9Page - Analog Devices ADUM1402ARWZ Datasheet HTML 10Page - Analog Devices ADUM1402ARWZ Datasheet HTML 11Page - Analog Devices ADUM1402ARWZ Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
ADuM1400/ADuM1401/ADuM1402
Rev. B | Page 8 of 24
ELECTRICAL CHARACTERISTICS—MIXED 5 V/3 V OR 3 V/5 V OPERATION1
5 V/3 V operation: 4.5 V ≤ VDD1 ≤ 5.5 V, 2.7 V ≤ VDD2 ≤ 3.6 V; 3 V/5 V operation: 2.7 V ≤ VDD1 ≤ 3.6 V, 4.5 V ≤ VDD2 ≤ 5.5 V; all min/max
specifications apply over the entire recommended operation range, unless otherwise noted; all typical specifications are at
TA = 25°C; VDD1 = 3.0 V, VDD2 = 5 V; or VDD1 = 5 V, VDD2 = 3.0 V.
Table 3.
Parameter
Symbol
Min
Typ
Max Unit
Test Conditions
DC SPECIFICATIONS
Input Supply Current, per Channel, Quiescent IDDI (Q)
5 V/3 V Operation
0.50
0.53
mA
3 V/5 V Operation
0.26
0.31
mA
Output Supply Current, per Channel, Quiescent
IDDO (Q)
5 V/3 V Operation
0.11
0.14
mA
3 V/5 V Operation
0.19
0.21
mA
ADuM1400, Total Supply Current, Four Channels2
DC to 2 Mbps
VDD1 Supply Current
IDD1 (Q)
5 V/3 V Operation
2.2
2.8
mA
DC to 1 MHz logic signal freq.
3 V/5 V Operation
1.2
1.9
mA
DC to 1 MHz logic signal freq.
VDD2 Supply Current
IDD2 (Q)
5 V/3 V Operation
0.5
0.9
mA
DC to 1 MHz logic signal freq.
3 V/5 V Operation
0.9
1.4
mA
DC to 1 MHz logic signal freq.
10 Mbps (BRW and CRW Grades Only)
VDD1 Supply Current
IDD1 (10)
5 V/3 V Operation
8.6
10.6
mA
5 MHz logic signal freq.
3 V/5 V Operation
4.5
6.5
mA
5 MHz logic signal freq.
VDD2 Supply Current
IDD2 (10)
5 V/3 V Operation
1.4
2.0
mA
5 MHz logic signal freq.
3 V/5 V Operation
2.6
3.5
mA
5 MHz logic signal freq.
90 Mbps (CRW Grade Only)
VDD1 Supply Current
IDD1 (90)
5 V/3 V Operation
76
100
mA
45 MHz logic signal freq.
3 V/5 V Operation
42
65
mA
45 MHz logic signal freq.
VDD2 Supply Current
IDD2 (90)
5 V/3 V Operation
11
15
mA
45 MHz logic signal freq.
3 V/5 V Operation
21
25
mA
45 MHz logic signal freq.
ADuM1401, Total Supply Current, Four Channels2
DC to 2 Mbps
VDD1 Supply Current
IDD1 (Q)
5 V/3 V Operation
1.8
2.4
mA
DC to 1 MHz logic signal freq.
3 V/5 V Operation
1.0
1.6
mA
DC to 1 MHz logic signal freq.
VDD2 Supply Current
IDD2 (Q)
5 V/3 V Operation
0.7
1.2
mA
DC to 1 MHz logic signal freq.
3 V/5 V Operation
1.2
1.8
mA
DC to 1 MHz logic signal freq.
10 Mbps (BRW and CRW Grades Only)
VDD1 Supply Current
IDD1 (10)
5 V/3 V Operation
7.1
9.0
mA
5 MHz logic signal freq.
3 V/5 V Operation
3.7
5.4
mA
5 MHz logic signal freq.
VDD2 Supply Current
IDD2 (10)
5 V/3 V Operation
2.2
3.0
mA
5 MHz logic signal freq.
3 V/5 V Operation
4.1
5.0
mA
5 MHz logic signal freq.


Número de pieza similar - ADUM1402ARWZ

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
ADuM1402ARWZ AD-ADuM1402ARWZ Datasheet
490Kb / 32P
   Quad-Channel Digital Isolators
Rev. H
ADuM1402ARWZ AD-ADuM1402ARWZ Datasheet
794Kb / 32P
   Quad-Channel Digital Isolators
Rev. G
ADuM1402ARWZ AD-ADuM1402ARWZ Datasheet
490Kb / 32P
   Quad-Channel Digital Isolators
Rev. H
ADUM1402ARWZ AD-ADUM1402ARWZ Datasheet
490Kb / 32P
   Quad-Channel Digital Isolators
Rev. H
ADuM1402ARWZ AD-ADuM1402ARWZ Datasheet
490Kb / 32P
   Quad-Channel Digital Isolators
Rev. H
More results

Descripción similar - ADUM1402ARWZ

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
ADUM1400CRW-RL AD-ADUM1400CRW-RL Datasheet
490Kb / 32P
   Quad-Channel Digital Isolators
Rev. H
ADUM1401WSRWZ-RL AD-ADUM1401WSRWZ-RL Datasheet
490Kb / 32P
   Quad-Channel Digital Isolators
Rev. H
ADUM1410 AD-ADUM1410_10 Datasheet
691Kb / 24P
   Quad-Channel Digital Isolators
Rev. H
ADUM2402 AD-ADUM2402_15 Datasheet
417Kb / 24P
   Quad-Channel Digital Isolators
Rev. E
ADUM1410 AD-ADUM1410_15 Datasheet
422Kb / 24P
   Quad-Channel Digital Isolators
Rev. J
ADUM1402ARWZ-RL AD-ADUM1402ARWZ-RL Datasheet
490Kb / 32P
   Quad-Channel Digital Isolators
Rev. H
ADUM1400CRWZ-RL AD-ADUM1400CRWZ-RL Datasheet
490Kb / 32P
   Quad-Channel Digital Isolators
Rev. H
ADUM2401 AD-ADUM2401_15 Datasheet
417Kb / 24P
   Quad-Channel Digital Isolators
Rev. E
ADUM1410 AD-ADUM1410_07 Datasheet
600Kb / 24P
   Quad-Channel Digital Isolators
Rev. G
ADUM1400 AD-ADUM1400_15 Datasheet
578Kb / 32P
   Quad-Channel Digital Isolators
Rev. I
ADUM1401 AD-ADUM1401_15 Datasheet
578Kb / 32P
   Quad-Channel Digital Isolators
Rev. I
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com