Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LM1973 Datasheet(PDF) 10 Page - Texas Instruments

No. de pieza LM1973
Descripción Electrónicos  3-Channel 76dB Audio Attenuator
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

LM1973 Datasheet(HTML) 10 Page - Texas Instruments

Back Button LM1973_16 Datasheet HTML 6Page - Texas Instruments LM1973_16 Datasheet HTML 7Page - Texas Instruments LM1973_16 Datasheet HTML 8Page - Texas Instruments LM1973_16 Datasheet HTML 9Page - Texas Instruments LM1973_16 Datasheet HTML 10Page - Texas Instruments LM1973_16 Datasheet HTML 11Page - Texas Instruments LM1973_16 Datasheet HTML 12Page - Texas Instruments LM1973_16 Datasheet HTML 13Page - Texas Instruments LM1973_16 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 21 page
background image
LM1973
SNAS093B – DECEMBER 1994 – REVISED MARCH 2013
www.ti.com
Table 1. LM1973 Micropot Attenuator
Register Set Description (continued)
MSB:
LSB
Address Register (Byte 0)
: : : : :
: :
0011 1110
46.0
0011 1111
47.0
0100 0000
48.0
0100 0001
50.0
0100 0010
52.0
: : : : :
: :
0100 1100
72.0
0100 1101
74.0
0100 1110
76.0
0100 1111
100.0 (Mute)
0101 0000
100.0 (Mute)
: : : : :
: :
1111 1110
100.0 (Mute)
1111 1111
100.0 (Mute)
μPot SYSTEM ARCHITECTURE
The
μPot's digital interface is essentially a shift register, where serial data is shifted in, latched, and then
decoded. As new data is shifted into the DATA-IN pin, the previously latched data is shifted out the DATA-OUT
pin. Once the data is shifted in, the LOAD/SHIFT line goes high, latching in the new data. The data is then
decoded and the appropriate switch is activated to set the desired attenuation level for the selected channel. This
process is continued each and every time an attenuation change is made. Each channel is updated, only, when
that channel is selected for an attenuator change or the system is powered down and then back up again. When
the
μPot is powered up, each channel is placed into the muted mode.
μPot LADDER ARCHITECTURE
Each channel of a
μPot has its own independent resistor ladder network. As shown in Figure 21, the ladder
consists of multiple R1/R2 elements which make up the attenuation scheme. Within each element there are tap
switches that select the appropriate attenuation level corresponding to the data bits in Table 1. It can be seen in
Figure 21 that the input impedance for the channel is a constant value regardless of which tap switch is selected,
while the output impedance varies according to the tap switch selected.
Figure 21.
μPot Ladder Architecture
DIGITAL LINE COMPATIBILITY
The
μPot's digital interface section is compatible with either TTL or CMOS logic due to the shift register inputs
acting upon a threshold voltage of 2 diode drops or approximately 1.4V.
10
Submit Documentation Feedback
Copyright © 1994–2013, Texas Instruments Incorporated
Product Folder Links: LM1973


Número de pieza similar - LM1973_16

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
LM1973 TI1-LM1973_14 Datasheet
1,010Kb / 20P
[Old version datasheet]   LM1973 關Pot 3-Channel 76dB Audio Attenuator with Mute
More results

Descripción similar - LM1973_16

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
LM1973 TI1-LM1973_14 Datasheet
1,010Kb / 20P
[Old version datasheet]   LM1973 關Pot 3-Channel 76dB Audio Attenuator with Mute
logo
National Semiconductor ...
LM1973 NSC-LM1973 Datasheet
305Kb / 11P
   關Pot??-Channel 76dB Audio Attenuator with Mute
logo
Texas Instruments
LM1972 TI1-LM1972_16 Datasheet
1Mb / 22P
[Old version datasheet]   2-Channel 78dB Audio Attenuator
LM1971 TI1-LM1971_14 Datasheet
965Kb / 20P
[Old version datasheet]   Overture Audio Attenuator Series Digitally Controlled 62 dB Audio Attenuator
logo
National Semiconductor ...
LM1972 NSC-LM1972 Datasheet
301Kb / 11P
   Pot 2-Channel 78dB Audio Attenuator with Mute
logo
Texas Instruments
LM1971MX TI-LM1971MX Datasheet
939Kb / 19P
[Old version datasheet]   LM1971 Overture Audio Attenuator Series Digitally Controlled 62 dB Audio Attenuator
logo
National Semiconductor ...
LM1971 NSC-LM1971 Datasheet
248Kb / 11P
   LM1971 Overture??Audio Attenuator Series Digitally Controlled 62 dB Audio Attenuator with/Mute
logo
Texas Instruments
LM4781 TI1-LM4781 Datasheet
1Mb / 31P
[Old version datasheet]   Audio Power Amplifier Series 3 Channel 35W Audio Power Amplifier
LM1972 TI1-LM1972_14 Datasheet
1,016Kb / 21P
[Old version datasheet]   LM1972 關Pot 2-Channel 78dB Audio Attenuator with Mute
logo
DAICO Industries, Inc.
DAT36217 DAICO-DAT36217 Datasheet
173Kb / 1P
   Attenuator 3 Section
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com