Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LM193AH/883 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
No. de pieza LM193AH/883
Descripción Electrónicos  Low Power Low Offset Voltage Dual Comparators
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

LM193AH/883 Datasheet(HTML) 7 Page - Texas Instruments

Back Button LM193AH/883 Datasheet HTML 3Page - Texas Instruments LM193AH/883 Datasheet HTML 4Page - Texas Instruments LM193AH/883 Datasheet HTML 5Page - Texas Instruments LM193AH/883 Datasheet HTML 6Page - Texas Instruments LM193AH/883 Datasheet HTML 7Page - Texas Instruments LM193AH/883 Datasheet HTML 8Page - Texas Instruments LM193AH/883 Datasheet HTML 9Page - Texas Instruments LM193AH/883 Datasheet HTML 10Page - Texas Instruments LM193AH/883 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 22 page
background image
LM193A, LM193QML
www.ti.com
SNOSAM2C – MAY 2005 – REVISED MARCH 2013
LM193A - 100K Radiation Electrical Characteristics DC Parameters
(1)(2) (continued)
The following conditions apply, unless otherwise specified.
+V = 5V, VCM = 0V
Symbol
Parameter
Conditions
Sub-
Notes
Min
Max
Unit
groups
VDiff
Differential Input Voltage
+V = 30V, +VI = 36V, -VI = 0V
See(4)
500
nA
1, 2, 3
+V = 30V, +VI = 0V, -VI = +36V
See(4)
500
nA
1, 2, 3
AVS
Voltage Gain
+V = 15V, RPullUp = 15KΩ
See(3)
50
V/mV
4
1V
≤ VO ≤ 11V,
See(5)
25
V/mV
5, 6
(4)
The value for VDiff is not datalogged during Read and Record.
(5)
Datalog reading in K = V/mV.
LM193A - 100K Radiation Electrical Characteristics AC Parameters
(1) (2)
The following conditions apply, unless otherwise specified.
+V = 5V, VCM = 0V
Symbol
Parameter
Conditions
Sub-
Notes
Min
Max
Unit
groups
tRLH
Response Time
VOD = 5mV
5.0
µS
9
VOD = 50mV
0.8
µS
9
tRHL
Response Time
VOD = 5mV
2.5
µS
9
VOD = 50mV
0.8
µS
9
(1)
Pre and post irradiation limits are identical to those listed under AC and DC electrical characteristics except as listed in the Post
Radiation Limits Table. These parts may be dose rate sensitive in a space environment and demonstrate enhanced low dose rate effect.
Radiation end point limits for the noted parameters are specified only for the conditions as specified in MIL-STD-883, Method 1019
(2)
Low dose rate testing has been performed on a wafer-by-wafer basis, per test method 1019 condition D of MIL-STD-883, with no
enhanced low dose rate sensitivity (ELDRS) effect.
LM193A - 100K Radiation Electrical Characteristics (Continued) DC Drift Parameters
(1) (2)
The following conditions apply, unless otherwise specified.
+V = 5V, VCM = 0V
Delta calculations performed on QMLV devices at Group B, Subgroup 5 only
Symbol
Parameter
Conditions
Sub-
Notes
Min
Max
Unit
groups
VIO
Input Offset Voltage
+V = 30V
-1.0
1.0
mV
1
±IIB
Input Bias Current
-15
15
nA
1
(1)
Low dose rate testing has been performed on a wafer-by-wafer basis, per test method 1019 condition D of MIL-STD-883, with no
enhanced low dose rate sensitivity (ELDRS) effect.
(2)
Pre and post irradiation limits are identical to those listed under AC and DC electrical characteristics except as listed in the Post
Radiation Limits Table. These parts may be dose rate sensitive in a space environment and demonstrate enhanced low dose rate effect.
Radiation end point limits for the noted parameters are specified only for the conditions as specified in MIL-STD-883, Method 1019
LM193A - 100K Radiation Electrical Characteristics (Continued) AC Parameters - Post Radiation
Limits @ +25°C
(1) (2)
The following conditions apply, unless otherwise specified.
+V = 5V, VCM = 0V
Symbol
Parameter
Conditions
Sub-
Notes
Min
Max
Unit
groups
tRLH
Response Time
VOD = 50mV
1.0
µS
9
(1)
Pre and post irradiation limits are identical to those listed under AC and DC electrical characteristics except as listed in the Post
Radiation Limits Table. These parts may be dose rate sensitive in a space environment and demonstrate enhanced low dose rate effect.
Radiation end point limits for the noted parameters are specified only for the conditions as specified in MIL-STD-883, Method 1019
(2)
Low dose rate testing has been performed on a wafer-by-wafer basis, per test method 1019 condition D of MIL-STD-883, with no
enhanced low dose rate sensitivity (ELDRS) effect.
Copyright © 2005–2013, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: LM193A LM193QML


Número de pieza similar - LM193AH/883

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
National Semiconductor ...
LM193AH/883 NSC-LM193AH/883 Datasheet
322Kb / 15P
   Low Power Low Offset Voltage Dual Comparators
LM193AH/883 NSC-LM193AH/883 Datasheet
172Kb / 12P
   LOW POWER LOW OFFSET VOLTAGE DUAL COMPARATORS
logo
Texas Instruments
LM193AH/883 TI1-LM193AH/883 Datasheet
447Kb / 17P
[Old version datasheet]   LM193/LM293/LM393/LM2903 Low Power Low Offset Voltage Dual Comparators
More results

Descripción similar - LM193AH/883

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
LM193-N TI1-LM193-N_15 Datasheet
1Mb / 29P
[Old version datasheet]   Low-Power, Low-Offset Voltage, Dual Comparators
logo
List of Unclassifed Man...
AZ393 ETC1-AZ393 Datasheet
238Kb / 9P
   LOW POWER LOW OFFSET VOLTAGE DUAL COMPARATORS
logo
National Semiconductor ...
MNLM193A-X NSC-MNLM193A-X Datasheet
172Kb / 12P
   LOW POWER LOW OFFSET VOLTAGE DUAL COMPARATORS
logo
BCD Semiconductor Manuf...
AZ393 BCDSEMI-AZ393_06 Datasheet
238Kb / 10P
   LOW POWER LOW OFFSET VOLTAGE DUAL COMPARATORS
logo
AiT Semiconductor Inc.
AO393V AITSEMI-AO393V Datasheet
778Kb / 10P
   LOW POWER LOW OFFSET VOLTAGE DUAL COMPARATORS
REV1.0
logo
ARTSCHIP ELECTRONICS CO...
LM193 ARTSCHIP-LM193 Datasheet
489Kb / 15P
   Low Power Low Offset Voltage Dual Comparators
logo
Guangdong Kexin Industr...
KM393N KEXIN-KM393N Datasheet
80Kb / 2P
   Low Power Low Offset Voltage Dual Comparators
logo
Diodes Incorporated
AS393 DIODES-AS393 Datasheet
426Kb / 14P
   LOW POWER LOW OFFSET VOLTAGE DUAL COMPARATORS
September 2018 Rev. 3 - 2
logo
BCD Semiconductor Manuf...
AS393 BCDSEMI-AS393 Datasheet
65Kb / 2P
   LOW POWER LOW OFFSET VOLTAGE DUAL COMPARATORS
logo
KODENSHI_AUK CORP.
KK2903 KODENSHI-KK2903 Datasheet
301Kb / 5P
   Low Power Low Offset Voltage Dual Comparators
logo
Taiwan Semiconductor Co...
TS393 TSC-TS393_09 Datasheet
244Kb / 7P
   Low Power Low Offset Voltage Dual Comparators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com