Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SMJ320C40 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
No. de pieza SMJ320C40
Descripción Electrónicos  DIGITAL SIGNAL PROCESSORS
Download  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

SMJ320C40 Datasheet(HTML) 3 Page - Texas Instruments

  SMJ320C40 Datasheet HTML 1Page - Texas Instruments SMJ320C40 Datasheet HTML 2Page - Texas Instruments SMJ320C40 Datasheet HTML 3Page - Texas Instruments SMJ320C40 Datasheet HTML 4Page - Texas Instruments SMJ320C40 Datasheet HTML 5Page - Texas Instruments SMJ320C40 Datasheet HTML 6Page - Texas Instruments SMJ320C40 Datasheet HTML 7Page - Texas Instruments SMJ320C40 Datasheet HTML 8Page - Texas Instruments SMJ320C40 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 65 page
background image
SMJ320C40, TMP320C40
DIGITAL SIGNAL PROCESSORS
SGUS017H -- OCTOBER 1993 -- REVISED OCTOBER 2001
3
POST OFFICE BOX 1443
HOUSTON, TEXAS 77251--1443
description
The C40 digital signal processors (DSPs) are 32-bit, floating-point processors manufactured in 0.72-μm,
double-level metal CMOS technology. The 320C40 is a part of the fourth-generation DSPs from Texas
Instruments and is designed primarily for parallel processing.
For additional information when designing for cold temperature operation, please see Texas Instruments
application report 320C3x, 320C4x and 320MCM42x Power-up Sensitivity at Cold Temperature, literature
number SGUA001.
operation
The 320C40 has six on-chip communication ports for processor-to-processor communication with no external
hardware and simple communication software. This allows connectivity to other C4x processors with no
external-glue logic. The communication ports remove input/output bottlenecks, and the independent smart
DMA coprocessor is able to handle the CPU input/output burden.
central processing unit
The 320C40 CPU is configured for high-speed internal parallelism for the highest sustained performance. The
key features of the CPU are:
D
Eight operations/cycle:
--
40/32-bit floating-point/integer multiply
--
40/32-bit floating-point/integer arithmetic logic unit (ALU) operation
--
Two data accesses
--
Two address-register updates
D
IEEE floating-point conversion
D
Divide and square-root support
D
C3x assembly language compatibility
D
Byte and halfword accessibility
DMA coprocessor
The DMA coprocessor allows concurrent I/O and CPU processing for the highest sustained CPU performance.
The key features of the DMA processor are:
D
Link pointers that allow DMA channels to autoinitialize without CPU intervention
D
Parallel CPU operation and DMA transfers
D
Six DMA channels that support memory-to-memory data transfers
D
Split-mode operation doubles the available DMA channels to 12 when data transfers to and from a
communication port are required.
communication ports
The C40 is the first DSP with on-chip communication ports for processor-to-processor communication with no
external hardware and simple communication software. The features of the communication ports are:
D
Direct interprocessor communication and processor I/O
D
Six communication ports for direct interprocessor communication and processor I/O
D
20M-byte/s bidirectional interface on each communication port for high-speed multiprocessor interface


Número de pieza similar - SMJ320C40

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
SMJ320C40 TI-SMJ320C40 Datasheet
1Mb / 62P
[Old version datasheet]   DIGITAL SIGNAL PROCESSORS
SMJ320C40 TI-SMJ320C40 Datasheet
1Mb / 64P
[Old version datasheet]   DIGITAL SIGNAL PROCESSORS
SMJ320C40GDL40C TI1-SMJ320C40GDL40C Datasheet
202Kb / 15P
[Old version datasheet]   FLOATING-POINT DIGITAL SIGNAL PROCESSOR
SMJ320C40GDL40CT TI1-SMJ320C40GDL40CT Datasheet
202Kb / 15P
[Old version datasheet]   FLOATING-POINT DIGITAL SIGNAL PROCESSOR
SMJ320C40GDL50C TI1-SMJ320C40GDL50C Datasheet
202Kb / 15P
[Old version datasheet]   FLOATING-POINT DIGITAL SIGNAL PROCESSOR
More results

Descripción similar - SMJ320C40

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
SMJ320C31 TI-SMJ320C31 Datasheet
968Kb / 57P
[Old version datasheet]   DIGITAL SIGNAL PROCESSORS
TMS320F2812 TI-TMS320F2812 Datasheet
1Mb / 103P
[Old version datasheet]   DIGITAL SIGNAL PROCESSORS
TMS320C31 TI-TMS320C31 Datasheet
636Kb / 48P
[Old version datasheet]   DIGITAL SIGNAL PROCESSORS
TMS320F2810 TI-TMS320F2810_08 Datasheet
2Mb / 173P
[Old version datasheet]   Digital Signal Processors
TMS320F2809 TI-TMS320F2809_11 Datasheet
1Mb / 145P
[Old version datasheet]   Digital Signal Processors
SM320F2808-EP TI-SM320F2808-EP Datasheet
1Mb / 118P
[Old version datasheet]   Digital Signal Processors
TMS320F2810 TI-TMS320F2810_11 Datasheet
1Mb / 170P
[Old version datasheet]   Digital Signal Processors
TMS320C5X TI1-TMS320C5X_16 Datasheet
1Mb / 94P
[Old version datasheet]   DIGITAL SIGNAL PROCESSORS
TMS320C203 TI-TMS320C203 Datasheet
1Mb / 83P
[Old version datasheet]   DIGITAL SIGNAL PROCESSORS
TMS320LBC57PGE80 TI1-TMS320LBC57PGE80 Datasheet
1Mb / 94P
[Old version datasheet]   DIGITAL SIGNAL PROCESSORS
TMDXDOCK28069 TI-TMDXDOCK28069 Datasheet
1Mb / 147P
[Old version datasheet]   Digital Signal Processors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com