Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SMJ320C6414DGADW60 Datasheet(PDF) 1 Page - Texas Instruments

No. de pieza SMJ320C6414DGADW60
Descripción Electrónicos  FIXED-POINT DIGITAL SIGNAL PROCESSORS
Download  134 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

SMJ320C6414DGADW60 Datasheet(HTML) 1 Page - Texas Instruments

  SMJ320C6414DGADW60 Datasheet HTML 1Page - Texas Instruments SMJ320C6414DGADW60 Datasheet HTML 2Page - Texas Instruments SMJ320C6414DGADW60 Datasheet HTML 3Page - Texas Instruments SMJ320C6414DGADW60 Datasheet HTML 4Page - Texas Instruments SMJ320C6414DGADW60 Datasheet HTML 5Page - Texas Instruments SMJ320C6414DGADW60 Datasheet HTML 6Page - Texas Instruments SMJ320C6414DGADW60 Datasheet HTML 7Page - Texas Instruments SMJ320C6414DGADW60 Datasheet HTML 8Page - Texas Instruments SMJ320C6414DGADW60 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 134 page
background image
SMJ320C6414, SMJ320C6415, SMJ320C6416
FIXEDPOINT DIGITAL SIGNAL PROCESSORS
SGUS050A − JANUARY 2004 − REVISED MARCH 2004
1
POST OFFICE BOX 1443
HOUSTON, TEXAS 77251−1443
D Highest-Performance Fixed-Point Digital
Signal Processors (DSPs)
− 2-, 1.67-, 1.39-ns Instruction Cycle Time
− 600-MHz Clock Rate
− Eight 32-Bit Instructions/Cycle
− Twenty-Eight Operations/Cycle
− 4800 MIPS
− Fully Software-Compatible With C62x
− C6414/15/16 Devices Pin-Compatible
D VelociTI.2 Extensions to VelociTI
Advanced Very-Long-Instruction-Word
(VLIW) TMS320C64x
 DSP Core
− Eight Highly Independent Functional
Units With VelociTI.2
 Extensions:
− Six ALUs (32-/40-Bit), Each Supports
Single 32-Bit, Dual 16-Bit, or Quad
8-Bit Arithmetic per Clock Cycle
− Two Multipliers Support
Four 16 x 16-Bit Multiplies
(32-Bit Results) per Clock Cycle or
Eight 8 x 8-Bit Multiplies
(16-Bit Results) per Clock Cycle
− Non-Aligned Load-Store Architecture
− 64 32-Bit General-Purpose Registers
− Instruction Packing Reduces Code Size
− All Instructions Conditional
D Instruction Set Features
− Byte-Addressable (8-/16-/32-/64-Bit Data)
− 8-Bit Overflow Protection
− Bit-Field Extract, Set, Clear
− Normalization, Saturation, Bit-Counting
− VelociTI.2
 Increased Orthogonality
D Viterbi Decoder Coprocessor (VCP) [C6416]
− Supports Over 500 7.95-Kbps AMR
− Programmable Code Parameters
D Turbo Decoder Coprocessor (TCP) [C6416]
− Supports up to Six 2-Mbps 3GPP
(6 Iterations)
− Programmable Turbo Code and
Decoding Parameters
D L1/L2 Memory Architecture
− 128K-Bit (16K-Byte) L1P Program Cache
(Direct Mapped)
− 128K-Bit (16K-Byte) L1D Data Cache
(2-Way Set-Associative)
− 8M-Bit (1024K-Byte) L2 Unified Mapped
RAM/Cache (Flexible Allocation)
D Two External Memory Interfaces (EMIFs)
− One 64-Bit (EMIFA), One 16-Bit (EMIFB)
− Glueless Interface to Asynchronous
Memories (SRAM and EPROM) and
Synchronous Memories (SDRAM,
SBSRAM, ZBT SRAM, and FIFO)
− 1280M-Byte Total Addressable External
Memory Space
D Enhanced Direct-Memory-Access (EDMA)
Controller (64 Independent Channels)
D Host-Port Interface (HPI)
− User-Configurable Bus Width (32-/16-Bit)
D 32-Bit/33-MHz, 3.3-V PCI Master/Slave
Interface Conforms to PCI Specification 2.2
[C6415/C6416 ]
− Three PCI Bus Address Registers:
Prefetchable Memory
Non-Prefetchable Memory I/O
− Four-Wire Serial EEPROM Interface
− PCI Interrupt Request Under DSP
Program Control
− DSP Interrupt Via PCI I/O Cycle
D Three Multichannel Buffered Serial Ports
− Direct Interface to T1/E1, MVIP, SCSA
Framers
− Up to 256 Channels Each
− ST-Bus-Switching-, AC97-Compatible
− Serial Peripheral Interface (SPI)
Compatible (Motorola
)
D Three 32-Bit General-Purpose Timers
D Universal Test and Operations PHY
Interface for ATM (UTOPIA) [C6415/C6416]
− UTOPIA Level 2 Slave ATM Controller
− 8-Bit Transmit and Receive Operations
up to 50 MHz per Direction
− User-Defined Cell Format up to 64 Bytes
D Sixteen General-Purpose I/O (GPIO) Pins
D Flexible PLL Clock Generator
D IEEE-1149.1 (JTAG)
Boundary-Scan-Compatible
D 570-Pin Grid Array (PGA) Package (GAD
Suffix)
D 0.13-µm/6-Level Cu Metal Process (CMOS)
D 3.3-V I/Os, 1.4-V Internal
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Copyright
 2004, Texas Instruments Incorporated
C62x, VelociTI.2, VelociTI, and TMS320C64x are trademarks of Texas Instruments.
Motorola is a trademark of Motorola, Inc.
† IEEE Standard 1149.1-1990 Standard-Test-Access Port and Boundary Scan Architecture.
On products compliant to MILPRF38535, all parameters are tested
unless otherwise noted. On all other products, production
processing does not necessarily include testing of all parameters.


Número de pieza similar - SMJ320C6414DGADW60

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
SMJ320C6414DGADW60 TI1-SMJ320C6414DGADW60 Datasheet
1Mb / 134P
[Old version datasheet]   FIXD-POINT DIGITAL SIGNAL PROCESSORS
More results

Descripción similar - SMJ320C6414DGADW60

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TMS320VC5407 TI-TMS320VC5407 Datasheet
1Mb / 110P
[Old version datasheet]   Fixed-Point Digital Signal Processors
TMS320C6211B TI-TMS320C6211B Datasheet
1Mb / 83P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSORS
SM320C6414-EP TI1-SM320C6414-EP Datasheet
1,019Kb / 93P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSORS
TMS320C6414 TI-TMS320C6414_04 Datasheet
1Mb / 139P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSORS
TMS320C6202 TI-TMS320C6202 Datasheet
1Mb / 86P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSORS
TMS320C6202 TI1-TMS320C6202_16 Datasheet
2Mb / 110P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSORS
TMS320C54X TI1-TMS320C54X_16 Datasheet
1Mb / 118P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSORS
TMS320VC5510 TI1-TMS320VC5510_17 Datasheet
1Mb / 90P
[Old version datasheet]   Fixed-Point Digital Signal Processors
SM320C6414-EP TI1-SM320C6414-EP_16 Datasheet
1,010Kb / 93P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSORS
TMS320C6416TBGLZA8 TI-TMS320C6416TBGLZA8 Datasheet
2Mb / 148P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com