Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SM320C6414DGADW60 Datasheet(PDF) 5 Page - Texas Instruments

No. de pieza SM320C6414DGADW60
Descripción Electrónicos  FIXED-POINT DIGITAL SIGNAL PROCESSORS
Download  134 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

SM320C6414DGADW60 Datasheet(HTML) 5 Page - Texas Instruments

  SM320C6414DGADW60 Datasheet HTML 1Page - Texas Instruments SM320C6414DGADW60 Datasheet HTML 2Page - Texas Instruments SM320C6414DGADW60 Datasheet HTML 3Page - Texas Instruments SM320C6414DGADW60 Datasheet HTML 4Page - Texas Instruments SM320C6414DGADW60 Datasheet HTML 5Page - Texas Instruments SM320C6414DGADW60 Datasheet HTML 6Page - Texas Instruments SM320C6414DGADW60 Datasheet HTML 7Page - Texas Instruments SM320C6414DGADW60 Datasheet HTML 8Page - Texas Instruments SM320C6414DGADW60 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 134 page
background image
SMJ320C6414, SMJ320C6415, SMJ320C6416
FIXEDPOINT DIGITAL SIGNAL PROCESSORS
SGUS050A − JANUARY 2004 − REVISED MARCH 2004
5
POST OFFICE BOX 1443
HOUSTON, TEXAS 77251−1443
device characteristics
Table 1 provides an overview of the C6414, C6415, and C6416 DSPs. The table shows significant features of
the C64x devices, including the capacity of on-chip RAM, the peripherals, the CPU frequency, and the package
type with pin count.
Table 1. Characteristics of the C6414, C6415, and C6416 Processors
HARDWARE FEATURES
C6414, C6415, AND C6416
EMIFA (64-bit bus width)
(default clock source = AECLKIN)
1
Peripherals
EMIFB (16-bit bus width)
(default clock source = BECLKIN)
1
Peripherals
Not all peripherals pins
EDMA (64 independent channels)
1
Not all peripherals pins
are available at the same
HPI (32- or 16-bit user selectable)
1 (HPI16 or HPI32)
are available at the same
time. (For more details,
see the Device
PCI (32-bit) [DeviceID Register value 0xA106]
1 [C6415/C6416 only]
time. (For more details,
see the Device
Configuration section.)
Peripheral performance is
McBSPs
(default internal clock source = CPU/4 clock
frequency)
3
Peripheral performance is
dependent on chip-level
UTOPIA (8-bit mode)
1 [C6415/C6416 only]
dependent on chip-level
configuration.
32-Bit Timers
(default internal clock source = CPU/8 clock
frequency)
3
General-Purpose Input/Output 0 (GP0)
16
Decoder Coprocessors
VCP
1 (C6416 only)
Decoder Coprocessors
TCP
1 (C6416 only)
Size (Bytes)
1056K
On-Chip Memory
Organization
16K-Byte (16KB) L1 Program (L1P) Cache
16KB L1 Data (L1D) Cache
1024KB Unified Mapped RAM/Cache (L2)
CPU ID + CPU Rev ID
Control Status Register (CSR.[31:16])
0x0C01
Device_ID
Silicon Revision Identification Register
(DEVICE_REV [19:16])
Address: 0x01B0 0200
DEVICE_REV[19:16]
Silicon Revision
1111
1.03 or earlier
0001
1.03
0010 or 0000
1.1
Frequency
MHz
600
Cycle Time
ns
1.67 ns (C6414, C6415, C6416) and
(C6414A, C6415A, C6416A)
[600-MHz CPU, 133-MHz EMIFA]†
Voltage
Core (V)
1.4 V
Voltage
I/O (V)
3.3 V
PLL Options
CLKIN frequency multiplier
Bypass (x1), x6, x12
PGA Package
33 x 33 mm
570-Pin PGA (GAD)
Process Technology
µm
0.13
µm
Product Status
Product Preview (PP)
Advance Information (AI)
Production Data (PD)
PD
† On these C64x devices, the rated EMIF speed affects only the SDRAM interface on EMIFA. For more detailed information, see the EMIF
Device Speed section of this data sheet.


Número de pieza similar - SM320C6414DGADW60

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
SM320C6414DGADW60 TI1-SM320C6414DGADW60 Datasheet
1Mb / 134P
[Old version datasheet]   FIXD-POINT DIGITAL SIGNAL PROCESSORS
More results

Descripción similar - SM320C6414DGADW60

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TMS320VC5407 TI-TMS320VC5407 Datasheet
1Mb / 110P
[Old version datasheet]   Fixed-Point Digital Signal Processors
TMS320C6211B TI-TMS320C6211B Datasheet
1Mb / 83P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSORS
SM320C6414-EP TI1-SM320C6414-EP Datasheet
1,019Kb / 93P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSORS
TMS320C6414 TI-TMS320C6414_04 Datasheet
1Mb / 139P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSORS
TMS320C6202 TI-TMS320C6202 Datasheet
1Mb / 86P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSORS
TMS320C6202 TI1-TMS320C6202_16 Datasheet
2Mb / 110P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSORS
TMS320C54X TI1-TMS320C54X_16 Datasheet
1Mb / 118P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSORS
TMS320VC5510 TI1-TMS320VC5510_17 Datasheet
1Mb / 90P
[Old version datasheet]   Fixed-Point Digital Signal Processors
SM320C6414-EP TI1-SM320C6414-EP_16 Datasheet
1,010Kb / 93P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSORS
TMS320C6416TBGLZA8 TI-TMS320C6416TBGLZA8 Datasheet
2Mb / 148P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com