Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SM73201 Datasheet(PDF) 10 Page - Texas Instruments

No. de pieza SM73201
Descripción Electrónicos  SM73201 16-Bit, 50 to 250 kSPS, Differential Input, MicroPower ADC
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

SM73201 Datasheet(HTML) 10 Page - Texas Instruments

Back Button SM73201_13 Datasheet HTML 6Page - Texas Instruments SM73201_13 Datasheet HTML 7Page - Texas Instruments SM73201_13 Datasheet HTML 8Page - Texas Instruments SM73201_13 Datasheet HTML 9Page - Texas Instruments SM73201_13 Datasheet HTML 10Page - Texas Instruments SM73201_13 Datasheet HTML 11Page - Texas Instruments SM73201_13 Datasheet HTML 12Page - Texas Instruments SM73201_13 Datasheet HTML 13Page - Texas Instruments SM73201_13 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 28 page
background image
SM73201
SNOSB89B – JUNE 2011 – REVISED JUNE 2013
www.ti.com
Typical Performance Characteristics
VA = VIO = VREF = +5V, fSCLK = 5 MHz, fSAMPLE = 250 kSPS, TA = +25°C, and fIN = 20 kHz unless otherwise stated.
SINAD vs. VA
THD vs. VA
Figure 8.
Figure 9.
SINAD vs. VREF
THD vs. VREF
Figure 10.
Figure 11.
SINAD vs. SCLK FREQUENCY
THD vs. SCLK FREQUENCY
Figure 12.
Figure 13.
10
Submit Documentation Feedback
Copyright © 2011–2013, Texas Instruments Incorporated
Product Folder Links: SM73201


Número de pieza similar - SM73201_13

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
SM73201IMM TI1-SM73201IMM Datasheet
486Kb / 21P
[Old version datasheet]   16-Bit, 50 to 250 kSPS, Differential Input, MicroPower ADC
SM73201IMME TI1-SM73201IMME Datasheet
486Kb / 21P
[Old version datasheet]   16-Bit, 50 to 250 kSPS, Differential Input, MicroPower ADC
SM73201IMMX TI1-SM73201IMMX Datasheet
486Kb / 21P
[Old version datasheet]   16-Bit, 50 to 250 kSPS, Differential Input, MicroPower ADC
More results

Descripción similar - SM73201_13

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
SM73201 TI1-SM73201 Datasheet
486Kb / 21P
[Old version datasheet]   16-Bit, 50 to 250 kSPS, Differential Input, MicroPower ADC
ADC161S626 TI1-ADC161S626 Datasheet
1Mb / 33P
[Old version datasheet]   16-Bit, 50 to 250 kSPS, Differential Input, MicroPower ADC
logo
National Semiconductor ...
ADC161S626 NSC-ADC161S626_09 Datasheet
592Kb / 22P
   16-Bit, 50 to 250 kSPS, Differential Input, MicroPower ADC
ADC161S626 NSC-ADC161S626 Datasheet
550Kb / 22P
   16-Bit, 50 to 250 kSPS, Differential Input, MicroPower ADC
logo
Texas Instruments
ADC161S626 TI1-ADC161S626_14 Datasheet
1Mb / 30P
[Old version datasheet]   ADC161S626 16-Bit, 50 to 250 kSPS, Differential Input, MicroPower ADC
logo
Analog Devices
AD7631 AD-AD7631_17 Datasheet
664Kb / 33P
   18-Bit, 250 kSPS, Differential Programmable Input PulSAR ADC
AD7631BSTZ AD-AD7631BSTZ Datasheet
681Kb / 32P
   18-Bit, 250 kSPS, Differential Programmable Input PulSAR짰 ADC
REV. A
AD7663 AD-AD7663 Datasheet
477Kb / 25P
   16-Bit, 250 kSPS CMOS ADC
AD7663ASTZRL AD-AD7663ASTZRL Datasheet
426Kb / 24P
   16-Bit, 250 kSPS CMOS ADC
REV. B
AD7663ASTRL AD-AD7663ASTRL Datasheet
426Kb / 24P
   16-Bit, 250 kSPS CMOS ADC
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com