Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LM2594N-12/NOPB Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
No. de pieza LM2594N-12/NOPB
Descripción Electrónicos  SIMPLE SWITCHER Power Converter 150-kHz 0.5-A Step-Down Voltage Regulator
Download  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

LM2594N-12/NOPB Datasheet(HTML) 10 Page - Texas Instruments

Back Button LM2594N-12/NOPB Datasheet HTML 6Page - Texas Instruments LM2594N-12/NOPB Datasheet HTML 7Page - Texas Instruments LM2594N-12/NOPB Datasheet HTML 8Page - Texas Instruments LM2594N-12/NOPB Datasheet HTML 9Page - Texas Instruments LM2594N-12/NOPB Datasheet HTML 10Page - Texas Instruments LM2594N-12/NOPB Datasheet HTML 11Page - Texas Instruments LM2594N-12/NOPB Datasheet HTML 12Page - Texas Instruments LM2594N-12/NOPB Datasheet HTML 13Page - Texas Instruments LM2594N-12/NOPB Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 41 page
background image
10
LM2594, LM2594HV
SNVS118D – DECEMBER 1999 – REVISED MAY 2016
www.ti.com
Product Folder Links: LM2594 LM2594HV
Submit Documentation Feedback
Copyright © 1999–2016, Texas Instruments Incorporated
8 Detailed Description
8.1 Overview
The LM2594 SIMPLE SWITCHER® regulator is an easy-to-use, nonsynchronous step-down DC-DC converter
with a wide input voltage range from 45 V to up to 60 V for a HV version. The regulator is capable of delivering
up to 0.5-A DC load current with excellent line and load regulation. These devices are available in fixed output
voltages of 3.3-V, 5-V, 12-V, and an adjustable output version. The family requires few external components, and
the pin arrangement was designed for simple, optimum PCB layout.
8.2 Functional Block Diagram
8.3 Feature Description
8.3.1 Delayed Start-Up
The circuit in Figure 14 uses the ON/OFF pin to provide a time delay between the time the input voltage is
applied and the time the output voltage comes up (only the circuitry pertaining to the delayed start-up is shown).
As the input voltage rises, the charging of capacitor C1 pulls the ON/OFF pin high, keeping the regulator off.
Once the input voltage reaches its final value and the capacitor stops charging, the resistor R2 pulls the ON/OFF
pin low, thus allowing the circuit to start switching. Resistor R1 is included to limit the maximum voltage applied to
the ON/OFF pin (maximum of 25 V), reduces power supply noise sensitivity, and also limits the capacitor, C1,
discharge current. When high input ripple voltage exists, avoid long delay time, because this ripple can be
coupled into the ON/OFF pin and cause problems.
This delayed start-up feature is useful in situations where the input power source is limited in the amount of
current it can deliver. It allows the input voltage to rise to a higher voltage before the regulator starts operating.
Buck regulators require less input current at higher input voltages.


Número de pieza similar - LM2594N-12/NOPB

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
LM2594N-12/NOPB TI1-LM2594N-12/NOPB Datasheet
1Mb / 41P
[Old version datasheet]   LM2594/LM2594HV SIMPLE SWITCHER짰 Power Converter 150 kHz 0.5A Step-Down Voltage Regulator
LM2594N-12/NOPB TI1-LM2594N-12/NOPB Datasheet
1Mb / 40P
[Old version datasheet]   LM2594/LM2594HV SIMPLE SWITCHER Power Converter 150 kHz 0.5A Step-Down Voltage Regulator
LM2594N-12/NOPB TI1-LM2594N-12/NOPB Datasheet
1Mb / 40P
[Old version datasheet]   LM2594/LM2594HV SIMPLE SWITCHER Power Converter 150 kHz 0.5A Step-Down Voltage Regulator
LM2594N-12/NOPB TI1-LM2594N-12/NOPB Datasheet
1Mb / 40P
[Old version datasheet]   LM2594/LM2594HV SIMPLE SWITCHER Power Converter 150 kHz 0.5A Step-Down Voltage Regulator
More results

Descripción similar - LM2594N-12/NOPB

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
LM2593HV TI1-LM2593HV Datasheet
1Mb / 31P
[Old version datasheet]   SIMPLE SWITCHER Power Converter 150-kHz, 2-A Step-Down Voltage Regulator
LM2595 TI1-LM2595_17 Datasheet
4Mb / 43P
[Old version datasheet]   SIMPLE SWITCHER Power Converter 150-kHz 1-A Step-Down Voltage Regulator
LM2592HV TI1-LM2592HV Datasheet
2Mb / 31P
[Old version datasheet]   SIMPLE SWITCHER Power Converter 150-kHz 2-A Step-Down Voltage Regulator
logo
National Semiconductor ...
LM2592HV NSC-LM2592HV Datasheet
655Kb / 20P
   SIMPLE SWITCHER Power Converter 150 kHz 2A Step-Down Voltage Regulator
LM2591HV NSC-LM2591HV Datasheet
730Kb / 20P
   SIMPLE SWITCHER Power Converter 150 kHz 1A Step-Down Voltage Regulator
LM2595 NSC-LM2595 Datasheet
935Kb / 29P
   SIMPLE SWITCHER Power Converter 150 kHz 1A Step-Down Voltage Regulator
LM2594 NSC-LM2594 Datasheet
740Kb / 28P
   SIMPLE SWITCHER Power Converter 150 kHz 0.5A Step-Down Voltage Regulator
LM2596 NSC-LM2596 Datasheet
736Kb / 31P
   SIMPLE SWITCHER Power Converter 150 kHz 3A Step-Down Voltage Regulator
logo
Texas Instruments
LM2599SX-50 TI1-LM2599SX-50 Datasheet
2Mb / 44P
[Old version datasheet]   LM2599 SIMPLE SWITCHER Power Converter 150 kHz 3A Step-Down Voltage Regulator
LM2596SX-5.0 TI1-LM2596SX-5.0 Datasheet
4Mb / 42P
[Old version datasheet]   LM2596 SIMPLE SWITCHER Power Converter 150 kHz 3A Step-Down Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com