Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
SDS(H)05-24D15W Datasheet(PDF) 2 Page - Power Mate Technology Co., LTD |
|
SDS(H)05-24D15W Datasheet(HTML) 2 Page - Power Mate Technology Co., LTD |
2 / 3 page SDS05W SDH05W 2 www.PDUKE.com 2015/11/20 INPUT SPECIFICATIONS Parameter Conditions Min. Typ. Max. Unit Operating input voltage range 24Vin(nom) 48Vin(nom) 9 18 24 48 36 75 VDC Start up time Constant resistive load Power up Remote ON/OFF 5 5 10 10 ms Input surge voltage 1 second, max. 24Vin(nom) 48Vin(nom) 50 100 VDC Input reflected ripple current(1) 24Vin(nom) 48Vin(nom) 20 15 mAp-p Input filter Capacitor type DC-DC ON Open or high impedance Ctrl pin applied current via 1k DC-DC OFF 2.0 3.0 4.0 mA Remote ON/OFF Remote off input current 2.5 mA Application circuit DC-DC ON DC-DC OFF OUTPUT SPECIFICATIONS Parameter Conditions Min. Typ. Max. Unit Voltage accuracy -1.0 +1.0 % Line regulation Low Line to High Line at Full Load -0.2 +0.2 % No Load to Full Load Single Dual -1.0 -1.0 +1.0 +1.0 Load regulation 10% Load to 90% Load Single Dual -0.5 -0.8 +0.5 +0.8 % Cross regulation Asymmetrical load 25%/100% FL Dual -5.0 +5.0 % Ripple and noise Measured by 20MHz bandwidth 75 mVp-p Temperature coefficient -0.02 +0.02 %/ Transient response recovery time 25% load step change 500 µs Short circuit protection Continuous, automatics recovery GENERAL SPECIFICATIONS Parameter Conditions Min. Typ. Max. Unit Isolation voltage 1 minute Standard Suffix ”H” 1600 3000 VDC Isolation resistance 500VDC 1 G Isolation capacitance Standard Suffix ”H” 50 50 pF Switching frequency 100 kHz Safety meets UL60950-1 EN60950-1 IEC60950-1 Case material Non-conductive black plastic Base material Non-conductive black plastic Potting material Silicone (UL94 V-0) Weight 2.7g (0.10oz) MTBF MIL-HDBK-217F, Full load 2.281 x 10 6 hrs ENVIRONMENTAL SPECIFICATIONS Parameter Conditions Min. Typ. Max. Unit Operating ambient temperature With derating -40 +105 Storage temperature range -55 +125 Thermal shock MIL-STD-810F Vibration MIL-STD-810F Relative humidity 5% to 95% RH Lead-free reflow solder process IPC J-STD-020D Moisture sensitivity level(MSL) IPC J-STD-033B Level 2 |
Número de pieza similar - SDS(H)05-24D15W |
|
Descripción similar - SDS(H)05-24D15W |