Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SM320C26BGBM Datasheet(PDF) 1 Page - Texas Instruments

No. de pieza SM320C26BGBM
Descripción Electrónicos  DIGITAL SIGNAL PROCESSOR
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

SM320C26BGBM Datasheet(HTML) 1 Page - Texas Instruments

  SM320C26BGBM Datasheet HTML 1Page - Texas Instruments SM320C26BGBM Datasheet HTML 2Page - Texas Instruments SM320C26BGBM Datasheet HTML 3Page - Texas Instruments SM320C26BGBM Datasheet HTML 4Page - Texas Instruments SM320C26BGBM Datasheet HTML 5Page - Texas Instruments SM320C26BGBM Datasheet HTML 6Page - Texas Instruments SM320C26BGBM Datasheet HTML 7Page - Texas Instruments SM320C26BGBM Datasheet HTML 8Page - Texas Instruments SM320C26BGBM Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 42 page
background image
SM320C26B
www.ti.com
SGUS069A – NOVEMBER 2012 – REVISED NOVEMBER 2012
DIGITAL SIGNAL PROCESSOR
1
Digital Signal Processor
• Block Moves for Data or Program Management
1.1
Features
• Repeat Instructions for Efficient Use of
1
• 100-ns Instruction Cycle Time
Program Space
• 1568 Words of Configurable On-Chip Data and
• Eight Auxiliary Registers and Dedicated
Program RAM
Arithmetic Unit for Indirect Addressing
• 256 Words of On-Chip Program ROM
• Serial Port for Direct Code Interface
• 128K Words of Data/Program Space
• Synchronization Input for Synchronous
• Pin-for-Pin Compatible with the SMJ320C25
Multiprocessor Configurations
• 16 Input and 16 Output Channels
• Wait States for Communication to
• 16-Bit Parallel Interface
Slow-Off-Chip Memories or Peripherals
• Directly Accessible External Data Memory
• On-Chip Timer for Control Operations
Space
• Three External Maskable User Interrupts
• Global Data Memory Interface
• Input Pin Polled by Software Branch
• 16-Bit Instruction and Data Words
Instruction
• 32-Bit ALU and Accumulator
• Programmable Output Pin for Signaling
External Devices
• Single-Cycle Multiply or Accumulate
Instructions
• 1.6-
μm CMOS Technology
• 0 to 16-Bit Scaling Shifter
• Single 5-V Supply
• Bit Manipulation and Logical Instructions
• 68-Pin Leaded Ceramic Chip Carrier (FJ Suffix)
• Instruction Set Support for Floating-Point
Operations, Adaptive Filtering, and Extended-
Precision Arithmetic
1.2
Description
The SM320C26B Digital Signal Processor is a VLSI digital signal processor and peripheral. The
SM320C26B supports a wide range of digital signal processing applications, such as telecommunications,
modems, image processing, speech processing, spectrum analysis, audio processing, digital filtering,
high-speed control, graphics, and other computation intensive applications.
With a 100-ns instruction cycle time and an innovative memory configuration, the SM320C26B performs
operations necessary for many real time digital signal processing algorithms. Since most instructions
require only one cycle, the SM320C26B is capable of executing ten million instructions per second. On-
chip programmable data/program RAM of 1568 words of 16 bits, on-chip program ROM of 256-words,
direct addressing of up to 64K-words of external program and 64K-words of data memory space, and
multiprocessor interface features for sharing global memory minimize unnecessary data transfers to take
full advantage of the capabilities of the processor.
The SM320C26B scaling shifter has a 16-bit input connected to the data bus and a 32-bit output
connected to the ALU. The scaling shifter produces a left shift of 0 to 16 bits on the input data, as
programmed in the instruction. The LSBs of the output are filled with zeroes, and the MSBs may be either
filled with zeroes or sign-extended, depending upon the status programmed into the SXM (sign-extension
mode) bit of status register ST1.
NOTE
The SM320C26B is intended to support existing designs, and is not recommended for new
designs. The datasheet has references to design software and hardware tools that may no
longer be available.
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date. Products conform to
Copyright © 2012, Texas Instruments Incorporated
specifications per the terms of the Texas Instruments standard warranty. Production
processing does not necessarily include testing of all parameters.


Número de pieza similar - SM320C26BGBM

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
SM320C26BGBM TI1-SM320C26BGBM Datasheet
616Kb / 40P
[Old version datasheet]   DIGITAL SIGNAL PROCESSOR
More results

Descripción similar - SM320C26BGBM

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
SMJ320C30 TI-SMJ320C30 Datasheet
726Kb / 47P
[Old version datasheet]   DIGITAL SIGNAL PROCESSOR
TMS320C32 TI-TMS320C32 Datasheet
645Kb / 44P
[Old version datasheet]   DIGITAL SIGNAL PROCESSOR
TMS320VC33 TI-TMS320VC33 Datasheet
654Kb / 57P
[Old version datasheet]   DIGITAL SIGNAL PROCESSOR
TMS320C30 TI1-TMS320C30_16 Datasheet
753Kb / 53P
[Old version datasheet]   DIGITAL SIGNAL PROCESSOR
logo
Samsung semiconductor
S5L9286F02 SAMSUNG-S5L9286F02 Datasheet
598Kb / 35P
   DIGITAL SIGNAL PROCESSOR
logo
Texas Instruments
TMS320P25 TI-TMS320P25 Datasheet
763Kb / 48P
[Old version datasheet]   DIGITAL SIGNAL PROCESSOR
TMS320F206 TI-TMS320F206_06 Datasheet
832Kb / 58P
[Old version datasheet]   DIGITAL SIGNAL PROCESSOR
TMS320F206 TI-TMS320F206_07 Datasheet
826Kb / 58P
[Old version datasheet]   DIGITAL SIGNAL PROCESSOR
SM320F2812-HT TI-SM320F2812-HT Datasheet
1Mb / 155P
[Old version datasheet]   Digital Signal Processor
SM320C32-EP TI1-SM320C32-EP Datasheet
621Kb / 44P
[Old version datasheet]   DIGITAL SIGNAL PROCESSOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com