Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SN74ALS04BDBR Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
No. de pieza SN74ALS04BDBR
Descripción Electrónicos  Package Options Include Plastic
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

SN74ALS04BDBR Datasheet(HTML) 2 Page - Texas Instruments

  SN74ALS04BDBR Datasheet HTML 1Page - Texas Instruments SN74ALS04BDBR Datasheet HTML 2Page - Texas Instruments SN74ALS04BDBR Datasheet HTML 3Page - Texas Instruments SN74ALS04BDBR Datasheet HTML 4Page - Texas Instruments SN74ALS04BDBR Datasheet HTML 5Page - Texas Instruments SN74ALS04BDBR Datasheet HTML 6Page - Texas Instruments SN74ALS04BDBR Datasheet HTML 7Page - Texas Instruments SN74ALS04BDBR Datasheet HTML 8Page - Texas Instruments SN74ALS04BDBR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
SN54ALS04B, SN54AS04, SN74ALS04B, SN74AS04
HEX INVERTERS
SDAS063B − APRIL 1982 − REVISED DECEMBER 1994
2
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
POST OFFICE BOX 1443
HOUSTON, TEXAS 77251−1443
absolute maximum ratings over operating free-air temperature range (unless otherwise noted)
Supply voltage, VCC
7 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Input voltage, VI
7 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Operating free-air temperature range, TA: SN54ALS04B
−55
°C to 125°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
SN74ALS04B
0
°C to 70°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage temperature range
−65
°C to 150°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
† Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only, and
functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not
implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
recommended operating conditions
SN54ALS04B
SN74ALS04B
UNIT
MIN
NOM
MAX
MIN
NOM
MAX
UNIT
VCC
Supply voltage
4.5
5
5.5
4.5
5
5.5
V
VIH
High-level input voltage
2
2
V
VIL
Low-level input voltage
0.8‡
0.8
V
VIL
Low-level input voltage
0.7§
V
IOH
High-level output current
− 0.4
− 0.4
mA
IOL
Low-level output current
4
8
mA
TA
Operating free-air temperature
−55
125
0
70
°C
‡ Applies over − 55°C to 70°C temperature range
§ Applies over 70°C to 125°C temperature range
electrical characteristics over recommended operating free-air temperature range (unless
otherwise noted)
PARAMETER
TEST CONDITIONS
SN54ALS04B
SN74ALS04B
UNIT
PARAMETER
TEST CONDITIONS
MIN
TYP¶
MAX
MIN
TYP¶
MAX
UNIT
VIK
VCC = 4.5 V,
II = −18 mA
−1.2
−1.2
V
VOH
VCC = 4.5 V to 5.5 V,
IOH = − 0.4 mA
VCC −2
VCC −2
V
VOL
VCC = 4.5 V
IOL = 4 mA
0.25
0.4
0.25
0.4
V
VOL
VCC = 4.5 V
IOL = 8 mA
0.35
0.5
V
II
VCC = 5.5 V,
VI = 7 V
0.1
0.1
mA
IIH
VCC = 5.5 V,
VI = 2.7 V
20
20
µA
IIL
VCC = 5.5 V,
VI = 0.4 V
− 0.1
− 0.1
mA
IO#
VCC = 5.5 V,
VO = 2.25 V
−20
−112
−30
−112
mA
ICCH
VCC = 5.5 V,
VI = 0
0.65
1.1
0.65
1.1
mA
ICCL
VCC = 5.5 V,
VI = 4.5 V
2.9
4.4
2.9
4.2
mA
¶ All typical values are at VCC = 5 V, TA = 25°C.
# The output conditions have been chosen to produce a current that closely approximates one half of the true short-circuit output current, IOS.


Número de pieza similar - SN74ALS04BDBR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
SN74ALS04BDBR TI-SN74ALS04BDBR Datasheet
518Kb / 15P
[Old version datasheet]   HEX INVERTERS
SN74ALS04BDBRE4 TI-SN74ALS04BDBRE4 Datasheet
518Kb / 15P
[Old version datasheet]   HEX INVERTERS
More results

Descripción similar - SN74ALS04BDBR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
SN54ALS32 TI1-SN54ALS32_15 Datasheet
1Mb / 18P
[Old version datasheet]   Package Options Include Plastic
SN54ALS133 TI1-SN54ALS133_15 Datasheet
792Kb / 16P
[Old version datasheet]   Package Options Include Plastic
logo
Xilinx, Inc
DS310 XILINX-DS310 Datasheet
315Kb / 14P
   Available in multiple package options
logo
DB Lectro Inc
WH2002D DBLECTRO-WH2002D Datasheet
684Kb / 2P
   5x8 dots include cursor
logo
Abracon Corporation
ASDM1-100.000MHZ-LC-T ABRACON-ASDM1-100.000MHZ-LC-T Datasheet
2Mb / 3P
   ULTRA MINIATURE PLASTIC PACKAGE ULTRA MINIATURE PLASTIC PACKAGE
07.21.11
logo
Integrated Device Techn...
89HPEB383 IDT-89HPEB383 Datasheet
3Mb / 264P
   Topics discussed include the following
logo
KODENSHI_AUK CORP.
EL321 KODENSHI-EL321 Datasheet
141Kb / 3P
   Plastic mold package
logo
MMD Components
KSAC1 MMD-KSAC1 Datasheet
99Kb / 1P
   Plastic SMD Package
logo
Newhaven Display Intern...
FCISFV20R-1STE1LF NEWHAVEN-FCISFV20R-1STE1LF Datasheet
743Kb / 9P
   Plastic Tape Package
FCISFV21R-1STE1LF NEWHAVEN-FCISFV21R-1STE1LF Datasheet
743Kb / 9P
   Plastic Tape package
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com