Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

BCM43362KUBG Datasheet(PDF) 6 Page - Cypress Semiconductor

No. de pieza BCM43362KUBG
Descripción Electrónicos  Single-Chip IEEE 802.11??b/g/n MAC/Baseband/Radio SDIO
Download  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  CYPRESS [Cypress Semiconductor]
Página de inicio  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

BCM43362KUBG Datasheet(HTML) 6 Page - Cypress Semiconductor

Back Button BCM43362KUBG Datasheet HTML 2Page - Cypress Semiconductor BCM43362KUBG Datasheet HTML 3Page - Cypress Semiconductor BCM43362KUBG Datasheet HTML 4Page - Cypress Semiconductor BCM43362KUBG Datasheet HTML 5Page - Cypress Semiconductor BCM43362KUBG Datasheet HTML 6Page - Cypress Semiconductor BCM43362KUBG Datasheet HTML 7Page - Cypress Semiconductor BCM43362KUBG Datasheet HTML 8Page - Cypress Semiconductor BCM43362KUBG Datasheet HTML 9Page - Cypress Semiconductor BCM43362KUBG Datasheet HTML 10Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 84 page
background image
Table of Contents
BCM43362 Data Sheet
Broadcom
®
IEEE 802.11 b/g/n MAC/Baseband/Radio + SDIO
February 13, 2015 • 43362-DS106-R
Page 5
BROADCOM CONFIDENTIAL
PSM ............................................................................................................................................... 35
WEP ............................................................................................................................................... 36
TXE ................................................................................................................................................ 36
RXE................................................................................................................................................ 36
IFS.................................................................................................................................................. 37
TSF ................................................................................................................................................ 37
NAV................................................................................................................................................ 37
MAC-PHY Interface........................................................................................................................ 37
PHY Description
......................................................................................................................................... 38
PHY Features........................................................................................................................................ 38
Section 6: WLAN Radio Subsystem ................................................................................ 41
Receive Path
............................................................................................................................................... 42
Transmit Path
.............................................................................................................................................. 42
Calibration
................................................................................................................................................... 42
Section 7: CPU and Global Functions ............................................................................. 43
WLAN CPU and Memory Subsystem
........................................................................................................ 43
One-Time Programmable Memory
............................................................................................................ 43
GPIO Interface
............................................................................................................................................. 44
JTAG Interface
........................................................................................................................................... 44
UART Interface
........................................................................................................................................... 44
Section 8: WLAN Software Architecture ......................................................................... 45
Host Software Architecture
....................................................................................................................... 45
Device Software Architecture
.................................................................................................................... 45
Remote Downloader.............................................................................................................................. 46
Wireless Configuration Utility
................................................................................................................... 46
Section 9: Pinout and Signal Descriptions ..................................................................... 47
Signal Assignments
................................................................................................................................... 47
WLAN GPIO Signals and Strapping Options
........................................................................................... 56
Section 10: DC Characteristics ........................................................................................ 57
Absolute Maximum Ratings
...................................................................................................................... 57
Environmental Ratings
.............................................................................................................................. 58
Electrostatic Discharge Specifications
.................................................................................................... 58
Recommended Operating Conditions and DC Characteristics
............................................................. 59
Section 11: WLAN RF Specifications .............................................................................. 61
2.4 GHz Band General RF Specifications
................................................................................................. 62
WLAN 2.4 GHz Receiver Performance Specifications
............................................................................ 62
WLAN 2.4 GHz Transmitter Performance Specifications
....................................................................... 65


Número de pieza similar - BCM43362KUBG

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Cypress Semiconductor
BCM43362KUBG CYPRESS-BCM43362KUBG Datasheet
742Kb / 51P
   Single-Chip IEEE 802.11?줮/g/n MAC/Baseband/Radio
BCM43362KUBGT CYPRESS-BCM43362KUBGT Datasheet
1Mb / 84P
   Single-Chip IEEE 802.11??b/g/n MAC/Baseband/Radio SDIO
More results

Descripción similar - BCM43362KUBG

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Cypress Semiconductor
BCM43362KUBGT CYPRESS-BCM43362KUBGT Datasheet
1Mb / 84P
   Single-Chip IEEE 802.11??b/g/n MAC/Baseband/Radio SDIO
BCM43362SKUBGT CYPRESS-BCM43362SKUBGT Datasheet
1Mb / 84P
   Single-Chip IEEE 802.11??b/g/n MAC/Baseband/Radio SDIO
BCM43364KUBGT CYPRESS-BCM43364KUBGT Datasheet
1Mb / 82P
   Single-Chip IEEE 802.11 b/g/n MAC/Baseband/Radio
BCM43243KFFBG CYPRESS-BCM43243KFFBG Datasheet
1Mb / 78P
   Single-Chip IEEE 802.11 a/b/g/n 2횞2 MAC/Baseband/Radio
CYW43362 CYPRESS-CYW43362 Datasheet
742Kb / 51P
   Single-Chip IEEE 802.11?줮/g/n MAC/Baseband/Radio
BCM4319XKUBGT CYPRESS-BCM4319XKUBGT Datasheet
2Mb / 84P
   Single-Chip IEEE 802.11??a/b/g/n MAC/Baseband/ Radio with Integrated SDIO and USB Interfaces
BCM4319GKUBGT CYPRESS-BCM4319GKUBGT Datasheet
2Mb / 84P
   Single-Chip IEEE 802.11??a/b/g/n MAC/Baseband/ Radio with Integrated SDIO and USB Interfaces
CYW43143 CYPRESS-CYW43143 Datasheet
807Kb / 44P
   Single Chip IEEE 802.11 b/g/n MAC/PHY/Radio with USB/SDIO Host Interface
logo
Broadcom Corporation.
BCM4330 BOARDCOM-BCM4330 Datasheet
2Mb / 168P
   Single Chip IEEE 802.11??a/b/g/n MAC/Baseband/ Radio with Integrated Bluetooth짰 4.0 HS and FM
logo
Cypress Semiconductor
CYW4343W CYPRESS-CYW4343W Datasheet
1Mb / 103P
   Single-Chip 802.11 b/g/n MAC/Baseband/Radiowith Bluetooth 4.1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com