Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
SN74HC132PWLE Datasheet(PDF) 5 Page - Texas Instruments |
|
SN74HC132PWLE Datasheet(HTML) 5 Page - Texas Instruments |
5 / 28 page 5 SN54HC132 SN74HC132 www.ti.com SCLS034G – DECEMBER 1982 – REVISED JUNE 2016 Product Folder Links: SN54HC132 SN74HC132 Submit Documentation Feedback Copyright © 1982–2016, Texas Instruments Incorporated 6.5 Electrical Characteristics over recommended operating free-air temperature range (unless otherwise noted) PARAMETER TEST CONDITIONS VCC MIN TYP MAX UNIT VT+ 2 V 0.7 1.2 1.5 V 4.5 V 1.55 2.5 3.15 6 V 2.1 3.3 4.2 VT− 2 V 0.3 0.6 1 V 4.5 V 0.9 1.6 2.45 6 V 1.2 2 3.2 VT+ – VT− 2 V 0.2 0.6 1.2 V 4.5 V 0.4 0.9 2.1 6 V 0.5 1.3 2.5 VOH VI = VIH or VIL IOH = –20 µA 2 V 1.9 1.998 V 4.5 V 4.4 4.499 6 V 5.9 5.999 IOH = –4 mA TA = 25°C 4.5 V 3.98 4.3 SN54HC132 3.7 SN74HC132 3.84 IOH = –5.2 mA TA = 25°C 6 V 5.48 5.8 SN54HC132 5.2 SN74HC132 5.34 VOL VI = VIH or VIL IOL = 20 µA 2 V 0.002 0.1 V 4.5 V 0.001 0.1 6 V 0.001 0.1 IOL = 4 mA TA = 25°C 4.5 V 0.17 0.26 SN54HC132 0.4 SN74HC132 0.33 IOL = 5.2 mA TA = 25°C 6 V 0.15 0.26 SN54HC132 0.4 SN74HC132 0.33 II VI = VCC or 0 TA = 25°C 6 V ±0.1 ±100 nA SN54HC132, SN74HC132 ±1000 ICC VI = VCC or 0, IO = 0 TA = 25°C 6 V 2 µA SN54HC132 40 SN74HC132 20 Ci 2 V to 6 V 3 10 pF |
Número de pieza similar - SN74HC132PWLE |
|
Descripción similar - SN74HC132PWLE |