Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
SN74HC132PWT Datasheet(PDF) 9 Page - Texas Instruments |
|
|
SN74HC132PWT Datasheet(HTML) 9 Page - Texas Instruments |
9 / 28 page 5-V Regulated 0.1 F µ 3.3- or 5-V Accessory 9 SN54HC132 SN74HC132 www.ti.com SCLS034G – DECEMBER 1982 – REVISED JUNE 2016 Product Folder Links: SN54HC132 SN74HC132 Submit Documentation Feedback Copyright © 1982–2016, Texas Instruments Incorporated 9 Application and Implementation NOTE Information in the following applications sections is not part of the TI component specification, and TI does not warrant its accuracy or completeness. TI’s customers are responsible for determining suitability of components for their purposes. Customers should validate and test their design implementation to confirm system functionality. 9.1 Application Information The SN74HC132 is a low-drive CMOS device that can be used for a multitude of bus interface type applications where output ringing is a concern. The low drive and slow edge rates minimize overshoot and undershoot on the outputs. The inputs can accept voltages to VCC. The current consumption of the device is low with maximum 20-µA ICC. 9.2 Typical Application Figure 5. Typical Application Diagram 9.2.1 Design Requirements This device uses CMOS technology and has balanced output drive. Take care to avoid bus contention because it can drive currents that would exceed maximum limits. The high drive also creates fast edges into light loads, so consider routing and load conditions to prevent ringing. 9.2.2 Detailed Design Procedure 1. Recommended Input Conditions: – For rise time and fall time specifications, see Δt/ΔV in the Recommended Operating Conditions table. – For specified high and low levels, see VIH and VIL in the Recommended Operating Conditions table. 2. Recommend Output Conditions: – Load currents should not exceed 25 mA per output and 50 mA total for the part. – Outputs must not be pulled above VCC. |
Número de pieza similar - SN74HC132PWT |
|
Descripción similar - SN74HC132PWT |