Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
SN74HC193NSR Datasheet(PDF) 9 Page - Texas Instruments |
|
|
SN74HC193NSR Datasheet(HTML) 9 Page - Texas Instruments |
9 / 21 page PACKAGE OPTION ADDENDUM www.ti.com 17-Dec-2015 Addendum-Page 1 PACKAGING INFORMATION Orderable Device Status (1) Package Type Package Drawing Pins Package Qty Eco Plan (2) Lead/Ball Finish (6) MSL Peak Temp (3) Op Temp (°C) Device Marking (4/5) Samples 5962-8772401EA ACTIVE CDIP J 16 1 TBD A42 N / A for Pkg Type -55 to 125 5962-8772401EA SNJ54HC193J SN54HC193J ACTIVE CDIP J 16 1 TBD A42 N / A for Pkg Type -55 to 125 SN54HC193J SN74HC193D ACTIVE SOIC D 16 40 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM -40 to 85 HC193 SN74HC193DE4 ACTIVE SOIC D 16 40 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM -40 to 85 HC193 SN74HC193DR ACTIVE SOIC D 16 2500 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM -40 to 85 HC193 SN74HC193DRE4 ACTIVE SOIC D 16 2500 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM -40 to 85 HC193 SN74HC193DT ACTIVE SOIC D 16 250 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM -40 to 85 HC193 SN74HC193N ACTIVE PDIP N 16 25 Pb-Free (RoHS) CU NIPDAU N / A for Pkg Type -40 to 85 SN74HC193N SN74HC193NE4 ACTIVE PDIP N 16 25 Pb-Free (RoHS) CU NIPDAU N / A for Pkg Type -40 to 85 SN74HC193N SN74HC193NSR ACTIVE SO NS 16 2000 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM -40 to 85 HC193 SN74HC193PW ACTIVE TSSOP PW 16 90 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM -40 to 85 HC193 SN74HC193PWG4 ACTIVE TSSOP PW 16 90 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM -40 to 85 HC193 SN74HC193PWR ACTIVE TSSOP PW 16 2000 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM -40 to 85 HC193 SN74HC193PWRG4 ACTIVE TSSOP PW 16 2000 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM -40 to 85 HC193 SNJ54HC193J ACTIVE CDIP J 16 1 TBD A42 N / A for Pkg Type -55 to 125 5962-8772401EA SNJ54HC193J (1) The marketing status values are defined as follows: ACTIVE: Product device recommended for new designs. LIFEBUY: TI has announced that the device will be discontinued, and a lifetime-buy period is in effect. NRND: Not recommended for new designs. Device is in production to support existing customers, but TI does not recommend using this part in a new design. PREVIEW: Device has been announced but is not in production. Samples may or may not be available. |
Número de pieza similar - SN74HC193NSR |
|
Descripción similar - SN74HC193NSR |