Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
LM2670S-ADJ Datasheet(PDF) 4 Page - Texas Instruments |
|
|
LM2670S-ADJ Datasheet(HTML) 4 Page - Texas Instruments |
4 / 38 page 4 LM2670 SNVS036K – APRIL 2000 – REVISED JUNE 2016 www.ti.com Product Folder Links: LM2670 Submit Documentation Feedback Copyright © 2000–2016, Texas Instruments Incorporated (1) Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings only, which do not imply functional operation of the device at these or any other conditions beyond those indicated under Recommended Operating Conditions. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability. (2) If Military/Aerospace specified devices are required, please contact the Texas Instruments Sales Office/Distributors for availability and specifications. (3) The absolute maximum specification of the Switch Voltage to Ground applies to DC voltage. An extended negative voltage limit of –10 V applies to a pulse of up to 20 ns, –6 V of 60 ns and –3 V of up to 100 ns. 6 Specifications 6.1 Absolute Maximum Ratings See (1) (2) MIN MAX UNIT Input supply voltage 45 V Soft-start pin voltage –0.1 6 V Switch voltage to ground(3) –1 VIN V Boost pin voltage VSW + 8 V Feedback pin voltage –0.3 14 V Power dissipation Internally Limited Soldering temperature Wave, 4 s 260 °C Infrared, 10 s 240 Vapor phase, 75 s 219 Storage temperature, Tstg –65 150 °C (1) JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process. (2) ESD was applied using the human-body model, a 100-pF capacitor discharged through a 1.5-kΩ resistor into each pin. 6.2 ESD Ratings VALUE UNIT V(ESD) Electrostatic discharge Human-body model (HBM), per ANSI/ESDA/JEDEC JS-001(1)(2) ±2000 V 6.3 Recommended Operating Conditions MIN MAX UNIT Supply voltage 8 40 V Junction temperature, TJ –40 125 °C |
Número de pieza similar - LM2670S-ADJ |
|
Descripción similar - LM2670S-ADJ |