Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LM2705MF-ADJ Datasheet(PDF) 8 Page - Texas Instruments

No. de pieza LM2705MF-ADJ
Descripción Electrónicos  LM2705 Micropower Step-up DC/DC Converter with 150mA Peak Current Limit
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

LM2705MF-ADJ Datasheet(HTML) 8 Page - Texas Instruments

Back Button LM2705MF-ADJ Datasheet HTML 4Page - Texas Instruments LM2705MF-ADJ Datasheet HTML 5Page - Texas Instruments LM2705MF-ADJ Datasheet HTML 6Page - Texas Instruments LM2705MF-ADJ Datasheet HTML 7Page - Texas Instruments LM2705MF-ADJ Datasheet HTML 8Page - Texas Instruments LM2705MF-ADJ Datasheet HTML 9Page - Texas Instruments LM2705MF-ADJ Datasheet HTML 10Page - Texas Instruments LM2705MF-ADJ Datasheet HTML 11Page - Texas Instruments LM2705MF-ADJ Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
L2 = 2
VOUT + VD
ICL
TOFF
IPK = ICL +
VIN(max)
L
100 ns
¹
·
©
§
VOUT - VIN(min) + VD
ICL
L =
TOFF
LM2705
SNVS191E – NOVEMBER 2002 – REVISED MAY 2013
www.ti.com
off the NMOS switch.The SW voltage will then rise to the output voltage plus a diode drop and the inductor
current will begin to decrease as shown in Figure 16. During this time the energy stored in the inductor is
transferred to COUT and the load. After the 400ns off-time the NMOS switch is turned on and energy is stored in
the inductor again. This energy transfer from the inductor to the output causes a stepping effect in the output
ripple as shown in Figure 16.
This cycle is continued until the voltage at FB reaches 1.237V. When FB reaches this voltage, the enable
comparator then disables the device turning off the NMOS switch and reducing the Iq of the device to 40uA. The
load current is then supplied solely by COUT indicated by the gradually decreasing slope at the output as shown
in Figure 16. When the FB pin drops slightly below 1.237V, the enable comparator enables the device and
begins the cycle described previously. The SHDN pin can be used to turn off the LM2705 and reduce the Iq to
0.01µA. In shutdown mode the output voltage will be a diode drop lower than the input voltage.
APPLICATION INFORMATION
INDUCTOR SELECTION - BOOST REGULATOR
The appropriate inductor for a given application is calculated using the following equation:
(2)
where VD is the schottky diode voltage, ICL is the switch current limit found in the Typical Performance
Characteristics section, and TOFF is the switch off time. When using this equation be sure to use the minimum
input voltage for the application, such as for battery powered applications. For the LM2705 constant-off time
control scheme, the NMOS power switch is turned off when the current limit is reached. There is approximately a
100ns delay from the time the current limit is reached in the NMOS power switch and when the internal logic
actually turns off the switch. During this 100ns delay, the peak inductor current will increase. This increase in
inductor current demands a larger saturation current rating for the inductor. This saturation current can be
approximated by the following equation:
(3)
Choosing inductors with low ESR decrease power losses and increase efficiency.
Care should be taken when choosing an inductor. For applications that require an input voltage that approaches
the output voltage, such as when converting a Li-Ion battery voltage to 5V, the 400ns off time may not be enough
time to discharge the energy in the inductor and transfer the energy to the output capacitor and load. This can
cause a ramping effect in the inductor current waveform and an increased ripple on the output voltage. Using a
smaller inductor will cause the IPK to increase and will increase the output voltage ripple further.
For typical curves and evaluation purposes the DT1608C series inductors from Coilcraft were used. Other
acceptable inductors would include, but are not limited to, the SLF6020T series from TDK, the NP05D series
from Taiyo Yuden, the CDRH4D18 series from Sumida, and the P1166 series from Pulse.
INDUCTOR SELECTION - SEPIC REGULATOR
The following equation can be used to calculate the approximate inductor value for a SEPIC regulator:
(4)
The boost inductor, L1, can be smaller or larger but is generally chosen to be the same value as L2. See
Figure 23 and Figure 24 for typical SEPIC applications.
DIODE SELECTION
To maintain high efficiency, the average current rating of the schottky diode should be larger than the peak
inductor current, IPK. Schottky diodes with a low forward drop and fast switching speeds are ideal for increasing
efficiency in portable applications. Choose a reverse breakdown of the schottky diode larger than the output
voltage.
8
Submit Documentation Feedback
Copyright © 2002–2013, Texas Instruments Incorporated
Product Folder Links: LM2705


Número de pieza similar - LM2705MF-ADJ

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
National Semiconductor ...
LM2705MF-ADJ NSC-LM2705MF-ADJ Datasheet
367Kb / 11P
   Micropower Step-up DC/DC Converter with 150mA Peak Current Limit
LM2705MF-ADJ NSC-LM2705MF-ADJ Datasheet
322Kb / 12P
   Micropower Step-up DC/DC Converter with 150mA Peak Current Limit
More results

Descripción similar - LM2705MF-ADJ

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
National Semiconductor ...
LM2705 NSC-LM2705_07 Datasheet
322Kb / 12P
   Micropower Step-up DC/DC Converter with 150mA Peak Current Limit
LM2705 NSC-LM2705 Datasheet
367Kb / 11P
   Micropower Step-up DC/DC Converter with 150mA Peak Current Limit
LM2704 NSC-LM2704 Datasheet
312Kb / 11P
   Micropower Step-up DC/DC Converter with 550mA Peak Current Limit
LM2703 NSC-LM2703 Datasheet
307Kb / 11P
   Micropower Step-up DC/DC Converter with 350mA Peak Current Limit
logo
Texas Instruments
LM2704 TI1-LM2704 Datasheet
1Mb / 18P
[Old version datasheet]   Micropower Step-up DC/DC Converter with 550mA Peak Current Limit
LM2704 TI1-LM2704_15 Datasheet
1,006Kb / 19P
[Old version datasheet]   LM2704 Micropower Step-up DC/DC Converter with 550mA Peak Current Limit
LM2703MFX-ADJ TI1-LM2703MFX-ADJ Datasheet
1,015Kb / 19P
[Old version datasheet]   LM2703 Micropower Step-Up DC/DC Converter with 350mA Peak Current Limit
logo
Linear Technology
LT1316 LINER-LT1316_15 Datasheet
311Kb / 16P
   Micropower DC/DC Converter with Programmable Peak Current Limit
LT1316 LINER-LT1316 Datasheet
344Kb / 16P
   Micropower DC/DC Converter with Programmable Peak Current Limit
LTC3125 LINER-LTC3125 Datasheet
297Kb / 16P
   1.2A Synchronous Step-Up DC/DC Converter with Input Current Limit
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20