Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LM2896 Datasheet(PDF) 3 Page - Texas Instruments

No. de pieza LM2896
Descripción Electrónicos  Dual Audio Power Amplifier
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

LM2896 Datasheet(HTML) 3 Page - Texas Instruments

  LM2896 Datasheet HTML 1Page - Texas Instruments LM2896 Datasheet HTML 2Page - Texas Instruments LM2896 Datasheet HTML 3Page - Texas Instruments LM2896 Datasheet HTML 4Page - Texas Instruments LM2896 Datasheet HTML 5Page - Texas Instruments LM2896 Datasheet HTML 6Page - Texas Instruments LM2896 Datasheet HTML 7Page - Texas Instruments LM2896 Datasheet HTML 8Page - Texas Instruments LM2896 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
Absolute Maximum Ratings
If MilitaryAerospace specified devices are required
please contact the National Semiconductor Sales
OfficeDistributors for availability and specifications
Supply Voltage
LM1896
VS e 12V
LM2896
VS e 18V
Operating Temperature (Note 1)
0 Cto a70 C
Storage Temperature
b
65 Cto a150 C
Junction Temperature
150 C
Lead Temperature (Soldering 10 sec)
260 C
Thermal Resistance
iJC (DIP)
30 CW
iJA (DIP)
137 CW
iJC (SIP)
10 CW
iJA (SIP)
55 CW
Electrical Characteristics
Unless otherwise specified TA e 25 C AV e 200 (46 dB) For the LM1896 VS e 6V and RL e 4X For LM2896
TTAB e 25 C VS e 12V and RL e 8X Test circuit shown in Figure 2
Parameter
Conditions
LM1896
LM2896
Units
Min
Typ
Max
Min
Typ
Max
Supply Current
Po e 0W Dual Mode
15
25
25
40
mA
Operating Supply Voltage
3
10
3
15
V
Output Power
THD e 10% f e 1 kHz
LM1896N-1
VS e 6V RL e 4X Dual Mode
09
11
Wch
LM1896N-2
VS e 6V RL e 8X Bridge Mode
TA e 25 C
18
21
W
VS e 9V RL e 8X Dual Mode
(
13
Wch
LM2896P-1
VS e 12V RL e 8X Dual Mode
20
25
Wch
LM2896P-2
VS e 12V RL e 8X Bridge Mode
TTAB e 25 C
72
90
W
VS e 9V RL e 4X Bridge Mode
78
W
VS e 9V RL e 4X Dual Mode
*
25
Wch
Distortion
f e 1 kHz
Po e 50 mW
009
009
%
Po e 05W
011
011
%
Po e 1W
014
%
Power Supply Rejection
CBY e 100 mF f e 1 kHz CIN e 01 mF
b
40
b
54
b
40
b
54
dB
Ratio (PSRR)
Output Referred VRIPPLE e 250 mV
Channel Separation
CBY e 100 mF f e 1 kHz CIN e 01 mF
b
50
b
64
b
50
b
64
dB
Output Referred
Noise
Equivalent Input Noise RS e 0
CIN e 01 mF BW e 20 b 20 kHz
14
14
m
V
CCIRARM
14
14
m
V
Wideband
20
20
m
V
DC Output Level
28
3
32
56
6
64
V
Input Impedance
50
100
350
50
100
350
kX
Input Offset Voltage
5
5
mV
Voltage Difference
LM1896N-2 LM2896P-2
10
20
10
20
mV
between Outputs
Input Bias Current
120
120
nA
Note 1
For operation at ambient temperature greater than 25 C the LM1896LM2896 must be derated based on a maximum 150 C junction temperature using a
thermal resistance which depends upon mounting techniques
2


Número de pieza similar - LM2896

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
National Semiconductor ...
LM2896P NSC-LM2896P Datasheet
266Kb / 10P
   LM1896/LM2896 Dual Audio Power Amplifier
More results

Descripción similar - LM2896

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Wuxi Youda electronics ...
YD6282 YOUDA-YD6282 Datasheet
155Kb / 4P
   DUAL AUDIO POWER AMPLIFIER
YD8207 YOUDA-YD8207 Datasheet
154Kb / 4P
   DUAL AUDIO POWER AMPLIFIER
logo
Texas Instruments
LM1877 TI1-LM1877_16 Datasheet
1Mb / 15P
[Old version datasheet]   Dual Audio Power Amplifier
logo
Toshiba Semiconductor
TA8258H TOSHIBA-TA8258H Datasheet
371Kb / 12P
   Dual Audio Power Amplifier
2002-02-13
TA8265K TOSHIBA-TA8265K Datasheet
353Kb / 9P
   DUAL AUDIO POWER AMPLIFIER
logo
NEC
UPC1316 NEC-UPC1316 Datasheet
1Mb / 8P
   DUAL AUDIO POWER AMPLIFIER
logo
Toshiba Semiconductor
TA8200AH TOSHIBA-TA8200AH_02 Datasheet
230Kb / 11P
   Dual Audio Power Amplifier
TB2922HQ TOSHIBA-TB2922HQ Datasheet
337Kb / 15P
   Dual Audio Power Amplifier
TA8258HQ TOSHIBA-TA8258HQ_06 Datasheet
345Kb / 13P
   Dual Audio Power Amplifier
TA7230P TOSHIBA-TA7230P Datasheet
454Kb / 4P
   DUAL AUDIO POWER AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com