Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

1N4738A-G Datasheet(PDF) 4 Page - Comchip Technology

No. de pieza 1N4738A-G
Descripción Electrónicos  Glass passivated chip.
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  COMCHIP [Comchip Technology]
Página de inicio  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

1N4738A-G Datasheet(HTML) 4 Page - Comchip Technology

  1N4738A-G Datasheet HTML 1Page - Comchip Technology 1N4738A-G Datasheet HTML 2Page - Comchip Technology 1N4738A-G Datasheet HTML 3Page - Comchip Technology 1N4738A-G Datasheet HTML 4Page - Comchip Technology 1N4738A-G Datasheet HTML 5Page - Comchip Technology 1N4738A-G Datasheet HTML 6Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
RATING AND CHARACTERISTIC CURVES (
)
1N4728A-G Thru. Z1330A-G
Fig.4 - Maximum Surge Power
Lead Temperature,
(°C)
TL
0
Fig.1 - Power
Derating Curve
Temperature
0
0.2
0.6
1.4
25
75
100
175
0.4
1.2
50
125
150
1.0
0.8
Fig.2 - Temperature Coefficients
Zener Voltage
(V)
,Vz
100
10
1
100
1
Range
v.s. Zener Voltage
Lead Length to Heatsink, L (inches)
0
0
25
50
75
150
0.3
0.2
0.4
0.7
0.6
0.1
0.5
175
100
125
0.8 0.9
1
Fig.3 - Typical Thermal Resistance
v.s. Lead Length
Pulse Width, PW (ms)
1
1
10
100
1000
0.1
0.01
10
100
5% duty cycle
10% duty cycle
20% duty cycle
11V-91V Non-Repetitive
Rectangular waveform
TJ=25°C prior to initial pulse
Page 4
REV: D
QW-BZ007
Comchip Technology CO., LTD.
Company reserves the right to improve product design , functions and reliability without notice.
Axial Lead Zener Diode


Número de pieza similar - 1N4738A-G

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Pan Jit International I...
1N4738A-G PANJIT-1N4738A-G Datasheet
399Kb / 5P
   SILICON ZENER DIODE
1N4738A-G PANJIT-1N4738A-G Datasheet
304Kb / 5P
   SILICON ZENER DIODE
More results

Descripción similar - 1N4738A-G

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Micro Commercial Compon...
MT110C08T1 MCC-MT110C08T1 Datasheet
545Kb / 5P
   Glass passivated chip
MD100S08M3 MCC-MD100S08M3 Datasheet
512Kb / 4P
   Glass passivated chip
TBS20A MCC-TBS20A Datasheet
371Kb / 3P
   Glass passivated chip
logo
Bruckewell Technology L...
FR301_7G BWTECH-FR301_7G Datasheet
361Kb / 4P
   Glass passivated chip
logo
StarHope
ASB20A SPSEMI-ASB20A Datasheet
1Mb / 4P
   Glass passivated chip
logo
Kersemi Electronic Co.,...
MUR2010CT KERSEMI-MUR2010CT Datasheet
1Mb / 2P
   Glass passivated chip
logo
Micro Commercial Compon...
MD100A08D1 MCC-MD100A08D1 Datasheet
476Kb / 4P
   Glass passivated chip
logo
Shenzhen Luguang Electr...
5KP170 LUGUANG-5KP170 Datasheet
425Kb / 4P
   Glass passivated chip
logo
New Jersey Semi-Conduct...
MUR1605 NJSEMI-MUR1605 Datasheet
93Kb / 1P
   Glass passivated chip
logo
Shanghai Leiditech Elec...
SMAJ3.3LIR LEIDITECH-SMAJ3.3LIR Datasheet
1,016Kb / 3P
   Glass passivated chip
More results


Html Pages

1 2 3 4 5 6


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com