Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
SN7438DG4 Datasheet(PDF) 9 Page - Texas Instruments |
|
SN7438DG4 Datasheet(HTML) 9 Page - Texas Instruments |
9 / 22 page PACKAGE OPTION ADDENDUM www.ti.com 24-Apr-2015 Addendum-Page 4 Orderable Device Status (1) Package Type Package Drawing Pins Package Qty Eco Plan (2) Lead/Ball Finish (6) MSL Peak Temp (3) Op Temp (°C) Device Marking (4/5) Samples SN74LS38NSR ACTIVE SO NS 14 2000 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM 0 to 70 74LS38 SN74S38D ACTIVE SOIC D 14 50 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM 0 to 70 S38 SN74S38D ACTIVE SOIC D 14 50 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM 0 to 70 S38 SN74S38DG4 ACTIVE SOIC D 14 50 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM 0 to 70 S38 SN74S38DG4 ACTIVE SOIC D 14 50 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM 0 to 70 S38 SN74S38DR ACTIVE SOIC D 14 2500 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM 0 to 70 S38 SN74S38DR ACTIVE SOIC D 14 2500 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM 0 to 70 S38 SN74S38DRE4 ACTIVE SOIC D 14 2500 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM 0 to 70 S38 SN74S38DRE4 ACTIVE SOIC D 14 2500 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM 0 to 70 S38 SN74S38N ACTIVE PDIP N 14 25 Pb-Free (RoHS) CU NIPDAU N / A for Pkg Type 0 to 70 SN74S38N SN74S38N ACTIVE PDIP N 14 25 Pb-Free (RoHS) CU NIPDAU N / A for Pkg Type 0 to 70 SN74S38N SN74S38N3 OBSOLETE PDIP N 14 TBD Call TI Call TI 0 to 70 SN74S38N3 OBSOLETE PDIP N 14 TBD Call TI Call TI 0 to 70 SN74S38NSR ACTIVE SO NS 14 2000 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM 0 to 70 74S38 SN74S38NSR ACTIVE SO NS 14 2000 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM 0 to 70 74S38 SNJ5438J ACTIVE CDIP J 14 1 TBD A42 N / A for Pkg Type -55 to 125 SNJ5438J SNJ5438J ACTIVE CDIP J 14 1 TBD A42 N / A for Pkg Type -55 to 125 SNJ5438J SNJ5438W ACTIVE CFP W 14 1 TBD A42 N / A for Pkg Type -55 to 125 SNJ5438W SNJ5438W ACTIVE CFP W 14 1 TBD A42 N / A for Pkg Type -55 to 125 SNJ5438W |
Número de pieza similar - SN7438DG4 |
|
Descripción similar - SN7438DG4 |