Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LM3203 Datasheet(PDF) 5 Page - Texas Instruments

No. de pieza LM3203
Descripción Electrónicos  Step-Down DC-DC Converter
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

LM3203 Datasheet(HTML) 5 Page - Texas Instruments

  LM3203_16 Datasheet HTML 1Page - Texas Instruments LM3203_16 Datasheet HTML 2Page - Texas Instruments LM3203_16 Datasheet HTML 3Page - Texas Instruments LM3203_16 Datasheet HTML 4Page - Texas Instruments LM3203_16 Datasheet HTML 5Page - Texas Instruments LM3203_16 Datasheet HTML 6Page - Texas Instruments LM3203_16 Datasheet HTML 7Page - Texas Instruments LM3203_16 Datasheet HTML 8Page - Texas Instruments LM3203_16 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 22 page
background image
LM3203
www.ti.com
SNVS355D – MAY 2005 – REVISED APRIL 2013
SYSTEM CHARACTERISTICS
The following spec table entries are specified by design over ambient temperature range if the component values in the
typical application circuit are used. These parameters are not specified by production testing.
Symbol
Parameter
Conditions
Min
Typ
Max
Units
TSTARTUP Time for VOUT to rise to
VIN = 4.2V, COUT = 4.7µF,
50
µs
3.4V in PWM mode
RLOAD = 10Ω
L = 3.3uH (ISAT > 0.94A)
EN = Low to High
TRESPONSE Time for VOUT to Rise
VIN = 4.2V, COUT = 4.7µF,
from 0.8V to 3.6V in
RLOAD = 10Ω
30
µs
PWM Mode
L = 3.3uH (ISAT > 0.94A)
CCON
VCON Input Capacitance
VCON = 1V,
15
pF
Test frequency = 100kHz
TON_BYP
Bypass FET Turn On
VIN = 3.6V, VCON = 0.267V,
Time In Bypass Mode
COUT = 4.7µF, RLOAD = 10Ω
30
µs
BYP = Low to High
Copyright © 2005–2013, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: LM3203


Número de pieza similar - LM3203_16

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
LM3203 TI-LM3203_15 Datasheet
3Mb / 22P
[Old version datasheet]   LM3203 Step-Down DC-DC Converter with Bypass Mode for CDMA / WCDMA RF Power Amplifiers
More results

Descripción similar - LM3203_16

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Rohm
BP5226-18 ROHM-BP5226-18 Datasheet
478Kb / 3P
   Step-down DC/DC converter
logo
Texas Instruments
LM3212 TI1-LM3212_16 Datasheet
981Kb / 25P
[Old version datasheet]   Step-Down DC-DC Converter
LM53625-Q1 TI1-LM53625-Q1_16 Datasheet
5Mb / 55P
[Old version datasheet]   Step-Down DC-DC Converter
TPS57140-Q1 TI1-TPS57140-Q1_16 Datasheet
2Mb / 53P
[Old version datasheet]   Step-Down DC-DC Converter
TPS54340-Q1 TI1-TPS54340-Q1_15 Datasheet
1Mb / 48P
[Old version datasheet]   Step-Down DC-DC Converter
logo
KODENSHI_AUK CORP.
PAM2301 KODENSHI-PAM2301 Datasheet
863Kb / 13P
   STEP-DOWN DC-DC CONVERTER
logo
Texas Instruments
TPS54040 TI1-TPS54040_16 Datasheet
2Mb / 51P
[Old version datasheet]   Step Down DC/DC Converter
logo
Diodes Incorporated
PAM2301 DIODES-PAM2301 Datasheet
1Mb / 13P
   STEP-DOWN DC-DC CONVERTER
logo
Maxim Integrated Produc...
MAX17505 MAXIM-MAX17505 Datasheet
826Kb / 18P
   Step-Down DC-DC Converter
Rev 0; 1/14
logo
Texas Instruments
TPS54040A TI1-TPS54040A_16 Datasheet
2Mb / 53P
[Old version datasheet]   Step-Down DC-DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com