Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LM3279 Datasheet(PDF) 6 Page - Texas Instruments

No. de pieza LM3279
Descripción Electrónicos  Buck-Boost Converter
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

LM3279 Datasheet(HTML) 6 Page - Texas Instruments

Back Button LM3279_16 Datasheet HTML 2Page - Texas Instruments LM3279_16 Datasheet HTML 3Page - Texas Instruments LM3279_16 Datasheet HTML 4Page - Texas Instruments LM3279_16 Datasheet HTML 5Page - Texas Instruments LM3279_16 Datasheet HTML 6Page - Texas Instruments LM3279_16 Datasheet HTML 7Page - Texas Instruments LM3279_16 Datasheet HTML 8Page - Texas Instruments LM3279_16 Datasheet HTML 9Page - Texas Instruments LM3279_16 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 37 page
background image
LM3279
SNVS970C – MARCH 2013 – REVISED OCTOBER 2014
www.ti.com
Electrical Characteristics
(1) (continued)
Limits are for TA = TJ = 25°C, and specifications apply to the LM3279 Typical Application Circuits with: PVIN = 3.8 V, VIO or
EN = 1.8 V, unless otherwise specified.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Gain
Internal gain (4)
0.167 V
≤ VCON ≤ 1.4 V
3
V/V
ICON
VCON pin input leakage
EN = 3.8 V
–1
1
µA
Leakage into VOUT pin of the buck-
EN = 0, VOUT ≤ 4.2 V, VBATT ≤ 5.5 V
IOUT_LEAKAGE
5
boost
Max limits =
−30°C ≤ TJ = TA ≤ 85°C
(4)
When using analog control (EN = HIGH) to calculate VOUT, use the following equation: VOUT = VCON × 3.
6.6 System Characteristics
The following spec table entries are specified by design and verifications, providing the component values in the typical
application circuits are used: L = 1.5 µH, DFE201610C-1R5M (2016)/TOKO; CIN and COUT each = 10 µF 6.3 V,
C105A106MQ5NUNC (0402)/Samsung; PA decoupling cap emulation = 0.47 µF, GRM033R60J474ME90 (0201)/Murata.
These parameters are not verified by production testing. Typical limits are TA = 25°C. Min and Max limits apply over the
full ambient temperature range (
−30°C ≤ TA ≤ 85°C) and over the VIN range = 2.7 V to 5.5 V, unless otherwise specified.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VBATT = 3.8 V, VIO = 1.8 V, RFFE write VSET = 3.42
V (VSET_CTRL = 5Fh), IOUT = 0mA
Turn-on time (time for output
TON
35
50
µs
to reach 0V
→90% × 3.4 V)
EN = L to H, VBATT = 3.8 V, VCON = 1.14 V,
IOUT = 0 mA
VBATT ≥ 3 V, VOUT = 3.8 V
750
IOUT_MAX
Max output current
mA
VBATT ≥ 3.2 V, VOUT = 4.2 V
650
Boost (% M4 on)
50%
DMAX
Maximum duty cycle
Buck (% M1 on)
100%
PFM: VOUT = 0.6V, PVIN = 3.7 V
FOSC_PFM
Internal oscillator frequency
63
kHz
IOUT = 13 mA
Half speed readback SCLK = 13 MHz, not including
CL
Load capacitance
LM3279 capacitance.
10
50
pF
TA = 25°C
CVCON
VCON input capacitance
VCON = 1V, Test frequency = 100 kHz, TA = 25°C
10
pF
VCON_LIN
VCON linearity
0.167 V
≤ VCON ≤ 1.4 V
–2.5%
2.5%
VIO
VIO I/O voltage level
1.8V Bus, TA = 25°C
1.65
1.8
1.95 V
VBATT ≥ 3.2 V, 0.6 ≤ VOUT ≤ 4.2 V,
Ripple voltage
15
50
0 mA
≤ IOUT ≤ 430 mA, TA = 25°C
VO_RIPPLE
PFM ripple
VOUT = 0.6 V, IOUT = 5mA
40
mV
Ripple voltage in mode
VBATT = 3 V to 5 V, Tr = Tf = 30s
50
transition
3.3 V
≤ VOUT ≤ 4.2 V
VBATT = 3.2 V to 4.9 V, VOUT = 3.5 V,
Line regulation
10
PWM Operation
ΔVOUT
mV
IOUT = 0 mA to 500 mA, VBATT = 3.2 V to 4.9 V,
Load regulation
20
PWM Operation
VBATT = 3.6 V to 4.2 V, Tr = Tf = 10 µs,
–100
100
VOUT = 3.5 V, RLOAD = 11.4 Ω, PWM
Line_tr
Line transient response
mV
VBATT = 3.6 V to 4.2 V, Tr = Tf = 10 µs,
–5
5
VOUT = 0.8 V, RLOAD = 20 Ω, PFM
IOUT = 1 mA to 200 mA, Tr = Tf = 1 µs,
–100
100
VBATT = 4.2 V, VOUT = 3.5 V, PWM
Load_tr
Load transient response
mV
IOUT = 10 mA to 90 mA, Tr = Tf = 1 µs,
–10
10
VBATT = 4.2 V, VOUT = 0.8 V, PFM
6
Submit Documentation Feedback
Copyright © 2013–2014, Texas Instruments Incorporated
Product Folder Links: LM3279


Número de pieza similar - LM3279_16

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
LM3279 TI-LM3279_15 Datasheet
1Mb / 37P
[Old version datasheet]   LM3279 Buck-Boost Converter With MIPI짰 RFFE Interface for 3G And 4G RF Power Amplifiers
More results

Descripción similar - LM3279_16

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
STMicroelectronics
STBB1XX STMICROELECTRONICS-STBB1XX Datasheet
1Mb / 20P
   Buck-boost DC-DC converter
February 2009 Rev 1
logo
Murata Manufacturing Co...
LXDC2SCAAB-352 MURATA-LXDC2SCAAB-352 Datasheet
1Mb / 23P
   Buck-Boost DC-DC converter
logo
Texas Instruments
LM3209-G3 TI1-LM3209-G3_16 Datasheet
1Mb / 22P
[Old version datasheet]   Seamless-Transition Buck-Boost Converter
logo
Richtek Technology Corp...
RT6150A RICHTEK-RT6150A Datasheet
188Kb / 13P
   Current Mode Buck-Boost Converter
logo
STMicroelectronics
AN1894 STMICROELECTRONICS-AN1894 Datasheet
310Kb / 14P
   BUCK-BOOST CONVERTER REFERENCE BOARD
logo
Recom International Pow...
RBBA3000 RECOM-RBBA3000 Datasheet
1Mb / 8P
   Non-isolated buck/boost converter
logo
STMicroelectronics
STBB1-AXX STMICROELECTRONICS-STBB1-AXX Datasheet
1Mb / 24P
   Buck-boost DC-DC converter
October 2014 Rev 4
logo
Texas Instruments
LM3269 TI1-LM3269_16 Datasheet
2Mb / 27P
[Old version datasheet]   Seamless-Transition Buck-Boost Converter
logo
Diodes Incorporated
ZXLD1374 DIODES-ZXLD1374 Datasheet
733Kb / 35P
   60V HIGH ACCURACY 1.5A BUCK/BOOST/BUCK-BOOST LED DRIVER CONVERTER
DS35032 Rev. 1 - 2
logo
Altera Corporation
ER3125QI ALTERA-ER3125QI Datasheet
2Mb / 30P
   MOSFET for Synchronous Buck or Boost Buck Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com